Part Number Hot Search : 
SST4391 M27C400 ISL6144 LU101 ICL8007 ZDT605 L1410 CAT10
Product Description
Full Text Search
 

To Download STL431 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STL431
Elektronische Bauelemente
3-Terminal
Adjustable Shunt Regulator
SOT-89
Description
The STL431 series are three-terminal adjustable regulators with guaranteed thermal stability over applicable temperature ranges. The output voltage may be set to any value between VREF (approximately 2.495V) and 36V with two external resistors. It provides very wide applications, including shunt regulator, series regulator, switching regulator, voltage reference and others.
REF. A B C D E F
Millimeter Min. Max. 4.4 4.6 4.05 4.25 1.50 1.70 1.30 1.50 2.40 2.60 0.89 1.20
REF. G H I J K L M
Millimeter Min. Max. 3.00 REF. 1.50 REF. 0.40 0.52 1.40 1.60 0.35 0.41 5 TYP. 0.70 REF.
Absolute Maximum Ratings at TA=25 oC
Parameter
Cathode Voltage Cathode Current Range (Continuous) Reference Input Current Range Operating Junction And Storage Temperature Range Total Power Dissipation
Symbol
VKA IKA IREF Tj ,Tstg PD
Ratings
37
-100~+150 -0.05~+10 -65~+150 1.0
Unit
V mA mA
o
C
W
Characteristics
Parameter Cathode Voltage Cathode Current Reference Input Voltage
at Ta = 25 :
Symbol VKA IKA STL431C STL431B STL431A VREF Min VREF 1 2.445 2.470 2.483 VREF/ T VREF/ VKA IREF IREF/ T IKA(min) IKA(off) kA Z Typ. 2.495 2.495 2.495 4.5 -1.0 -0.5 1.5 0.4 0.45 0.05 0.15 Max. 36 100 2.545 2.520 2.507 17 -2.7 -2.0 4 1.2 1.0 1.0 0.5 mV VKA=VREF,IK=10mA Tmin Ta Tmax VKA=10V~VREF VKA=36V~10V V VKA= VREF,IK=10mA Unit V mA Test Conditions
Deviation of reference Input Voltage Over temperature(note) Ratio of Change in Reference Input Voltage to the Change in Cathode Voltage Reference Input Current Deviation of reference Input Current Over Full Temperature Range Minimum Cathode Current for Regulation Off-State Cathode Current Dynamic Impedance Note: Tmin= 0 ,Tmax=+70
http://www.SeCoSGmbH.com/
mV/V IK=10mA uA uA mA uA
IK=10mA,R1=10K ,R2= IK=10mA,R1=10K ,R2= TA=Full Temperature VKA=VREF VKA=36V,VREF=0 VKA=VREF,IK=1 to 100mA,F 1.0KHz
Any changing of specification will not be informed individual
01-Aug-2002 Rev. B
Page 1 of 3
STL431
Elektronische Bauelemente 3-Terminal
Adjustable Shunt Regulator
Functional Block Diagram & Symbol
Test Circuits
Characteristics Curve
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Aug-2002 Rev. B
Page 2 of 3
STL431
Elektronische Bauelemente
3-Terminal
Adjustable Shunt Regulator
V
V
=5V
V
V
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Aug-2002 Rev.B
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of STL431

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X