Part Number Hot Search : 
IRFR410 TD6102 7493P X25256S8 ML12513 SM25GZ51 13T1C N4744
Product Description
Full Text Search
 

To Download SS14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
SS12 THRU SS110
SCHOTTKY BARRIER RECTIFIER
VOLTAGE20-100V CURRENT1.0A
FEATURES
*High reliability *Low leakage *Low forward voltage *High current capability *Super fast switching speed *High surge capability *Good for switching mode circuit
SMA(DO-214AC)
.062(1.60) .055(1.40) .181(4.60) .157(4.00) .012(0.305) .006(0.152) .114(2.90) .098(2.50)
MECHANICAL DATA
*Case: Molded plastic *Epoxy: UL94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity:Color band denotes cathode end *Mounting position: Any *Weight: 0.064 grams
.096(2.44) .078(2.00) .060((1.52) .030(0.76)
.008(0.203) .002(0.051) .208(5.28) .188(4.80)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. SYMBOL SS12 SS13 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Currentat TA=55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Instantaneous forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA=25C Maximum Full Load Reverse Current Full Cycle Average,.375"(9.5mm) lead length at TL=75C Typical Junction Capacitance (Note 2) Notes: IR CJ 15 10 pF 100 VF IFSM 0.45 0.55 0.6 1 A 30 0.7 0.85 A V Io 1 A VRRM VRMS VDC 20 14 20 30 21 30
SS14 40 28 40
SS15 50 35 50
SS16 60 42 60
SS18 80 56 80
SS110 100 70 100
units V V V
1.Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2.Measured at 1MHz and applied reverse voltage of 4.0 volts
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of SS14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X