Part Number Hot Search : 
HM51426 MAN413C 01111 324015P MCT6H 160CA 1191CB 33AFP
Product Description
Full Text Search
 

To Download SRBL2040C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRBL2030C THRU SRBL2060C
FEATURES
* * * * * * *
VOLTAGE RANGE CURRENT
30 t o 60 Volts 20.0 Ampere
Schottky Barrier Chip Guard Ring Die Construction for Transient Protechion Low Power Loss, High efficiency High Surge Capability High Current capacity and Low Forward Voltage Drop For use in low voltage high frequency inverters, Free wheeling, and polarity protection applications Plastic Material has UL Flammability Classification 94V-0
MECHANICAL DATA
* * * * * *
Case: D2-PAKmolded plastic Terminals: Plated Lead solderable per MIL-STD-202 Method 208 Polarity: As Marked on Body Weight: 1.9 grams (approx) Mounting Position: Any Marking: Type Number
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* *
Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SRBL SYMBOLS 2030C Peak Repetitive Reverse Voltage VRRM Working Peak Reverse Voltage 30 VRWM DC Blocking Voltage VR RMS Reverse Voltage VR(RMS) 21
Average Rectified Output Current (Note 1)@Tc=95 Non-Repetitive Peak Forward Surge Current 8.3ms single half sine wave superimposed on rated load (JEDEC method) Forward Voltage Drop @IF=10A,TC=25 Peak Reverse Current at Rated DC Blocking Voltage TC = 25 TC = 100
SRBL 2035C 35 25
SRBL 2040C 40 28
SRBL 2045C 45 32
SRBL 2050C 50 35
SRBL 2060C 60 42
UNIT V V A A
IO IFSM VFM IRM Cj RJC TJ TSTG 0.55
20.0 175 0.75
V mA pF
/W
Typical Junction Capacitance(Note2) Typical Resistance Junction to case(Note1) Operating and Storage Temperature Range
1.0 50 650 2.8 (-55 to +150)
Notes: 1. Thermal Resistance Junction to case mounted on heatsink 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRBL2030C THRU SRBL2060C
VOLTAGE RANGE CURRENT
30 to 60 Volts 20.0 Ampere
RATINGE AND CHARACTERISTIC CURVES SRBL2030C THRU SRBL2060C
INSTANTANEOUS FORWARD CURRENT, ( A)
) ,AVERAGE FORWARD CURRENT, ( A)
20 16 12 8 4 0
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-TYPICAL FORWARD CHARACTERISTICS
40
SRBL2030C-SRBL2045C
10
SRBL2050C-SRBL2060C
1.0
Tj =25 Pulse Width=300 s 2% duty cycle
0
TC ,CASE TMPERSTRUE( )
50
100
150
0.1 0.1
AV
0.3
0.5
0.7
0.9
1.1
I(
VF,INSTANTANEOUS FORWARD VOLTAGE( V ) FIG4 TYPICAL JUNCTION CAPACITANCE PER ELEMENT
Tj =25 f=1MHz
IFSM ,PEAK FORWARD SURGE CURRENT, ( A)
300 250 200 150 100 50 0
FIG.3 MAX NON-REPETITIVE SURGE CURRENT
8.3ms Single Half Sine-Wave JEDEC Method
4000
C j ,CAPACITANCE( pF)
1000
1
NUMBER OF CYCLES AT 60 Hz
10
100
FIG.5-TYPICAL REVERSE CHARACTERISTICS
100 0.1
VR,REVERSE VOLTAGE( v)
1.0
10
100
100
IR, INSTANTANOUS REVERSE CURRENT,( m A)
10
Tj =100
Tj =75
1.0
0.1
Tj =25
0.01 0
PERCENT OF RATED REVERSE VOLTAGE,( % )
40
80
120
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of SRBL2040C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X