Part Number Hot Search : 
SMAJ70 PCF1210H PHC850 P75N06 41771 BC858C 107M00 C6210D5
Product Description
Full Text Search
 

To Download SRB10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCHTTKY BARRIER RECTIFIER
SRB1020 THRU SRB10100
FEATURES
*
VOLTAGE RANGE CURRENT
20 to 100 Volts 10.0 Ampere
* * * * *
Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound Exceeds environmental standards of MIL-S-19500/228 Low power loss, high efficiency Low forward voltage, high current capability High surge capacity For use in low voltage, high frequency inverters Free wheeling, and polarity protection applications
MECHANICAL DATA
* * * * *
Case: TO-263( D2 -PAK)plastic Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: as marked Mounting position: Any Weight: 0.06ounce, 1.7 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SRB SRB SRB SYMBOLS 1020 1030 1035 Maximum Repetitive Peak Reverse Voltage 20 30 35 VRRM Maximum RMS Voltage VRMS 14 21 25 Maximum DC Blocking Voltage VDC 20 30 35
Maximum Average Forward Rectified Current At Tc=100 Peak Forward Surge Current 8.3ms single half sine wave superimposed on rated load (JEDEC method) Maximum Forward Voltage per at 10.0A per element Maximum DC Reverse Current at rated DC Blocking Voltage per element Typical Junction Capacitance(Note2) Typical Thermal Resistance (Note 1) Operating and Storage Temperature Range TC = 25 TC = 100 * * *
SRB 1040 40 28 40
SRB 1045 45 32 45 10.0 150
SRB 1050 50 35 50
SRB 1060 60 42 60
SRB 1080 80 56 80
SRB 10100 100 70 100
UNIT Volts Volts Volts Amps Amps
I(AV) IFSM VF IR CJ RJC TJ TSTG 0.65
0.75 0.5 50 500 3.0 (-55 to +150)
0.85
Volts mA pF
/W
Notes: 1. Thermal Resistance Junction to CASE 2. Measured at VR=4v and f=1MHz
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SCHTTKY BARRIER RECTIFIER
SRB1020 THRU SRB10100
VOLTAGE RANGE CURRENT
20 to 200 Volts 10.0 Ampere
RATING AND CHRACTERISTIC CURVES SRB1020 THRU SRB10100
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
10 40
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERSTIC
20,30,40V
20 10 8 6 4
8
INSTNTANCEOUS FORWARD CURRENT,
AVERAGE FORWARD CURRENT,
80,100V
AMPERES
AMPERES
6
2 1.0 0.8 0.6 0.4 0.2 0.1 0.4
50,60V
4
2
Tj =25 Pulse Width=200s
0
0
50
CASE TEMPERATRUE ( )
100
150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
INSTANTANEOUS FORWART VOLTAGE,VOLTS
FIG.4-MAXIMUM NON-REPETITIVE SURGE CURRENT
150
FIG.2-TYPICAL REVERSE CHARACTERISTICS
100
130
8.3ms Single Half Sine-Wave JEDEC Method
110
PEAK FORWARD SURGE
TC=100
CURRENT,AMPERES
90
70
INSTANTANEOUS REVERSE CURRENT, MILIAMPERES
50
10
30
20
TC=75
0 1 1.0 2 5 10 20 50 100
NUMBER OF CYCLES AT 60 Hz
FIG.5-TYPICAL JUNCTION CAPACITANCE
TC=25
400
CAPACITANCE,pF
0.1
350
300
250
TJ =25
200
0.01
0
100
120
200
300
150
REVERSE VOLTAGE VOLTS
1 2 5 10 20 50 100 200 500
REVERSE VOLTAGE,VOLTS
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of SRB10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X