Part Number Hot Search : 
160160 60GB2APB BZX84C3W P80NF06 C100MC A1225 F060250 MBR880L
Product Description
Full Text Search
 

To Download SM12TC-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM12T Series
Miniature SMD Crystal
June 2008
* Pletronics' SM12T Series is a miniature surface mount crystal. * Package is ideal for automated surface mount assembly and reflow practices. * Tape and Reel packaging
* * * * *
10 MHz to 80 MHz Fundamental Mode 40 MHz to 150 MHz 3rd Overtone 3.5 x 6 mm 4 pad AT Cut Crystal Ideal for use in hand held consumer products.
Pletronics Inc. certifies this device is in accordance with the RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following: Cadmium, Hexavalent Chromium, Lead, Mercury, PBB's, PBDE's Weight of the Device: 0.06 grams Moisture Sensitivity Level: 1 As defined in J-STD-020C Second Level Interconnect code: e4
Electrical Specification:
Item Frequency Range Min 10 40 Calibration Frequency Tolerance Frequency Stability over OTR Equivalent Series Resistance (ESR) 10 3 Drive Level Shunt Capacitance Aging (C0) -3 -2 Operating Temperature Range Storage Temperature Range -40 -55
160 140 120 100 80 60 40 20 0 -20 -40 -60 -80 -100 -120 -140 -160 -60 -40 -20 0 20 40 60 80 100 120
Max 80 150 50 150 60 50 100 100 5 +3 +2 +125 +125
Unit MHz MHz ppm ppm Ohms Ohms Ohms W pF ppm /Yr ppm /Yr
o o
Condition Fundamental Mode 3rd Overtone _ at +25oC + 3oC, see part number for options see part number for available options 10 MHz to 16 MHz 16 MHz to 50 MHz 40 MHz to 150 MHz use 10 W for testing Pad to Pad capacitance for the first year after the first year see part number for available options 3rd Overtone Fundamental
C C
Deviation (ppm)
AT Cut Crystal Frequency versus Temperature Typical Performance:
Temperature (oC)
Product information is current as of publication date. The product conforms to specifications per the terms of the Pletronics standard warranty. Production processsing does not necessarily include testing of all parameters.
Copyright (c) 2008, Pletronics Inc.
SM12T Series
Miniature SMD Crystal
June 2008
Part Number:
SM12T -18 -14.31818M20 E 1 L K -XX
See chart below for available options Internal code or blank Highest Specified Operating Temperature G = 70oC N = 100oC A = 40oC o o B = 45 C H = 75 C P = 105oC o o C = 50 C J = 80 C R = 110oC D = 55oC K = 85oC S = 115oC E = 60oC L = 90oC T = 120oC o o M = 95 C U = 125oC F = 65 C Lowest Specified Operating Temperature F = -15oC L = -40oC A = +10oC o o G = -20 C M = -45oC B = +5 C C = 0oC H = -25oC N = -50oC J = -30oC P = -55oC D = -5oC o o E = -10 C K = -35 C Mode: 1 = Fundamental 3 = 3rd Overtone Frequency Stability See chart below
Calibration Frequency Tolerance 10 = + 10 ppm at 25oC + 3oC _ _ 15 = + 15 ppm at 25oC + 3oC _ _ 20 = + 20 ppm at 25oC + 3oC _ _ 50 = + 50 ppm at 25oC + 3oC (Standard) _ _ Frequency in MHz Cload in pF Parallel Resonance from 06 to 32 pF or SR = Series Resonance Series Model
Available Frequency Stability versus Temperature in ppm Operating Temperature Range 0 to +45oC 0 to +50oC 0 to +60oC 0 to +70oC -10 to +50oC -10 to +60oC -10 to +75oC -20 to +70oC -20 to +75oC -30 to +75oC -30 to +80oC -30 to +85oC -35 to +80oC -40 to +85oC -40 to +90oC -40 to +105oC -40 to +125oC A CODE CB CC CE CG EC EE EH GG GH JH JJ JK KJ LK LL LP LU + 3.0 _ B + 5.0 _ C + 8.0 _ D + 10 _ E + 15 _ F + 20 _ G + 30 _ H + 50 _ J + 100 _ K + 150 _
! ! !
! ! ! ! ! !
! ! ! ! ! ! ! !
! ! ! ! ! ! ! ! ! ! ! !
! ! ! ! ! ! ! ! ! ! ! ! ! ! ! !
! ! ! ! ! ! ! ! ! ! ! ! ! ! ! !
! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! !
! ! !
STD
! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! !
! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! !
! ! ! ! ! ! ! ! ! ! ! ! !
Legacy Part Number (not for new designs):
www.pletronics.com 425-776-1880
2
SM12T Series
Miniature SMD Crystal
June 2008
SM12T B
E
-18
-11.0592M
-XX
Internal code or blank Frequency in MHz Cload in pF Parallel Resonance from 6 to 32 pF or SR = Series Resonance Operating Temperature Range Blank = 0 to + 70oC E = -40 to +85oC Calibration Tolerance / Frequency Stability Blank = 50/50 (Standard) A = 30/50 B = 30/30 C = 15/30 D = 10/20 (not all frequencies) Model Number
Reliability: Environmental Compliance
Parameter Mechanical Shock Vibration Solderability Thermal Shock Condition MIL-STD-883 Method 2002, Condition B MIL-STD-883 Method 2007, Condition A MIL-STD-883 Method 2003 MIL-STD-883 Method 1011, Condition A
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Courier New Bar code is 39-Full ASCII Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Arial
www.pletronics.com
425-776-1880
3
SM12T Series
Miniature SMD Crystal
June 2008
Mechanical:
Inches A 0.138 + 0.008 _ 0.236 + 0.008 _ 0.047 max 0.035 0.004 0.059 0.055 0.118 0.004 mm 3.5 + 0.2 _ 6.0 + 0.2 _ 1.2 max 0.9 0.1 1.5 1.4 3.0 0.1
4
4
1
B C D1 E
1
3
3
2
F1 G1 H1
Contacts : Gold 11.8 inches 0.3 m minimum over Nickel 50 to 350 inches 1.27 to 8.89 m
J Not to Scale
1
1
Typical dimensions
Connection (top view):
Pad 2 and Pad 4 are common and connected to the metal cover. They are not connected to the crystal.
1
4
2
3
Layout and application information
* Trace lengths to the crystal should be kept as short as possible. * The crystal connections are sensitive to noise. * The package should be grounded for optimum performance, pad 2 and/or pad 4 connected to ground.
www.pletronics.com
425-776-1880
4
SM12T Series
Miniature SMD Crystal
June 2008
Part Marking:
fff.fff M PymdC * * Where fff.fff Pymd C = frequency in MHz = Pletronics and Date code = Capacitance load code (see table below)
Orientation of marking may be mixed on the tape Traceability of part is lost once removed from reel B C D 8 E F G H J K L M N P Q R S T U VW X Y
Code A pF
10 12 13
15 18 20 22 24 26 28 30 32 34 36 27 series 33 50 19 16 17 14
Codes for Date Code YMD
Code Year Code Month Code Day Code Day Code Day 1 1 D 13 T 25 6 2006 A JAN 2 2 E 14 U 26 7 2007 B FEB 3 3 F 15 V 27 8 2008 C MAR 4 4 G 16 W 28 9 2009 D APR E MAY 5 5 H 17 X 29 0 2010 F JUN 6 6 J 18 Y 30 1 2011 G JUL 7 7 K 19 Z 31 H AUG 8 8 L 20 2 2012 J SEP 9 9 M 21 K OCT A 10 N 22 L NOV B 11 P 23 M DEC C 12 R 24
www.pletronics.com
425-776-1880
5
SM12T Series
Miniature SMD Crystal
June 2008
Reflow Cycle (typical for lead free processing)
260C Maximum 10 Seconds Maximum 215C10C 175C10C
Temperature (C)
250 200 150 100
120 to 160 Seconds
Approximately 50 Seconds Allowed rate of temperature change Maximum 4C per second
The part may be reflowed 2 times without degradation.
Tape and Reel: available for quantities of 250 to 3000 per reel (<1000 will be cut tape)
Constant Dimensions Table 1 Tape Size 8mm 12mm 16mm 24mm 1.5 +0.1 -0.0 D1 Min 1.0 1.5 1.5 1.5 1.75 _0.1 + 4.0 0.6 _ +0.1 2.0 _0.1 + 0.25 0.1 S1 Min T Max T1 Max
D0
E1
P0
P2
2.0 _ +0.05
Variable Dimensions Table 2 Tape Size 16 mm B1 Max 12.1 E2 Min F P1 T2 Max 8.0 W Max 16.3 Ao, Bo & Ko Note 1 Not to scale
14.25
7.5 +0.1 _
8.0 +0.1 _
Note 1: Embossed cavity to conform to EIA-481-B
Dimensions in mm
REEL DIMENSIONS A inches mm B inches mm C D mm mm 16.4 +2.0 -0.0 7.0 177.8 2.50 63.5 10.0 254.0 4.00 101.6 13.0 +0.5 / -0.2 16.4 +2.0 -0.0 16.4 +2.0 -0.0 16.0 13.0 330.2 3.75 95.3 Tape Width
Reel dimensions may vary from the above
www.pletronics.com
425-776-1880
6
SM12T Series
Miniature SMD Crystal
June 2008
IMPORTANT NOTICE Pletronics Incorporated (PLE) reserves the right to make corrections, improvements, modifications and other changes to this product at anytime. PLE reserves the right to discontinue any product or service without notice. Customers are responsible for obtaining the latest relevant information before placing orders and should verify that such information is current and complete. All products are sold subject to PLE's terms and conditions of sale supplied at the time of order acknowledgment. PLE warrants performance of this product to the specifications applicable at the time of sale in accordance with PLE's limited warranty. Testing and other quality control techniques are used to the extent PLE deems necessary to support this warranty. Except where mandated by specific contractual documents, testing of all parameters of each product is not necessarily performed. PLE assumes no liability for application assistance or customer product design. Customers are responsible for their products and applications using PLE components. To minimize the risks associated with the customer products and applications, customers should provide adequate design and operating safeguards. PLE products are not designed, intended, authorized or warranted to be suitable for use in life support applications, devices or systems or other critical applications that may involve potential risks of death, personal injury or severe property or environmental damage. Inclusion of PLE products in such applications is understood to be fully at the risk of the customer. Use of PLE products in such applications requires the written approval of an appropriate PLE officer. Questions concerning potential risk applications should be directed to PLE. PLE does not warrant or represent that any license, either express or implied, is granted under any PLE patent right, copyright, artwork or other intellectual property right relating to any combination, machine or process which PLE product or services are used. Information published by PLE regarding third-party products or services does not constitute a license from PLE to use such products or services or a warranty or endorsement thereof. Use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from PLE under the patents or other intellectual property of PLE. Reproduction of information in PLE data sheets or web site is permissible only if the reproduction is without alteration and is accompanied by associated warranties, conditions, limitations and notices. Reproduction of this information with alteration is an unfair and deceptive business practice. PLE is not responsible or liable for such altered documents. Resale of PLE products or services with statements different from or beyond the parameters stated by PLE for that product or service voids all express and implied warranties for the associated PLE product or service and is an unfair or deceptive business practice. PLE is not responsible for any such statements. Contacting Pletronics Inc. Pletronics Inc. 19013 36th Ave. West Lynnwood, WA 98036-5761 USA Tel: 425-776-1880 Fax: 425-776-2760 E-mail: ple-sales@pletronics.com URL: www.pletronics.com
Copyright (c) 2008, Pletronics Inc.
www.pletronics.com
425-776-1880
7


▲Up To Search▲   

 
Price & Availability of SM12TC-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X