Part Number Hot Search : 
2SC3998 2SC35 1N4148 B26AH 1SMB100 145103DP NS0013A PC2501
Product Description
Full Text Search
 

To Download SD103AWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Diodes
SURFACE MOUNT SCHOTTKY BARRIER DIODE SD103AWS
SOD-323
+0.1 1.7-0.1
Unit: mm
Low Forward Voltage Drop
+0.1 2.6-0.1
1.0max
Guard Ring Construction for Transient Protection Negligible Reverse Recovery Time Low Capacitance Ultra-small Surface Mount Package
+0.05 0.1-0.02
0.475
0.375
Absolute Maximum Ratings Ta = 25
Parameter Peak Repetitive Reverse voltage Working Peak Reverse Voltage DC Blocking Volatge RMS Reverse Voltage Forward Continuous Current (Note 1) Non-Repetitive Peak Forward Surge Current @ t Power Dissipation (Note1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Note: 1. Part mounted on FR-4 PC borad with recommended pad layout. 1.0s Symbol VRRM VRWM VR VR(RMS) IFM IFSM Pd ReJA Tj, TSTG 28 350 1.5 200 625 -65 to+125 V mA A mW /W 40 V Value Unit
Electrical Characteristics Ta = 25
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage Drop (Note 2) Peak Reverse Leakage Current (Note 2) Total Capacitance Reverse Recovery Time Note: 2. Short duration test pulse used to minimize self-heating effect. Symbol V(BR)R VFM IRM CT trr Test Condition VR = 10 A Min 40 0.37 0.6 5.0 50 10 A pF nS Typ Max Unit V V
IF = 20 mA IF = 100 mA VR = 30 V VR = 0 V, f = 1.0 MHz IF = IR = 200 mA Irr = 0.1 x IR, RL = 100
Marking
Marking S4
+0.1 1.3-0.1
Features
+0.05 0.3-0.05
+0.05 0.85-0.05
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of SD103AWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X