Part Number Hot Search : 
T2D10 UR2KB80 AD9100JD AN1535 2SK41 YDC10 LA4138 DG211CUE
Product Description
Full Text Search
 

To Download SCF42324 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S/MON/SCF42324/C/30/07/2004
page 1 /2 F/GB
Relais statique monophase de puissance Power Solid State Relay
* Sortie AC synchrone : 12-275VAC-25A * Connection de puissance et de commande :Cosses FASTON * Protection par VDR interne * Adapte aux charges resistives * 12-275VAC -25A Zero-Cross AC Output. * Power and Control connections by FASTON terminal. * Internal VDR protection. * Designed for resistive loads.
Dimensions/Size
SCF42324
12-30VDC control 25A/230VAC output
Application typique/Typical application
12-280VAC protection reseau line protection
33 max 19,6 O4,7 28
1~ 2~ 47,6
Entree control 12-30VDC
4-
1~
0,8
40,1
+
58
3+
2~
46,35 7,5
3+
* 1-2 peuvent etre inversees/ 1 -2 can be changed * le relais doit etre monte sur dissipateur thermique / SSR must be mounted on a heatsink
30,4 44,5
5,2
CHARGE/LOAD
Caracteristiques de commande (a 20C) / Control characteristics (at 20C) Parametre / Parameter Tension de commande / Control voltage Courant de commande / Control current (@ Uc ) Tension de relachement/Release voltage Resistance interne / Input internal resistor fig.1 Tension inverse / Reverse voltage Symbol Uc Ic Uc off Rc Urv Min 12 3 1 DC Nom Max 30 30 Unit V mA V V VRMS VRMS V
30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0
fig. 1 :Caracteristique d'entree / Control characteristic
fig1 : Caracteristique d'entree / Control characteristic
1000 30
Caracteristiques d'entree-sortie (a 20C) / Input-output characteristics (at 20C) Isolement entree-sortie/Input-output isolation @500m Ui 4000 Isolement sortie-semelle/Output-case isolation @500m Ui 4000 Tension assignee Isolement/Rated impulse voltage Uimp 4000 Caracteristiques generales / General characteristics Parametre / Parameter Poids/Weight Plage de temperature de stockage / Storage temperature range Plage de temperature de fonctionnement/Operating temperature range
Ic (mA)
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Uc (V)
Conditions
Symbol
Typ. 90 -40 / +100 -40 / +100
Unit g C C
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
celduc
r e l a i
s
S/MON/SCF42324/C/30/07/2004
Caracteristiques de sortie(a 20C) / Output characteristics (at 20C) Parametre / Parameter Tension de charge / Load voltage Plage tension de fonctionnement / Operating range Tension ecretage / Clamping voltage by VDR Niveau de synchonisation / Synchronizing level Tension d'amorcage / Latching voltage Courant nominal AC-51/ AC-51 nominal current Courant nominal AC-53/ AC-53 nominal current Courant de surcharge non repetitif /Non repetitive overload current Chute tension directe crete/ On state voltage drop Courant de fuite etat bloque/ Off state leakage current Courant de charge minimum / Minimum load current Temps de fermeture/ Turn on time Temps d'ouverture/ Turn off time Plage de frequence / Operating frequency range dv/dt etat bloque / Off state dv/dt dI/dt maximum non repetitif/ Maximum di/dt non repetitive I2t (<10ms) EMC Test d'immunite conduite / Conducted immunity level EMC Test d'immunite conduite / Conducted immunity level Conformite / Conformity
Pd ( watts) 40 35 30 25 20 15 10 5 0 0 2 4 6 8 10 12 14 16 18 20 22 24 26 0 10 20 30 0,95K/W 1,1K/W Full on state 1,6K/W 2,2K/W
page 2 / 2 F/GB
Conditions Symbol Typ. Ue 230 Uemin-max 12-275 Up 600(450V) Usync 12 Ua 8 Ie AC-51 25 Itsm Vd Ilk Ie min ton max toff max f dv/dt di/dt I2t Unit V rms V rms V V V A rms
Ie nom ( see Fig. 2 )
*
tp=10ms (Fig. 3) @ Ie nom @Ue, 50Hz Uc nom DC ,f=50Hz Uc nom DC ,f=50Hz 250 A 1,2 V <3 mA 5 mA 10 ms 10 ms 0,1-440 Hz 500 V/s 50 A/s 312 A2s 2kV criterion B 2kV crit.A with external VDR
IEC 1000-4-4 (burst) IEC 1000-4-5(schocks) EN60947-4-x
T case max (C) 70
Fig. 2 Courbes thermiques / Thermal characteristics
0,75K/W
* For other loads
consult celduc Pour autres charges consulter celduc
Connexions limites a 20A Connection limitation 20A
80
90
50% on state 6K/W
100
40 50 60
70
80
90
100 110 120
RMS load current : I (A)
Ambient temperature : Tamb (C)
Fig.3 Surcharge de courant : Itsm (Apeak) = f(t) pour modele 25A(Itsm=230A) Surge current : Itsm (Apeak) = f(t) for 25A models with Itsm =230A 250 Itsm (Apeak) 200 150 100 50 0
Surcharge de courant non repetitive sans tension reappliquee / No repetive surge current without voltage reapplied. Surcharge de courant repetitive avec tension reappliquee Repetive surge current with voltage reapplied.
1 -Itsm non repetitif sans tension reappliquee est donne pour la determination des protections. No repetitive Itsm is given without voltage reapplied for the determination of the protection. 2 -Itsm repetitif est donne pour des surcharges de courant (Tj initiale=70C). La repetition de ces surcharges de courant diminue la duree de vie du Relais. Repetitive Itsm is given for inrush current with initial Tj = 70C. The repetition of the surge current decrease the lifetime SSR's .
0,01
0,1 t(s)
1
10
Precautions : * Les relais a semiconducteurs ne procurent pas d'isolation galvanique entre le reseau et la charge.
Cautions : * Semiconductor relays don't provide any galvanic insulation between the load and the mains.
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of SCF42324

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X