Part Number Hot Search : 
TLMK3210 PSMN1R EUR2600M 155TM7 25LC640 PS7200 LM3S8971 ZVN0540A
Product Description
Full Text Search
 

To Download SCD32L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCD32L
Elektronische Bauelemente
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
THRU
SCD34L
VOLTAGE 20V ~ 40V
3.0 AMP Low Vf Schottky Barrier Rectifiers
2010
.181(4.60)
FEATURES
* Plastic package has Underwriters Laboratory Flammability * Classification 94V-0 * Low profile package * Built-in strain relief * Metal to silicon rectifier , majority carrier conduction * Low power loss , High efficiency * High current capability , low VF * High surge capacity * For using in low voltage high frequency switching power supply, inverters , free wheeling , and polarity protection applications
0.091(2.30) 0.083(2.10)
.173(4.40)
.002(0.05)
.50 )
R
2 0.0
0(0
0.049(1.25) 0.033(0.85)
0.049(1.25) 0.033(0.85)
0.049(1.25) 0.033(0.85)
MECHANICAL DATA
* Case : Packed with FRP substrate and epoxy underfilled * Terminals : Solder plated , solderable per MIL-STD-750, Method 2026 * Polarit y : Laser marking * Weight : 0.02 gram
* Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 ae ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (See FIG. 1) Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 3.0A (Note1) Maximum DC Reverse Current (Note1) Ta=25ae at Rated DC Blocking Voltage Ta=100ae
Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
SYMBOLS VRRM VRMS VDC I(AV)A
IFSM VF IR RJA RJL TJ TSTG
SCD32L
SCD34L
UNITS
20 20 20 3 80 0.38 1 40 75 17 -50 ~ +125 -65 ~ +150
40 40 40
V V V A A
V mA
ae /W
0.41
ae ae
NOTES: 1. 2. Pulse test width PW=300 usec, 1% duty cycle. Mounted on P.C. board with 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
http://www.Se CoSGmbH. c om/
01-Jun-2002 Rev. A
Any changi ng of specification will not be informed individual
Page 1 of 2
SCD32L
Elektronische Bauelemente
THRU
SCD34L
VOLTAGE 20V ~ 40V
3.0 AMP Low Vf Schottky Barrier Rectifiers
FIG.1 - FORWARD CURRENT DERATING CURVE 3.0 80 70 60 50 40 30 20 10 0 1
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
2.0
RESISTIVE OR INDUCTIVE LOAD P.C.B. MOUNTED ON 0.2X0.2"(5.0X5.0mm) COPPER PAD AREAS SCD34L
PEAK FORWARD SURGE CURRENT, AMPERES
8.3ms Single Half Sine-Wave (JEDEC Method)
1.0
SCD32L
0
0
50
70
90
110
130
o
150
170
10 NUMBER OF CYCLES AT 60Hz
100
LEAD TEMPERATURE, C
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
1.00
SCD32L
SCD34L
1.0
TJ=100 C
o
0.10
0.10
0.01
TJ=25 C
o
0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 .001 0 20 40 60 80 100 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
500
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25 C f=1.0MHz Vsig=50mVP-P
o
JUNCTION CAPACITANCE, pF
100
10
.1
1.0
10
100
REVERSE VOLTAGE, VOLTS
http://www.SeCoSGmbH.c om/
01-Jun-2002 Rev. A
Any changi ng of specification will not be informed individual
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SCD32L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X