Part Number Hot Search : 
A1540 VNQ810M S1202 SP3078E IC16F8 2SB899F AM2147 330K100
Product Description
Full Text Search
 

To Download SBR30100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBR30100
Elektronische Bauelemente VOLTAGE 100 V 30.0 Amp Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
FEATURES
Low forward voltage drop High current capability High reliability High surge current capability Epitaxial construction
TO-247 (TO-3P)
.144(3.65) .128(3.25) DIA. .244(6.20) .228(5.8) .881(22.38) .812(20.63) .122(3.1) .110(2.8) .638(16.20) .605(15.38) .319(8.10) .303(7.69)
.204(5.20) .181(4.60) 30
.177(4.50) .153(3.90)
MECHANICAL DATA
Case: Molded plastic Epoxy: UL94V-0 rate flame retardant Lead: Lead solderable per MIL-STD-202 method 208 guaranteed Polarity: As Marked Mounting position: Any Weight: 6.1 grams (Approximately)
.846(21.50) .728(18.50)
.050(1.30) .045(1.10) .223(5.66) .207(5.26)
.095 (2.4) .027(0.70) .019(0.48)
Dimensions in inches (millimeters)
Pin 1 Pin 3
Pin 2 Case
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, See Fig. 1
SYMBOL
VRRM VRSM VDC (Per Leg) (Per Device) IF IFSM VF IR CJ RJA dv / dt TJ TSTG
VALUES
100 100 100 15 30 180 0.85 0.72 0.03 6 350 2.5 10000 -50 ~ +150 -65 ~ +175
UNITS
V V V A A V mA pF C / W V / s
Peak Forward Surge Current, 8.3 ms single half sine-wave Superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage (IF=15 A, TA =25C, per leg) Maximum Instantaneous Forward Voltage (IF=15 A, TA =125C, per leg) Maximum DC Reverse Current at TA = 25C Rated DC Blocking Voltage TA = 125C Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Voltage Rate of Chance (Rated VR) Operating Temperature Range Storage Temperature Range
NOTES: 1. Measured at 1MHz and applied reverse voltage of 5.0V D.C. 2. Thermal Resistance Junction to Case.
C C
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
01-June-2002 Rev. A
Page 1 of 2
SBR30100
Elektronische Bauelemente VOLTAGE 100 V 30.0 Amp Schottky Barrier Rectifiers
RATINGS AND CHARACTERISTIC CURVES
Typical Forward Current Derating Curve
Average Forward Current (A); per Leg
Typical Forward Characteristic
Tc, Case Temperature ( )
Typical Junction Capacitance
400
Junction Capacitance (pF)
Instantaneous Forward Current (A) ,Per Leg
Forward Voltage (V)
300
200
100
Typical Reverse Characteristic
0
0.1
1
10
100
Revise Voltage (%)
200
Peak Forwad surge Current (A)
160
Tj=25
8.3mS Single half Sine Wave JEDEC Method
120
80
40
0 0 10 100
Number of Cycles at 60Hz
Reverse Current(mA)
Maximum Non- Repetitive Forward Surge Current
Reverse Voltage(V)
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
01-June-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SBR30100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X