Part Number Hot Search : 
ES1DL MTL5041 FN4413 7EEMXX TFS438 LSM776 FR153 BUK75
Product Description
Full Text Search
 

To Download SBR2040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBR2040
Elektronische Bauelemente
VOLTAGE 40V 20 .0AMP Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
TO-220
FEATURES
* Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction
.108 (2.75) .412 (10.5) MAX.
3.8 f +.2 HOLE THRU .248 (6.3)
.180 (4.6)
.050 (1.27)
.595 (15.1) MAX.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Lead solderable per MIL-STD-202, method 208 guaranteed * Polarity: As Marked * Mounting position: Any * Weight: 2.24 grams(Approximately)
.051 MAX. (1.3) .040 MAX. (1.0) .100 (2.54)
.550 (14.0) .158 (4.0) MIN. MAX. .120 (3.05) PIN 1 PIN 3 + CASE PIN 2
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Working Peak Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (Per Leg) (Per Device) Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage (IF = 10 Amps,TF= 25 C, per leg) Maximum Instantaneous Forward Voltage (IF = 10 Amps,TF= 125 C, per leg) Maximum DC Reverse Current Ta=25 oC at Rated DC Blocking Voltage Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note 2) Voltage Rate Of Chance (Rated VR) Operating Temperature Range Storage Temperature Range
NOTES:
SYMBOL VRRM VRSM VDC IF IFSM VF IR CJ RJA dv/dt TJ TSTG
SBR2040 40 40 40 10 20 180 0.57 0.53 0.30 15 450 2.5 10000 -50 ~ +150 -65 ~ +175
UNITS V V V A
A V mA
o
Ta=125 C
o
pF C/W C C
V/us
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C. 2. Thermal Resistance Junction to Case.
01-Jun-2006 Rev. A
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
Page 1 of 2
SBR2040
Elektronische Bauelemente
VOLTAGE 40V 20 .0AMP Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES
Typical Forward Current Derating Curve
15
Typical Forward Characteristic
50
Average Forward Current (A); per Leg
10
Instantaneous Forward Current (A) ,Per Leg
10 75J 100J
5
50J 1 25J
0 20 50 100 150 190
Tc, Case Temperature (J)
Typical Junction Capacitance
800
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
Forward Voltage (V)
Junction Capacitance (pF)
600
400
200
Typical Reverse Characteristic
10 100J
0
0.1
1
10
100
Revise Voltage (%)
75J
Maximum Non- Repetitive Forward Surge Current
200
1
Peak Forwad surge Current (A)
Reverse Current(mA)
50J 0.1
160
Tj=25J
8.3mS Single half Sine Wave JEDEC Method
120
25J
80
0.01
40
0 0 10 100
0.001 1
10
20
30
40
50
Number of Cycles at 60Hz
http://www.SeCoSGmbH.com
Reverse Voltage(V)
Any changing of specification will not be informed individua
01-Jun-2006 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SBR2040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X