Part Number Hot Search : 
2SC2036 J0026D21 GTXO570 UPD70 MC56F TD1413 FX0359 21201
Product Description
Full Text Search
 

To Download SB160H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB120H~SB1100H
SCHOTTKY BARRIER RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory
1.0(25.4)MIN.
20 to 100 Volts
CURRENT
1.0 Amperes
DO-41
Unit: inch(mm)
Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * For use in low voltage,high frequency inverters ,free wheeling , and polarity protection applications . * Pb free product : 99% Sn above can meet RoHS environment substance directive request
.034(.86) .028(.71)
MECHANICAL DATA
1.0(25.4)MIN.
.205(5.2) .160(4.1)
.107(2.7) .080(2.0)
* Case: DO-41 Molded plastic * Terminals: Axial leads, solderable per MIL-STD-750,Method 2026 * Polarity: Color band denotes cathode * Mounting Position: Any * Weight: 0.012 ounces, 0.34grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
PARAMETER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) lead length at TA =75OC Peak Forward Surge Current : 8.3ms single half sine-wave superimposed on rated load(JEDEC method) Maximum Forward Voltage at 1.0A Maximum DC Reverse Current TJ=25OC at Rated DC Blocking Voltage TJ=100OC Maximuml Thermal Resistance Operating Junction and Storage Temperature Rang
SYMBOL SB120H SB130H SB140H SB150H SB160H SB180H SB1100H UNITS VRRM VRMS V DC IF(AV) IFSM VF IR RJA TJ,TSTG 0.50 0.5 10 50 -50 TO +150
O
20 14 20
30 21 30
40 28 40
50 35 50 1.0 30 0.70
60 42 60
80 56 80
100 70 100
V V V A A
0.85
V
mA
C/W
O
C
STAD-MAR.06.2006
PAGE . 1
SB120H~SB1100H
RATING A ND CHA RA CTERISTIC CURVES
AVERAGEFORWARD RECITIFIED CURRENT AMPERES
, PEAK FORWARDSURGECURRENT AMPERES
1.0
SINGLEPHASEHALFWAVE60Hz RESISTIVEORINDUCTIVELOAD P .C.B MOUNTED ON 0.2 X 0.2"( 5.0 X 5. 0mm) COPPERPADAREAS
30 25 20 15 10 5 0 1 10
NO. OF CYCLE AT 60HZ
.75
.50
.25
0 0 25 50 75 100 125
O
150
175
100
AMBIENT TEMPERATURE C Fig.1- FORWARD CURRENTDERATING CURVE
Fi g .2-MA XIMUMNON-REPETITIVEPEA K FORWA RD SURGE CURRENT
10 5
10
50-60V 20-40V
10
3
T J =125 C
2
O
FORWARD CURRENT, AMPERES
10
REVERSE CURRENT, uA
4
1.0
10
T J =75 C 10
1
O
80-100V
0.1
T A = 25 O C
10
0
10
-1
T J =25 C 10
-2
O
V RRM =20-60V V RRM =80-100V
0.01
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1.0
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSECHARACTERISTIC
Fig.4- TYPICAL INST ANTANEOUS FORWARD CHARACTERISTIC
LEGAL STATEMENT
Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-MAR.06.2006
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB160H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X