Part Number Hot Search : 
NE612AN KBU3506 805SF FR105 CL766 1N5924B 1005C 3562A
Product Description
Full Text Search
 

To Download SAN-404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
Flex 404
Four-Zone Fire Alarm Control Panel
Description
The Gamewell Flex 404 Fire Alarm Control Panel brings the latest in microprocessor technology to conventional fire controls. The Flex 404 is compatible with the new i TM smoke detectors from System Sensor, and provides advanced features including drift compensation, maintenance alert, and freeze warning. Automatic synchronization of audio/visual devices is provided, selectable for three manufacturers' protocols. The NAC protocol includes the ability, using a single pair of wires, to silence audible devices
while strobes continue to flash. The Flex 404 is also compatible with conventional input devices such as twoand four-wire smoke detectors, pull stations, waterflow devices, tamper switches and other normally-open contact devices.
Operation
The activation of a compatible smoke detector or any normally-open fire alarm initiating device will: activate audible and visual signaling devices, illuminate an indicating LED, sound the piezo sounder at the FACP, activate the FACP alarm relay, and operate an optional module which notifies a remote station or initiates an auxiliary control function.
iTM Technology Features
* Drift compensation automatically adjusts detector sensitivity and increases resistance to false alarms caused by dust accumulation. * The maintenance alert LEDs (per zone) warn of excessive dirt accumulation, preventing false alarms. * Detector sensitivity is automatically measured. The twice-yearly test requirements of NFPA 72 (7-3.2.1) are met without using a ladder or test meter. * The wireless handheld sensitivity meter eliminates the need for voltmeters, magnets, or a physical connection to the detector. The reader displays sensitivity in terms of percent-per-foot obscuration and provides text status indication. * The supervisory LED (per zone) provides a warning if a detector senses temperatures approaching freezing. * Special test protocol and LED indication allow a quick test of all detectors -- without a ladder. * Electronic heat-sensing element provides thermal detection in addition to photoelectronic smoke detection.
* Four Style B (Class B) Initiating Device Circuits (IDCs); two Style Y (Class B) Notification Appliance Circuits (NACs); optional module (P/ N CAC-4) converts 4 IDCs and two NACs to Class A. 24 VDC. * NAC synchronization features: - Provides synchronization of standard ANSI audible signals as required by NFPA 72 (3-8.4.1.2.3). - Provides synchronization of ADA compliant strobes per NFPA 72 (4-4.4.1). - Selectable for System Sensor, CooperWheelock,& Gentex protocols. - Selective Silence feature allows manual silencing of horns while strobes continue to flash on the same NAC. * Silent or Audible Walk Test operation mode commanded from the front keypad, with automatic return to normal after one hour of inactivity. * Alarm verification selectable per zone. * Each zone may be programmed for supervisory or fire; each zone has separate red and yellow LEDs. * Disable switches provided for each zone. * NACs programmable for: Silence Inhibit, Auto Silence, Strobe Synchronization, Selective Silence (horn/strobe mute), Temporal or Steady signal, Silenceable or Nonsilenceable. * Form-C Alarm, Trouble, and Supervisory relays. * 3.0 A (6.0 A with optional second transformer) total usable current. * Piezo sounder for alarm, trouble, supervisory, and maintenance. * Control buttons: ACK (Acknowledge), Alarm Silence, Reset, Walktest, Zone Enable/Disable (one per zone). * LED indicators: Fire Alarm (one per zone), Supervisory (one per zone), Trouble (one per zone), Maintenance (one per zone), AC Power, NAC Disable, Zone Disable, NAC Fault, System Trouble, Power Trouble, Walktest, Alarm Silence, Earth Fault (on circuit board), Battery Fault (on circuit board), Charger Fault (on circuit board). * Optional dress panel (P/N DP-FLEX). * Optional modules: plug-in transmitter module (P/N 4XTMF); plug-in zone relay module (P/N 4XZMF); transmitter module (P/N 4XLMF) for SAN-404 remote LED annunciator. Listings Listings and approvals below apply to the basic Flex 404 panel. In some cases, certain modules may not be listed by certain approval agencies, or listing may be in process. Consult factory for latest listing status. * UL Listed: file S521. * CSFM approved: file 7165-1288:180. * MEA approved: file 366-04-E.
Flex 404 Four-Zone FACP
CS-2404
09/01/06
g2404ph1.jpg
Page 1 of 2
Backbox Mounting
The cabinet can be surface-mounted. The door is removable during installation by opening and lifting it off the hinges. The cabinet mounts using two key slots at the top of the backbox and two additional 0.250" diameter holes at the bottom.
Specifications
AC power, TB8 120 VAC, 50/60 Hz, 2.3 A. Wire size: minimum 14 AWG (2.0 mm) with 600 V insulation. Battery (sealed lead-acid only), J8 Maximum charging circuit: normal flat charge 27.6 VDC @ 0.8 A. Maximum battery charger capacity: 18 AH battery. Two 7 AH batteries can be housed in the FACP cabinet.Larger batteries require a separate battery box i.e. BB-17F. Initiating device circuits, TB3 Alarm zones 1 - 4. Power-limited circuitry. Operation: all zones Style B (Class B). Normal operating voltage: nominal 22 VDC. Alarm current: 15 mA minimum. Standby current: 4 mA. Short circuit current: 40 mA maximum. Maximum loop resistance: 100 ohms. Endof-line resistor: 4.7K ohm, 1/2 watt (P/N 71252). Notification appliance circuits, TB2 Two NACs on Flex 404. Power-limited circuitry. Normal operating voltage: nominal 24 VDC. Maximum signaling current: 2.5 A total with standard transformer; 5.0 A total (2.5 maximum per NAC) with optional transformer. End-of-line resistor: 4.7K ohm, 1/2 watt (P/N 71252). Form-C relays Trouble relay TB5 (fail-safe). Alarm relayTB6. Contact ratings: 2.0 A @ 30 VAC (resistive). Auxiliary outputs Resettable power, TB1 Power-limiting circuitry. Operating voltage: nominal 24 VDC. Maximum available current: 500 mA, appropriate for powering four-wire smoke detectors. See note under nonresettable. Nonresettable power, TB1 Power-limiting circuitry. Operating voltage: nominal 24 VDC. Maximum available current: 500 mA, appropriate for powering four-wire smoke detectors. Note: Total current for nonre-settable power, resettable power and two NACs must not exceed 6 A for the Flex 404. Cabinet dimensions Door: 15.342" (38.97 cm) high x 14.677" (37.28 cm) wide x 0.375" (0.95 cm) deep. Backbox: 15.0" (38.10 cm) high x 14.5" (36.83 cm) wide x 3.0" (7.62 cm) deep.
Ordering Information
F404 XRM-24 CAC-4 Four-zone conventional FACP. 120 VAC, 100 VA transformer, expands NAC power from 3.0 to 5.0 Amps. Class A converter module. Used to convert Style B (Class B) IDC to Style D (Class A) and Style Y (Class B) NAC to Style Z (Class A). The module connects to J1 on the Flex 404 circuit board. Transmitter module. LED interface module, supports SAN-404. Zone relay module. Four-input (channel) 411UD dual-line Digital Alarm Communicator/Transmitters, which can be used as slave communicators with Flex 404. Programmer used with 411UD. Remote annunciator (RZA-4XF), mounts in a single-gang box. Battery box, required to house two batteries greater than 7 AH, to a maximum of 18 AH. Dress panel. Trim ring for semi-flush mounting. Flex 404 Installation and Maintenance Manual.
4XTMF 4XLMF 4XZMF 411UD
PRO-411 SAN-404 BB-17F DP-FLEX TR-1-R 52194
iTM is a trademark and Gamewell(R) is a registered trademark of Honeywell International Inc.
Gamewell-FCI 12 Clintonville Road Northford, CT 06472-1610 Phone: 203-484-7161 Fax: 203-484-7118 www.gamewell-fci.com A Honeywell Company (c) 2006 Gamewell-FCI
Specifications and wiring information are provided for information only and are believed to be accurate. Gamewell-FCI assumes no responsibility for their use. Data and design are subject to change without notice. Installation and wiring instructions shipped with the product shall always be used for actual installation. For more information, contact Gamewell-FCI. Page 2 of 2 Flex 404 Four-Zone FACP CS-2404 09/01/06


▲Up To Search▲   

 
Price & Availability of SAN-404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X