|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SURFACE MOUNT RECTIFIER S5A THRU S5M FEATURES * * * * * * VOLTAGE RANGE CURRENT 50 to 1000 Volts 5.0 Ampere Plastic package has underwrites laboratory flammability Classification 94V-0 For surface mounted applications Low profile package Built-in strain relief, ideal for automated placement Glass Passivated chip junction High temperature soldering: 250/10 second at terminals DO-214AB(SMC) MECHANICAL DATA * * * * Case: JEDED DO-214AA molded plastic over glass passivated chip Terminals: Solder plated, Solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Weight: 0.007ounce, 0.25 gram Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS * Ratings at 25 ambient temperature unless otherwise specified SYMBOLS VRRM VRMS VDC I(AV) IFSM VF IR trr CJ RJL RJA TJ,TSTG S5A 50 35 50 S5B 100 70 100 S5D 200 140 200 S5G 400 280 400 5.0 100 1.15 10.0 250 2.5 60 47 13 -55 to +150 S5J 600 420 600 S53K 800 560 800 S5M 1000 700 1000 UNIT Volts Volts Volts Amps Amps Volts A s pF /W Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL =100 (NOTE 3) Peak Forward Surge Current 8.3ms single half sine wave superimposed on rated load (JEDEC method) T L=100 Maximum Instantaneous Forward Voltage at 5.0A Maximum DC Reverse Current at rated DC Blocking Voltage TA = 25 TA = 125 Typical Reverse Recovery Time (NOTE 1) Typical junction capacitance (NOTE 2) Typical Thermal Resistance (NOTE 3) Operating Junction and Storage Temperature Range Notes: 1. Reverse recovery test conditions: IF =0.5A, IR =1.0A, Irr =0.25A 2. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts 3. Thermal resistance from Junction to ambient and from junction to lead mounted on P.C.B.with 0.3x0.3(8.0 x 8.0mm) copper pad areas. E-mail: sales@cnmic.com Web Site: www.cnmic.com SURFACE MOUNT RECTIFIER S5A THRU S5M VOLTAGE RANGE CURRENT 50 to 1000 Volts 5.0 Ampere RATINGS AND CHARACTERISTIC CURVES S5A THRU S5M F1G.1-FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT AMPERES 7.0 200 Resistive or Inductive Load 6.0 5.0 4.0 3.0 2.0 1.0 0 50 60 70 80 90 100 110 120 130 140 150 160 10 1 10 100 P.C.B MOUNTED on 0.3X0.3(8.0X8.0mm) COPPER PAD AREAS F1G.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE T L =100 CURRENT, AMPERES 8.3ms Single Half Sine-Wave 100 (JEDEC Method) LEAD TEMPERATURE,( ) F1G.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT, AMPERES 100 NUMBER OF CYCLES AT 60Hz INSTANTANEOUS REVERSE CURRENT, MICROAMPERES F1G.4-TYPICAL REVERSE CHARACTERISTICS 100 10 10 TJ =125 1.0 T J =25 Pulse Width=300us 1% Duty Cycle 1.0 0.1 T J =25 0.1 0 20 40 60 80 100 0.01 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 PERCENT OF RATED PEAK REVERSE VOLTAGE,(%) INSTANTANEOUS FORWARD VOLTAGE, VOLTS TRANSIENT THERMAL IMPEDANCE( /W) F1G.6-TYPICAL TRANSIENT THERMAL IMPEDANCE 100 Mounted ON 0.20X0.27(5X7mm) COPPER PAD AREAS JUNCTION CAPACITANCE,(pF) F1G.5-TYPICAL JUNCTION CAPACITANCE 100 T J =25 f=1MHz Vsig=50mVp-p 10 10 1 1 1.0 10 100 REVRESE VOLTAGE, VOLTS 0.1 0.01 0.1 1.0 10 100 T, PULSE DURATION, SEC. E-mail: sales@cnmic.com Web Site: www.cnmic.com |
Price & Availability of S5B |