Part Number Hot Search : 
1041J L4805CX 2SK22 06C10 L4805CX TMA16XB S5799M1 S5799M1
Product Description
Full Text Search
 

To Download S1PDB60N08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S1PDB60
Single Phase Bridge Rectifiers Modules
~ ~ Type S1PDB60N08 S1PDB60N10 S1PDB60N12 S1PDB60N14 S1PDB60N16 S1PDB60N18 VRSM V 900 1100 1300 1500 1700 1900 VRRM V 800 1000 1200 1400 1600 1800 Dimensions in mm (1mm=0.0394")
M5x10
2.5
7
72 60 54 2.5 20 18 20 2.5
+ +
-
21.6 5.3
+
~~
10 23 48
Symbol Idav Idav
o
Test Conditions TC=100 C, module TA=45oC (RthCA=0.6K/W), module TVJ=45oC VR=0 TVJ=TVJM VR=0 TVJ=45oC VR=0 TVJ=TVJM VR=0 t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 60 48 550 600 500 550 1520 1520 1250 1250 -40...+150 150 -40...+125
IFSM
I2t
TVJ TVJM Tstg VISOL Md Weight 50/60Hz, RMS _ IISOL<1mA t=1min t=1s
2500 3000 _ 5 + 15% _ 5 + 15% 160
Mounting torque (M5) Terminal connection torque (M5) typ.
5.3 13.3 42
~
~
3
_
Unit A
A2s
30
A
o
C
V~ Nm g
S1PDB60
Single Phase Bridge Rectifiers Modules
Symbol IR VF VTO rT RthJC RthJK dS dA a VR=VRRM; TVJ=25 C VR=VRRM; TVJ=TVJM IF=150A; TVJ=25oC
o
Test Conditions
Characteristic Values _ < 0.3 _ <5 _ < 1.8 0.8 8 1.45 0.24 1.87 0.31 10 9.4 50
Unit mA V V m K/W K/W mm mm m/s2
For power-loss calculations only TVJ=TVJM per diode per module per diode per module Creeping distance on surface Creepage distance in air Max. allowable acceleration
FEATURES
* Package with screw terminals * Isolation voltage 3000 V~ * Planar passivated chips * Blocking voltage up to 1800 V * Low forward voltage drop
APPLICATIONS
* Supplies for DC power equipment * Input rectifiers for PWM inverter * Battery DC power supplies * Field supply for DC motors
ADVANTAGES
* Easy to mount with two screws * Space and weight savings * Improved temperature and power cycling


▲Up To Search▲   

 
Price & Availability of S1PDB60N08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X