Part Number Hot Search : 
ESD9B5VD TA5010 E213I NS320 25001 15KP40CA 015L00 PIC16F
Product Description
Full Text Search
 

To Download RS807G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS801G THRU RS807G
Elektronische Bauelemente VOLTAGE 50V ~ 1000V 8.0 AMP Glass Passivated Bridge Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen-free.
.935(23.7) .895(22.7)
.15 X.23L (3.8 X5.7L) HOLE T HR U
.700(17.8) .660(16.8) AC 1.00 MIN. (25.4) +
.780(19.8) .740(18.8)
FEATURES
.052(1.3) .048(1.2) DIA. .220(5.6) SPACING .180(4.6) .280(7.1) .268(6.8)
. Surge Overload rating - 200 ~ 300 amperes peak . Ideal for printed circuit board . Reliable low cost construction utilizing
Molded plastic technique
.078 (2.0)
Dimensions in inches and (millimeters)
. Plastic material has underwrites laboratory
Flammability classification 94V-0
. Polarity: marked on body . Mounting position: Any . Weight: 10 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz, For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Tc=100 Rectified Output Current, at Ta=50 45 Peak Forward Surge Current, 8.3 ms single half Sine-wave superimposed on rated load (JEDEC method) Maximum Instantanous Forward Voltage Drop Per Element at 8.0A DC Maximum Reverse Leakage at rated Ta=25 DC Blocking Voltage per Element Tc=100 Operating Temperature Range TJ Storage Temperature Range TSTG
RS801G RS802G RS803G RS804G RS805G RS806G RS807G
50 35 50
100 70 100
200 140 200
400 280 400 8.0 6.0 300 1.0 10 300 -55 ~ +150 -55 ~ +150
600 420 600
800 560 800
1000 700 1000
UNITS V V V A A V A mA
http://www.SeCoSGmbH.com/ 01-Jun-2002 Rev. A
Any changing of specification will not be informed individual Page 1 of 2
RS801G THRU RS807G
Elektronische Bauelemente VOLTAGE 50V ~ 1000V 8.0 AMP Glass Passivated Bridge Rectifiers
RATING AND CHARACTERISTIC CURVES ( RS801G THRU RS807G )
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
250 WARD CURRENT ,(A) 12 10 8 6
Single Phase
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FOR WARD SURGE CURRENT (A) ,
200
150
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
AVERAGE FOR
4 2 0
Half Wave 60Hz Resistive Or Inductive Load
100
50
0
25
50
75
100
125
150
175
CASE TEMPERATURE,( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS 100 50
WARD CURRENT ,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
10
REVERSE LEAKAGE CURRENT , ( A)
3.0 1.0
Tj=100 C
INST ANT ANEOUS FOR
0.1
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
0 -
20
40
60
80
100 120
140
FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE, (%)
http://www.SeCoSGmbH.com/ 01-Jun-2002 Rev. A
Any changing of specification will not be informed individual Page 2 of 2


▲Up To Search▲   

 
Price & Availability of RS807G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X