Part Number Hot Search : 
NTXV1N S24C25 SZ2511 EPIH3D28 40HF160R 12203 BP352 IR91B
Product Description
Full Text Search
 

To Download RD74LVC1G79WPE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RD74LVC1G79
Single Positive Edge-triggered D-type Flip Flop
REJ03D0695-0100 Rev.1.00 Feb 23, 2006
Description
The RD74LVC1G79 has D-type flip flop in a 5-pin package. The input data is transferred to the output at the rising edge of clock pulse CLK. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
The basic gate function is lined up as Renesas uni logic series. Supply voltage range: 1.65 to 5.5 V Operating temperature range: -40 to +85C All inputs: VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) All outputs: VO (Max.) = 5.5 V (@VCC = 0 V) Output current: 4 mA (@VCC = 1.65 V) 8 mA (@VCC = 2.3 V) 24 mA (@VCC = 3.0 V) 32 mA (@VCC = 4.5 V) * Ordering Information
Part Name RD74LVC1G79WPE Package Type WCSP-5 pin Package Code (Previous Code) SXBG0005LB-A (TBS-5CV) Package Abbreviation WP Taping Abbreviation (Quantity) E (3,000 pcs/reel)
* * * * * *
Article Indication
Marking Year code Month code
EFYM
Rev.1.00 Feb 23, 2006 page 1 of 6
RD74LVC1G79
Function Table
Inputs CLK L H: L: X: : Q0 : High level Low level Immaterial Low to high transition Level of Q before the indicated steady input conditions was established. D H L X Output Q H L Q0
Pin Arrangement
0.7 mm Height 0.4 mm 0.4 mm pitch 0.17 mm 5-Ball (WP) GND
3
4
Q
CLK
2
1.1 mm
Pin#1 INDEX
D
1
5
VCC
(Bottom view)
(Top view)
Logic Diagram
CLK C C
C
TG C C C
Q
C
D
TG
TG
TG
C
C
C
Rev.1.00 Feb 23, 2006 page 2 of 8
RD74LVC1G79
Absolute Maximum Ratings
Item Supply voltage range Input voltage range *1 Output voltage range Input clamp current Output clamp current Continuous output current Continuous current through VCC or GND Package Thermal impedance Storage temperature Notes:
*1, 2
Symbol VCC VI VO IIK IOK IO ICC or IGND ja Tstg
Ratings -0.5 to 6.5 -0.5 to 6.5 -0.5 to VCC +0.5 -0.5 to 6.5 -50 -50 50 100 200 -65 to 150
Unit V V V mA mA mA mA C/W C WP
Test Conditions
Output: H or L VCC: OFF VI < 0 VO < 0 VO = 0 to VCC
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are ngs observed. 2. This value is limited to 5.5 V maximum.
Recommended Operating Conditions
Item Supply voltage range Input voltage range Output voltage range Output current Symbol VCC VI VO IOL Min 1.65 0 0 -- -- -- -- -- -- -- -- -- -- -40 Max 5.5 5.5 VCC 4 8 16 24 32 -4 -8 -16 -24 -32 85 Unit V V V mA Conditions
VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 4.5 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 4.5 V
IOH
mA
Operating free-air temperature
Ta
C
Note: Unused or floating inputs must be held high or low.
Rev.1.00 Feb 23, 2006 page 3 of 8
RD74LVC1G79
Electrical Characteristics
Ta = -40 to 85C
Item Input voltage Symbol VIH VCC (V) 1.65 to 1.95 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 VIL 1.65 to 1.95 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 Output voltage VOH 1.65 to 5.5 1.65 2.3 3.0 4.5 VOL Min to Max 1.65 2.3 3.0 4.5 Input current Quiescent supply current IIN ICC ICC Output leakage current Input capacitance IOFF CIN 0 to 5.5 5.5 3 to 5.5 0 3.3 Min VCCx0.65 1.7 2.0 VCCx0.7 -- -- -- -- VCC-0.1 1.2 1.9 2.4 2.3 3.8 -- -- -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 3.5 Max -- -- -- -- VCCx0.35 0.7 0.8 VCCx0.3 -- -- -- -- -- -- 0.1 0.45 0.3 0.4 0.55 0.55 5 10 500 10 -- A pF A A V IOH = -100 A IOH = -4 mA IOH = -8 mA IOH = -16 mA IOH = -24 mA IOH = -32 mA IOL = 100 A IOL = 4 mA IOL = 8 mA IOL = 16 mA IOL = 24 mA IOL = 32 mA VIN = 5.5 V or GND VIN = VCC or GND, IO = 0 One input at VCC-0.6 V, Other input at VCC or GND VIN or VO = 0 to 5.5 V VIN = VCC or GND Unit V Test condition
Note: For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.
Rev.1.00 Feb 23, 2006 page 4 of 8
RD74LVC1G79
Switching Characteristics
VCC = 1.80.15 V
Item Maximum clock frequency Propagation delay time Setup time Hold time Pulse width Symbol fmax tPLH, tPHL tsu th tw Min 160 4.4 2.2 0.3 2.5 Typ Max 9.9 Unit MHz ns ns ns ns CLK "H" or "L" Test conditions CL = 30 pF CL = 30 pF CLK D Q FROM (Input) TO (Output)
VCC = 2.50.2 V
Item Maximum clock frequency Propagation delay time Setup time Hold time Pulse width Symbol fmax tPLH, tPHL tsu th tw Min 160 2.3 1.4 0.4 2.5 Typ Max 7.0 Unit MHz ns ns ns ns CLK "H" or "L" Test conditions CL = 30 pF CL = 30 pF CLK D Q FROM (Input) TO (Output)
VCC = 3.30.3 V
Item Maximum clock frequency Propagation delay time Setup time Hold time Pulse width Symbol fmax tPLH, tPHL tsu th tw Min 160 2.0 1.3 1.0 2.5 Typ Max 5.0 Unit MHz ns ns ns ns CLK "H" or "L" Test conditions CL = 50 pF CL = 50 pF CLK D Q FROM (Input) TO (Output)
VCC = 5.00.5 V
Item Maximum clock frequency Propagation delay time Setup time Hold time Pulse width Symbol fmax tPLH, tPHL tsu th tw Min 160 1.3 1.2 0.5 2.5 Typ Max 4.5 Unit MHz ns ns ns ns CLK "H" or "L" Test conditions CL = 50 pF CL = 50 pF CLK D Q FROM (Input) TO (Output)
Operating Characteristics
Item Power dissipation capacitance Symbol CPD VCC (V) 1.8 2.5 3.3 5.0 Min -- -- -- -- Ta = 25C Typ 20 21 22 26 Max -- -- -- -- Unit pF Test Conditions f = 10 MHz
Rev.1.00 Feb 23, 2006 page 5 of 8
RD74LVC1G79
Test Circuit
VCC Input
Pulse Generator Zout = 50 Input
D Q Output Q
Pulse Generator Zout = 50
CLK
CL
RL
Note: CL includes probe and jig capacitance.
Rev.1.00 Feb 23, 2006 page 6 of 8
RD74LVC1G79
* Waveform - 1
tr 90 % 10 % t su Vref th 90 %
tf VI 10 % GND
Timming input
Data input
VI Vref tw VI Vref GND
Input
Vref
Vref GND
* Waveform - 2
tr 90 % Vref 90 %
tf VI 10 % t PLH GND
Input 10 %
VOH Same-phase output t PHL VOH Opposite-phase output Vref VOL Vref VOL
VCC (V) VI 1.80.15 2.50.2 3.30.3 5.00.5
INPUTS tr / tf Vref VCC / 2 VCC / 2 1.5 V VCC / 2 CL 30 pF 30 pF 50 pF 50 pF RL
VCC VCC 3V VCC
Rev.1.00 Feb 23, 2006 page 7 of 8
RD74LVC1G79
Package Dimensions
JEITA Package Code RENESAS Code SXBG0005LB-A Previous Code TBS-5CV MASS[Typ.] 0.001g
D ZD
e
C
ZE
B
E
B
e
A
Pin #1 index
1 C
2
5xb x M C A B x M C C Seating plane
A1 A2
Reference Symbol
Dimension in Millimeters Min Nom Max 0.40 0.110 0.140 (0.235) * 0.15 0.70 1.10 0.40 0.05 0.05 0.15 0.15 0.19
A A1 A2
yC
*Reference value.
A
b D E e x y ZD ZE
Rev.1.00 Feb 23, 2006 page 8 of 8
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's Technology Corp. or a third party. application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas T 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of i improvements publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvement or other reasons. It is distributor for the latest product therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distrib information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Technology Corp. Semiconductor Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Techn home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life ci is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a aerospace, nuclear, or undersea repeater product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerosp use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. materi 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and lic cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. http://www.renesas.com/en/network" Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of RD74LVC1G79WPE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X