Part Number Hot Search : 
2200B F4116 GBPC4006 CSNB361 LN513 B1020A 0ACPZ M66011FP
Product Description
Full Text Search
 

To Download R4000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R1200
THRU
HIGH VOLTAGE SILICON RECTIFIER VOLTAGE RANGE 1200 to 5000 Volts R5000 CURRENT 0.2 - 0.5 Amperes
FEATURES Low leakage High surge capability High current capability High temperature soldering guaranteed: 260/10 seconds. 0.375" (9.5mm) lead length at 5lbs. (2.3kg) tension. MECHANICAL DATA Case: Transfer molded plastic Epoxy: UL94V - 0 rate flame retardant Polarity: Color band denotes cathode end. Lead: Plated slug, solderable per MIL - STD 202 E method 208C Mounting position: Any Weight: 0.012 ounce, 0.33grams (DO-41) 0.014 ounce, 0.39 grams (DO-15)
(R1200 - R2000)
(R2500 - R5000)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20% SYMBOLS VRRM VRMS VDC I(AV) R1200 1200 840 1200 R1500 R1800 R2000
R2500 R3000 R4000 R5000 UNIT Volts Volts Volts mA
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, 0.375" (9.5mm) Lead length at TA = 50 Peak Forward Surge Current 8.3ms single half sine - wave superimposed on rated load (JEDEC method ) Maximum Instantaneous Forward Voltage Drop at 0.5A / 0.2A Maximum DC Reverse Current at rated TA = 25 DC blocking voltage T Maximum Full Load Reverse Current, full cycle average 0.375" (9.5mm) lead length at TL = 75 Operating and Storage Temperature Range
500
30
IFSM VF IR
Amps Volts

A IR(AV) TJ, TSTG (-65 to +150)
MIC INVESTMENTS (CHINA) COMPANY LIMITED
RATINGS AND CHARACTERISTIC CURVES R1200 THRU R5000
FIG.1-TYPICAL FORWARD CURRENT DERTAING CURVE AVERAGE FORWARD CURRENT,
Single Phase Falf Wave 60 Hz
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
500
Load 0.375"(9.5mm) Lead Length
PEAK FORWARD SURGE
Resistive or Inductive
30
(JEDEC Method)
8.3ms Single Half Sine-Wave T =T j j max
CURRENT, (A)
(mA)
20
R
12
00
200
-R
R 25
00 -
20
R 50
00
00
10
1 Cycle
0 0 25 50 75 100 125 150 175 0 1 2 4 6 8 10 20 40 60 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL REVERSE CHARACTERISTICS
10
INSTANTANEOUS REVERSE CURRENT,
1.0
(uA)
0.1 Tj =25 C 0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)


▲Up To Search▲   

 
Price & Availability of R4000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X