Part Number Hot Search : 
XMXXX C74HC13 P4SMAJ13 ON1585 CSC2482 ON0765 CY7C15 BC36805
Product Description
Full Text Search
 

To Download QHZ-2A-1200B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QHZ-2A Series
90 POWER DIVIDERS / COMBINERS
20 to 1200 MHz / Narrowband Model / Low Insertion Loss / Low Profile and Weight / CaseFree Pkg
1 2 3 4
Phasing Diagram - A 1 2 3 0 -- 90 0 Isol. -- 90 Isol. Isol. -- 90 0
4 Isol. -- 90 0
PRINCIPAL SPECIFICATIONS
Model Number QHZ-2A-***B Center Frequency, fo 20 to 1200 MHz Frequency Performance 5% of fo
GENERAL SPECIFICATIONS
Coupling: -- 3 dB nom. Impedance: 50 nom. Isolation: 20 dB min., 25 dB typ. Insertion Loss: 0.3 dB typ., 0.7 dB max. Phase Tolerance: 90 3 max. Amplitude Balance: 0.75 dB max. VSWR (In/Out): 1.3:1 max. CW Input: 1 W max. Weight, nominal: 0.006 oz (170 mg) Operating Temp.: -- 55 to +85C Typical QHZ-2A-60 Performance
For complete Model Number replace *** with desired Center Frequency in MHz.
A - Outline
NOTES:
1. Tolerance on 3 place decimals .010(.25) except as noted. 2. Dimensions in inches over mm.
General Notes: 1. The QHZ-2A series of CaseFree 3 dB Quadrature Hybrids has been designed for size and process compatibility with MMIC and similar devices. This series has narrow band applications and a profile height of less than 0.130" allowing mounting with similar miniature components within a low profile hermetic housing. 2. High performance remains uncompromised by the units' miniature characteristics and very low weight. Additional models are being designed and will be available as catalog standard units. 3. All units can be supplied screened for compliance with specifications you designate for aerospace applications requiring the highest available reliability.
22Apr97
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of QHZ-2A-1200B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X