![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RF AMPLIFIER MODEL QBH-1423 Features ! ! ! ! Superior Phase Noise Performance Replaces Competitor's "1023" Design Operating Temp. - 55 C to +85 C Environmental Screening Available CHARACTERISTIC Frequency Gain (dB) Gain Flatness (dB) Power @ 1 dB Comp. (dBm) (10-500 MHz) (500-1000 MHz) Available as: QBH-1423, 4 Pin TO-8 (T4) QBH-5023, 4 Pin Surface Mount (SM3) QBH-9-1423, SMA Connectorized Housing Typical Intermodulation Performance at 25 C Second Order Harmonic Intercept Point ....... +46 dBm (Typ.) Second Order Two Tone Intercept Point ........ +40 dBm (Typ.) Third Order Two Tone Intercept Point ............ +34 dBm (Typ.) Specifications TYPICAL Ta= 25 C 10 - 1000 MHz 13.0 0.25 28.0 26.5 -17 6.0 1.5:1 1.5:1 +15 195 MIN/MAX Ta = -55 C to +85 C 10 - 1000 MHz 12.0 Min. 0.75 Max. 25.5 Min. 25.0 Min. -15 Max. 9.0 Max. 2.0:1 Max. 2.0:1 Max. +15 210 Max. Absolute Maximum Ratings Ambient Operating Temperature .............. -55C to + 100 C Storage Temperature ............................... -62C to + 125 C Case Temperature ................................................. + 125 C DC Voltage ......................................................... + 17 Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power ..... 50 Milliwatts (1 Minute Max.) Maximum Peak Power ................... 0.1 Watt (3 sec Max.) Note: Care should always be taken to effectively ground the case of each unit. (Measured in a 50 Ohm system @ +15 Volts DC nominal unless otherwise noted) Reverse Isolation (dB) Noise Figure (dB) VSWR Power In Out Vdc mA Typical Performance Data 15 14 13 12 11 Start 10 MHz Stop 1000 MHz Gain (dB) 0 -10 -20 -30 -40 Reverse Isolation (dB) Noise Figure (dB) 8 7 6 5 4 Start 10 MHz Stop 1000 MHz Start 10 MHz Stop 1000 MHz +29 +28 +27 +26 +25 Start 10 MHz 1 dB Comp. (dBm) 2.0 1.5 Input VSWR 2.0 Output VSWR 1.5 1.0 Stop 1000 MHz Start 10 MHz Stop 1000 MHz 1.0 Start 10 MHz Stop 1000 MHz Legend + 25 C + 85 C - - - - - - -55 C Linear S-Parameters Data ================================================================== 0.11 0.23 151.8 10 4.70 -172.3 8.8 0.11 -61.9 0.11 -34.4 0.14 148.5 250 4.66 116.7 0.02 -83.6 0.12 -70.5 0.14 124.8 500 4.55 0.01 -171.7 54.5 0.13 -109.3 97.0 0.15 750 4.49 0.02 126.7 -7.5 0.14 -151.2 40.7 0.13 1000 4.51 0.05 -70.8 15.7 0.15 173.5 -25.7 0.13 1200 4.58 -123.8 0.12 -44.2 0.15 155.1 -68.5 0.14 1300 4.60 -151.8 0.16 -70.8 FREQ. MHz - - S11- - Mag Ang - - S21- - Mag Ang - - S12- - Mag Ang - - S22- - Mag Ang Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 7/5/06 www.SpectrumMicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001 |
Price & Availability of QBH-1423
![]() |