Part Number Hot Search : 
MBRB1035 10700447 SVC222 SVC222 FR202 FR202 TDA1552Q 45DCB
Product Description
Full Text Search
 

To Download QBH-118 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF AMPLIFIER MODEL QBH-118
Features
! ! ! ! High Gain: 16.3 dB Typical High Power: +11dBm Typical Operating Temp. - 55 C to +85 C Environmental Screening Available
Available as: QBH-118, 4 Pin TO-8 (T4) QBH-9-118, Connectorized Housing (ES E52-1501)
Maximum Ratings
Ambient Operating Temperature ................ -55C to +125 C Storage Temperature ............................... -65C to + 150 C Case Temperature ................................................. + 125 C DC Voltage ...................................................... + 20.0 Volts Continuous RF Input Power ................................. + 13 dBm Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.) Maximum Peak Power .................... 0.5 Watt (3 sec Max.)
Note: 1. Specifications are guaranteed when tested in a 50 Ohm system. Specifications indicated as typical are not guaranteed.
Specifications
CHARACTERISTIC TYPICAL MIN/MAX
Frequency Gain (dB) Gain vs. Temperature Gain Flatness Reverse Isolation (dB) VSWR In Out 1 dB Compression (dBm) Output Intercept point 3rd Order 2nd Order Noise Figure (dB) Power Vdc mA
Ta= 25 C 3 - 100 MHz 16.3 0.5 0.4 -35 1.5:1 1.5:1 +11 +26 +38 1.9 +15 21
Ta = -55 C to +85 C 3 - 100 MHz +0.7/-0.5 Max. 0.8 Max. -35 Min. 1.5:1 Max. 1.5:1 Max. +8 +23 +35 2.1 +15 22 Min. Min. Min. Max. Max.
Typical Performance Data
17 16 15 14 13 10 15 13 11 9 7 10 MHz 100 1000 MHz 100 1000 1.8 1.6 1.4 1.2 1.0 Input 10 MHz 100 1000
Gain (dB)
-10 -20 -30 -40 -50 -60 -70 10
Reverse Isolation (dB)
3.0 2.5 2.0 1.5
Noise Figure (dB)
MHz
100
1000
1.0
10
MHz
100
1000
1 dB Comp. (dBm)
Input/Output VSWR +25 C
Output
26 25
3rd order intermodulation distortion (dBm)
24 23 22 10 MHz 100 1000
Legend
+ 25 C
FREQ. MHz
+ 85 C - - - - - - -55 C
Linear S-Parameters Data
================================================================== 48.5 -31.6 -22.8 16.3 -178.6 74.8 -101.9 -50.1 3 3.4 -32.0 -28.4 16.1 -177.8 47.5 -129.9 -50.0 7 -9.9 -31.6 -29.9 16.1 42.2 -139.5 176.7 -49.4 9 -49.2 -28.9 -33.2 16.1 51.3 -162.2 171.4 -47.8 20 -67.4 -26.4 -34.0 16.1 46.8 -163.9 166.8 -46.2 30 -89.3 -22.6 -33.5 16.2 47.3 -155.7 157.3 -42.5 50 -19.8 -104.4 -31.1 16.2 47.3 -151.7 147.9 -39.6 70 -18.7 -111.0 -29.7 16.2 45.3 -152.3 143.2 -38.7 80 -16.7 -122.8 -27.0 16.2 38.7 -157.9 133.6 -36.8 100
- - S11- - dB Ang - - S21- - dB Ang - - S12- - dB Ang - - S22- - dB Ang
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532 03/11/05
www.SpectrumMicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of QBH-118

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X