|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SURFACE MOUNT NETWORKS PR 100, 135, 182 Vishay Thin Film High Precision Resistor Arrays FEATURES * Gold terminations over nickel barrier Product may not be to scale Pb-free Available * High stability passivated nichrome resistive layer * Tight TCR (10 ppm/C) and TCR tracking (to 2 ppm/C) e4 RoHS* COMPLIANT PR arrays can be used in most applications requiring a matched pair (or set) of resistor elements. The networks provide 2 ppm/C TCR tracking, a ratio tolerance as tight as 0.02 % and outstanding stability. They are available in 1 mm, 1.35 mm and 1.82 mm pitch. * Very low noise and voltage coefficient < - 30 dB, 0.1 ppm/V typical * Ratio tolerance to 0.02 % DIMENSIONS E Schematic A: Independent resistors Electrical Diagram R1 R2 R7 R8 A B C D F G Number of resistors: 2 to 8 R1 = R2 = .... R8 CHIP DIMENSIONS PR100 DIMENSIONS Mils A B C D E (1) F G Notes (1) Where "N" = number of resistors * 2 mils unless specified * Pb containing terminations are not RoHS compliant, exemptions may apply www.vishay.com 42 For technical questions, contact: thin-film@vishay.com Document Number: 53039 Revision: 10-Apr-08 64 6 17 30 20 E = (N x F) 8 50 15 Mils 72 6 20.3 43.3 20 E = (N x F) 8 63.3 15 Mils 118 6 23.6 61.8 20 E = (N x F) 8 81.8 15 PR135 PR182 PR 100, 135, 182 High Precision Resistor Arrays SURFACE MOUNT NETWORKS Vishay Thin Film STANDARD ELECTRICAL SPECIFICATIONS TEST Material PR 100 Resistance Range: PR 135 PR 182 Absolute Tolerance: Ratio Absolute TCR: Ratio PR 100 Power Rating: PR 135 PR 182 Operating Temperature Range Noise Voltage Coefficient PR 100 Working Voltage: PR 135 PR 182 2 ppm/C 100 mW per resistor 125 mW per resistor 200 mW per resistor - 55 C to + 125 C - 30 dB 0.1 ppm/V 35 V 75 V 100 V - 55 C to + 125 C at + 70 C at + 70 C at + 70 C 0.1 %, 0.05 %, 0.02 % 10 ppm/C - 55 C to + 125 C SPECIFICATIONS Passivated Nichrome 100 to 200 k 100 to 300 k 100 to 1 M 10 % to 0.1 % CONDITIONS MECHANICAL SPECIFICATIONS Substrate Technology Film Terminations Alumina 99.6 % Thin Film Passivated Nichrome Solderable Gold (Au) over Nickel DERATING CURVE % RATED POWER 100 PACKAGING Waffle-pack or tape and reel MARKING On the primary package, printed information includes VISHAY trademark series and model, schematic number of resistors, ohmic value, absolute tolerance, ratio tolerance, type of termination 0 0 70 155 AMBIENT TEMPERATURE IN DEGREES CELSIUS Document Number: 53039 Revision: 10-Apr-08 For technical questions, contact: thin-film@vishay.com www.vishay.com 43 SURFACE MOUNT NETWORKS PR 100, 135, 182 Vishay Thin Film High Precision Resistor Arrays GLOBAL PART NUMBER INFORMATION New Global Part Numbering: PR100A41002BBGTS P R 1 0 0 A 4 1 0 0 2 B B G T S GLOBAL MODEL PR100 PR135 PR182 SCHEMATICS A = isolated resistors NUMBER OF RESISTORS 2 3 4 5 6 7 8 RESISTANCE First 3 digits are significant figures and the last digit specifies the number of zeroes to follow. Example: 1000 = 100 1001 = 1000 ABSOLUTE TOLERANCE B = 0.1 % C = 0.25 % D = 0.5 % F=1% G=2% J=5% K = 10 % RATIO TOLERANCE TERMINATION PACKAGING P = 0.02 %* G = Wraparound WS = WAFFLE W = 0.05 %** Au over Ni 100 Min 1 Mult B = 0.1 % termination e4 TS = TAPE and C = 0.25 % Epoxy Solderable REEL D = 0.5 % 100 Min 1 Mult F=1% * > 1 k, max. 4 resistors ** > 100 , up to 8 resistors Historical Part Number example: PR100A41002BBGT (will continue to be accepted) PR100 SERIES A SCHEMATIC 4 NUMBER 1002 RESISTANCE B ABSOLUTE TOLERANCE B RATIO TOLERANCE G TERMINATION T PACKAGING www.vishay.com 44 For technical questions, contact: thin-film@vishay.com Document Number: 53039 Revision: 10-Apr-08 Legal Disclaimer Notice Vishay Disclaimer All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners. Document Number: 91000 Revision: 18-Jul-08 www.vishay.com 1 |
Price & Availability of PR100 |