Part Number Hot Search : 
20006 34083A TMXW341 UT2020 38D30 PCF8593P MAX50 2A473J
Product Description
Full Text Search
 

To Download PDM-38-10G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PDM-38-10G
0 POWER DIVIDER / COMBINER
2 to 18 GHz / 3-Way / Excellent Phase & Ampli. Balance / Low Insertion Loss / High Isolation / SMA
PRINCIPAL SPECIFICATIONS
Model Number PDM-38-10G Freq. Coupling, Insertion Range, dB, Loss, dB, GHz Nom. Max. 2 - 18 -- 4.8 1.2 Phase Balance, Max. 8 Amplitude Isolation, Balance, dB, dB, Max. Min. 0.4 20 CW Input Power, Max., With VSWRout 1.2:1 2.0:1 30W 10W 1W
GENERAL SPECIFICATIONS
General Notes:
1. The PDM-38-10G provides three-way in-phase division of microwave signals in the 2 to 18 GHz range. It is one of a series of true multi-way Power Dividers developed to meet the demands of broadband systems requiring very low insertion loss and high output isolation. This model is generally available from stock.
Input/Output VSWR: Impedance: Weight:
1.4:1 max. 50 nom. 2.5 oz. (70 g)
Operating Temperature: -- 55 to + 95C
Package Outline
NOTES:
1. Tolerance on 3 place decimals .020(.51) except as noted. 2. Dimensions in inches over millimeters.
19Feb96
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of PDM-38-10G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X