Part Number Hot Search : 
1060CT 120N1 UZ5750 SF1220G 1000A BAT54H M050B C2065
Product Description
Full Text Search
 

To Download OC30GT5S-10000-002-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
Frequency Range 1.25MHz to 100.0MHz 36.2 x 27.7 x 16.0mm 5 pin metal, solder-sealed package Supply Voltage 5.0 Volts SC-Cut Crystal Squarewave Output EFC (Voltage control) as standard
OCXO - OC30T5S SERIES
SC-Cut Crystal - Square Wave - 5.0 Volts
*
OUTLINE & DIMENSIONS DESCRIPTION OC30T5S series oven-controlled crystal oscillators are close tolerance OCXOs with excellent phase noise performance.
SPECIFICATION Crystal Cut: Output Waveform: Supply Voltage: Frequency Range: Initial Calibration Tolerance: Frequency Stability over 0 to +60C: over -20 to +70C: over -40 to +85C: vs. Voltage Change: vs. Ageing: SC-cut Square Wave +5.0 VDC 0.2V 1.25MHz to 100.0MHz 0.5ppm max.(at VCON +2.5V) 0.01ppm 0.02ppm 0.03ppm <20ppb for 5% change 2.0ppb max per day 0.1ppm per first year 0.5ppm over 10 years <20ppb for 5% change 3 minutes max. to within 0.5ppm of nominal freq.
vs. Load Change: Warm-up Time:
TEST CIRCUIT
Voltage Control Control Voltage Centre: Freq. Deviation Range: Control Voltage Range: Transfer Function:
Input Impedance: EFC Linearity: Power Dissipation: Output Load: Output Logic HIGH: Output Logic LOW: Duty Cycle: Rise/Fall Time: Reference Voltage: Envionmental Storage Temperature: Shock: Vibration: PHASE NOISE (at 10MHz) Offset 1Hz 10Hz 100Hz 1kHz 10kHz dBc/Hz -85 -120 -140 -145 -150
+2.5 Volts (VCON) 0.5ppm min., 2ppm max. ref. to 25C and O.T.R. 2.5V 2.0Volts Positive: Increasing control voltage increases output frequency 100k minimum 10% maximum 1.2W max. steady state 3.5W max. at turn on 15pF HCMOS +4.5V minimum 0.5V maximum 50%10% 5ns max (20%~80%) Frequency dependant +4.00.3VDC or custom PART NUMBER FORMAT Example:
Square wave output load: 15W Sine Wave output load: 50W
OC30GT5S-10.000-0.02/-20+70
-55 to +125C 2000g, 0.3ms 1/2 sine 10 ~2000Hz / 10g
OCXO Package: OC30 RoHS Compliance G: RoHS Compliant Blank: Non-compliant T: Output Squarewave 5: Supply Voltage 5.0Volts S: SC-Cut Crystal Nominal Frequency 10.0MHz Stability in ppm Operating Temperature Range C Lowest Temperature/Highest Temperature
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of OC30GT5S-10000-002-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X