Part Number Hot Search : 
74HC6 U1600 T72V3 470K400 MAX41 0601NP0 2SD140 54M00
Product Description
Full Text Search
 

To Download NCA0201500B0-XC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Non-Isolated 20A SIP/SMT DC/DC Converters VOLANT NFA020 Series
Features: Small size, minimal footprint - SMT/SIP package 20A Output Current (all voltages) High Efficiency: up to 95% High reliability RoHS Compliant Output voltage programmable by an external resistor. Monotonic Startup with Pre-Bias +'ve Enable Logic and -`ve Enable Logic models available Optional Power Good Signal Sequencing / Tracking Feature
Output Vout (V) 0.75 1.2 1.5 1.8 2.0 2.5 3.3 5.0 Iout (A) 20 20 20 20 20 20 20 20 PARD (mVp-p) Typ. 50 50 50 50 50 50 50 50 Max. 75 75 75 75 75 75 75 75 Regulation Max Line +/-0.2% +/-0.2% +/-0.2% +/-0.2% +/-0.2% +/-0.2% +/-0.2% +/-0.2% Load +/-0.5% +/-0.5% +/-0.5% +/-0.5% +/-0.5% +/-0.5% +/-0.5% +/-0.5%
Input Vin Nom. (V) 12 12 12 12 12 12 12 12
Efficiency Range (V) Iin Typ (A) 1.299 1.928 2.326 2.727 2.996 3.704 4.783 7.092 Full Load Typ. 77% 83% 86% 88% 89% 90% 92% 94%
6.0 - 14 6.0 - 14 6.0 - 14 6.0 - 14 6.0 - 14 6.0 - 14 6.0 - 14 6.5 - 14
1
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
Input Characteristics Input Voltage Operating Range Input Reflected Ripple Current Inrush Current Transient Input Filter Type (external) Input Turn ON Threshold Input Turn OFF Threshold Enable
(Positive enable has 20K pullup) (Negative enable has no internal pullup resistor)
Notes & Conditions
Minimum 6.5 V input @ 5 volts output
Min 6.0
Typ. 12 200 100 5 3.9 open <0.4 <0.4
Max 14 0.2
Units Vdc mA p-p A2s F V V Vdc Vdc
Positive enable: ON Positive enable: OFF Negative enable: ON; open circuit or Negative enable: OFF Notes & Conditions 100% load
2 Min -1.5 0 Typ.
Vin Max +1.5 20 75 8000 5.0 <2% 28 Units % A mVp-p F V A % % %
Output Characteristics Vout Accuracy Output Loading Output Ripple & Noise @ 20Mhz Bandwidth. Maximum Capacitive Load Vout Trim Range (Nom) Total Accuracy Current Limit Output Line Regulation Output Load Regulation Turn-on Overshoot SC Protection Technique Pre-bias Start-up at output Power Good Signal: Vout
Low ESR 0.75 Over line/load temperature -0.2 -0.5 Hiccup with auto recovery Unit starts monotonically with prebias Active: no load (470K internal pull-up) Out of regulation: Notes & Conditions 50% step, 0.1A/s Settling Time 10% Vo to 90% Vo Vin to Vout and On/Off to Vout Notes & Conditions Calculated (MIL-HDBK-217F) Hotspot Without derating 300LFM See Power derating curve 2.4"Lx0.327"Wx0.510"H (50.8x8.3x13.0mm) 1.30"Lx0.53"Wx0.366"H (33x13.46x9.3mm) 0.025" (0.64mm) SQUARE 0.063" x0.065" x 0.112" SQUARE Matte Sn Finish on component Leads UL94V-0 Min
+0.2 +0.5 1
3.9
4.2 0.3 Typ.
4.5 0.5 Max 100 200
V V Units mV s KHz ms ms Units kHrs C C C
Dynamic Characteristics Load Transient Frequency Rise Time Start-Up Time General Specifications MTBF Thermal Protection Operating Temperature Operating Ambient Temperature SIP Dimensions SMT Dimensions SIP Pin Dimensions SMT Block Dimensions Pin and Block Material Flammability Rating
Min
300 3.5 7 Typ. 891 110 Max
-40 -40
50 85
0.64
mm
2
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
Standards Compliance
CSA C22.2, No.60950/UL 60950, Third Edition (2000), File UL E165113
Thermal Considerations The power module operates in a variety of thermal environments; however, sufficient cooling should be provided to help ensure reliable operation of the unit. The thermal data presented is based on measurements taken at various airflows. Note that airflow is parallel to the long axis of the module as shown in Figure 1 and derating applies accordingly.
Figure 1. Thermal Tests Set-Up. The temperature at either location should not exceed 110C. Over-temperature shutdown is evaluated at these locations. The output power of the module should not exceed the rated power for the module(Vo,set X Io,max).
Convection Requirements for Cooling
To predict the approximate cooling needed for the module, refer to the Power Derating Curves in Figures 2-17 . These derating curve are approximations of the ambient temperature and airflow required to keep the power module temperature below it's maximum rating. Once the module is assembled in the actual system, the module's temperature should be verified.
3
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
TYPICAL DERATING CURVES SIP/SMT VERSION
NFA020 SMT Derating Curve V1.0 Vout=0.75V NFA020 SMT Derating Curve Vout=0.75V
25
Output Current (A)
20 1 5 1 0 5 0 30 40 50 60 70 Ambient Temperature(oC) 80 90
0LFM 1 00LFM 200LFM 300LFM 400LFM
Fig. 2. SMT Derating of Output Current for 12Vin 0.75V Out.
NFA020 SIP Derating Curve V1.0Vout=0.75V NFA020 SIP Derating Curve Vout=0.75V
25
Output Current (A)
20 1 5 1 0 5 0 30 0LFM 1 00LFM 200LFM 300LFM 400LFM 40
50
60
70
80
90
A mbient T emperature (C )
Fig. 3. SIP Derating of Output Current for 12Vin 0.75V Out.
4
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
NFA020 SMT Derating Curve Vout=1.2V NFA020 SMT Derating Curve V1.0 Vout=1.2V
25
Output Current (A)
20 1 5 1 0 5 0 30 40 50 60 70 80 90 Ambient Temperature(oC) 0LFM 1 00LFM 200LFM 300LFM 400LFM
Fig 4. SMT Derating of Output Current for 12Vin 1.2V Out.
NFA020 SIP Derating Curve V1.0 Vout=1.2V NFA020 SIP Derating Curve Vout=1.2V
25
Output Current (A)
20 1 5 1 0 5 0 30 0LFM 1 00LFM 200LFM 300LFM 400LFM 40 50 60 70 80 90 A mbient T emperature (C )
Fig 5. SIP Derating of Output Current for 12Vin 1.2V Out.
5
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
NFA020 SMT Derating Curve Vout=1.5V NFA020 SMT Derating Curve V1.0 Vout=1.5V
25
Output Current (A)
20 1 5 1 0 5 0 30 40 50 Ambient 60 70 80 90 Temperature(oC) 0LFM 1 00LFM 200LFM 300LFM 400LFM
Fig 6. SMT Derating of Output Current for 12Vin 1.5V Out.
NFA020 SIP Derating Curve Vout=1.5V NFA020 SIP Derating Curve V1.0 Vout=1.5V
25
Output Current (A)
20 1 5 1 0 5 0 30 0LFM 1 00LFM 200LFM 300LFM 400LFM 40 50 60 70 80 90 A mbient T emperature (C )
Fig 7. SIP Derating of Output Current for 12Vin 1.5V Out.
6
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
NFA020 SMT Derating Curve Vout=1.8V NFA020 SMT Derating Curve V1.0 Vout=1.8V
25
Output Current (A)
20 1 5 1 0 5 0 30 40 50 60 70 80 90 Ambient Temperature(oC) 0LFM 1 00LFM 200LFM 300LFM 400LFM
Fig 8. SMT Derating of Output Current for 12Vin 1.8V Out.
NFA020 SIP Derating Curve V1.0 Vout=1.8V NFA020 SIP Derating Curve Vout=1.8V
25
Output Current (A)
20 1 5 1 0 5 0 30 0LFM 1 00LFM 200LFM 300LFM 400LFM 40 50 60 70 80 90
A mbient T emperature (C )
Fig 9. SIP Derating of Output Current for 12Vin 1.8V Out.
7
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
NFA020 SMT Derating Curve Vout=2.0V NFA020 SMT Derating Curve V1.0 Vout=2.0V
25
Output Current (A)
20 1 5 1 0 5 0 30 40 50 60 70 Ambient Temperature(oC) 80 90 0LFM 1 00LFM 200LFM 300LFM 400LFM
Fig 10. SMT Derating of Output Current for 12Vin 2.0V Out.
NFA020 SIP Derating Curve V1.0 Vout=2.0V NFA020 SIP Derating Curve Vout=2.0V
25
Output Current (A)
20 1 5 1 0 5 0 30 40 50 60 70 80 90 A mbient T emperature (C ) 0LFM 1 00LFM 200LFM 300LFM 400LFM
Fig 11. SIP Derating of Output Current for 12Vin 2.0V Out.
8
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
NFA020 SMT Derating Curve Vout=2.5V NFA020 SMT Derating Curve V1.0 Vout=2.5V
25
Output Current (A)
20 1 5 1 0 5 0 30 40 50 Ambient 60 70 80 90 Temperature(oC) 0LFM 1 00LFM 200LFM 300LFM 400LFM
Fig 12. SMT Derating of Output Current for 12Vin 2.5V Out.
NFA020 SIP Derating Curve V1.0 Vout=2.5V NFA020 SIP Derating Curve Vout=2.5V
25
Output Current (A)
20 1 5 1 0 5 0 30 40 50 Ambient 60 70 80 90 Temperature(oC) 0LFM 1 00LFM 200LFM 300LFM 400LFM
Fig 13. SIP Derating of Output Current for 12Vin 2.5V Out.
9
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
NFA020 SMT Derating Curve Vout=3.3V NFA020 SMT Derating Curve V1.2 Vout=3.3V
25 20
Output Current (A)
1 5 1 0 5 0 30 40 50 Ambient 60 70 80 90 Temperature(oC) 0LFM 1 00LFM 200LFM 300LFM 400LFM
Fig. 14. SMT Derating of Output Current for 12Vin 3.3V Out.
NFA020 SIP Derating Curve Vout=3.3V NFA020 SIP Derating Curve V1.2 Vout=3.3V
25
Output Current (A)
20 1 5 1 0 5 0 30 40 50 Ambient 60 70 80 90 Temperature(oC) 0LFM 1 00LFM 200LFM 300LFM 400LFM
Fig 15. SIP Derating of Output Current for 12Vin 3.3V Out.
10
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
NFA020 SMT Derating Curve V1.0 Vout=5.0V NFA020 SMT Derating Curve Vout=5.0V
25
Output Current (A)
20 1 5 1 0 5 0 30 40 50 Ambient 60 70 80 90 Temperature(oC) 0LFM 1 00LFM 200LFM 300LFM 400LFM
Fig. 16. SMT Derating of Output Current for 12Vin 5.0V Out
NFA020 SIP Derating Curve V1.0 Vout=5.0V NFA020 SIP Derating Curve Vout=5.0V
25
Output Current (A)
20 1 5 1 0 5 0 30 40 50 Ambient 60 70 80 90 Temperature(oC) 0LFM 1 00LFM 200LFM 300LFM 400LFM
Fig 17. SIP Derating of Output Current for 12Vin 5.0V Out.
11
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
TYPICAL EFFICIENCY CURVES FOR VARIOUS VOLTAGE MODELS SIP/SMT VERSION.
NFA020SMT20W-12S05A Curve Vout=0.75V SMT Efficiency Vo:0.75V Eff. vs Io
95% 90% 85%
Eff. (%)
80% 75% 70% 65%
Vin=6V Vin=12V Vin=14V
2
4
6
8
10
12
14
16
18
20
Output Load (A)
Fig 18. SMT Efficiency Curves for Vout=0.75V (25C)
NFA020 SIP20W-12S05ACurve Vout=0.75V SIP Efficiency Vo:0.75V Eff. vs Io
95% 90% 85%
Eff. (%)
80% 75% 70% 65%
Vin=6V Vin=12V Vin=14V
2
4
6
8
10
12
14
16
18
20
Output Load (A)
Fig 19. SIP Efficiency Curves for Vout=0.75V (25C)
12
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
NFA020 SMT Efficiency Curve Vout=1.2V o
SMT20W-12S05A Vo:1.2V (-40 C) Eff. vs Io
95% 90%
Eff. (%)
85% 80% 75% 70%
2 4 6 8 10 12 14 16 18 20 Output Load (A)
Vin=6V Vin=12V Vin=14V
Fig 20. SMT Efficiency Curves for Vout=1.2V (25C)
SIP20W-12S05A Curve Vout=1.2V NFA020 SIP EfficiencyVo:1.2V (+25 C) Eff. vs Io
o
100% 95%
Eff. (%)
90% 85% 80% 75% 70%
2 4 6 8 10 12 14 16 18 20
Vin=6V Vin=12V Vin=14V
Output Load (A)
Fig 21. SIP Efficiency Curves for Vout=1.2V (25C)
13
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
NFA020 SMT Efficiency Curve Vout=1.5V SMT20W-12S05A Vo:1.5V (-40oC) Eff. vs Io
95% 90%
Eff. (%)
85% 80% 75%
2 4 6 8 10 12 14
Vin=6V Vin=12V Vin=14V
16 18 20
Output Load (A)
Fig 22. SMT Efficiency Curves for Vout=1.5V (25C)
NFA020 SIP EfficiencyVo:1.5V (+25oC) Eff. vs Io SIP20W-12S05A Curve Vout=1.5V
100% 95%
Eff. (%)
90% 85% 80% 75% 70%
2 4 6 8 10 12 14 16 18 20 Output Load (A)
Vin=6V Vin=12V Vin=14V
Fig 23. SIP Efficiency Curves for Vout=1.5V (25C)
14
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
o NFA020 SMT20W-12S05A Vo:1.8V (-40 C) Eff. vs Io SMT Efficiency Curve Vout=1.8V
100% 95%
Eff. (%)
90% 85% 80% 75%
2 4 6 8 10 12 14 16 18 20 Output Load (A)
Vin=6V Vin=12V Vin=14V
Fig 24. SMT Efficiency Curves for Vout=1.8V (25C)
NFA020 SIP Efficiency Curve Vout=1.8V SIP20W-12S05A Vo:1.8V (+25oC) Eff. vs Io
100% 95%
Eff. (%)
90% 85% 80% 75% 70%
2 4 6 8 10 12 14 16 18 20 Output Load (A)
Vin=6V Vin=12V Vin=14V
Fig 25. SIP Efficiency Curves for Vout=1.8V (25C)
15
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
SMT20W-12S05A Vo:2.0V (-40oC) Eff. NFA020 SMT Efficiency Curve Vout=2.0V vs Io
100% 95%
Eff. (%)
90% 85% 80% 75%
2 4 6 8 10 12 14 16 18 20 Output Load (A)
Vin=6V Vin=12V Vin=14V
Fig 26. SMT Efficiency Curves for Vout=2.0V (25C)
o NFA020 SIP Efficiency Curve Vout=2.0V vs Io SIP20W-12S05A Vo: 2.0V (+25 C) Eff.
100% 95%
Eff. (%)
90% 85% 80% 75% 70%
2 4 6 8 10 12 14 16 18 20 Output Load (A)
Vin=6V Vin=12V Vin=14V
Fig 27. SIP Efficiency Curves for Vout=2.0V (25C)
16
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
o NFA020 SMT20W-12S05ACurve Vout=2.5V vs Io SMT Efficiency Vo:2.5V (+25 C) Eff.
100% 95%
Eff. (%)
90% 85% 80% 75% 70%
2 4 6 8 10 12 14 16 18 20 Output Load (A)
Vin=6V Vin=12V Vin=14V
Fig 28. SMT Efficiency Curves for Vout=2.5V (25C)
NFA020 SIP Efficiency Curve Vout=2.5V SIP20W-12S05A Vo:2.5V (+25oC) Eff. vs Io
100% 95%
Eff. (%)
90% 85% 80% 75% 70%
2 4 6 8 10 12 14 16 18 20 Output Load (A)
Vin=6V Vin=12V Vin=14V
Fig 29. SIP Efficiency Curves for Vout=2.5V (25C)
17
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
SMT20W-12S05A Vo:3.3V Eff. vs NFA020 SMT Efficiency Curve Vout=3.3V Io
100% 95% Eff. (%) 90% 85% 80% 2 4 6 8 10 12 14 16 18 20 Output Load (A)
Fig 30. SMT Efficiency Curves for Vout=3.3V (25C)
Vin=6V Vin=12V Vin=14V
SIP20W-12S05A Vo:3.3V Eff. vs Io NFA020 SIP Efficiency Curve Vout=3.3V
100% 95% Eff. (%) 90% 85% 80% 2 4 6 8 10 12 14 16 18 20 Output Load (A)
Fig 31. SIP Efficiency Curves for Vout=3.3V (25C)
Vin=6V Vin=12V Vin=14V
18
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
SMT20W-12S05A Vo:5.0V Vout=5.0V NFA020 SMT Efficiency Curve(+25 C) Eff. vs Io
o
100% 95% Vin=6V 90% 85%
2 4 6 8 10 12 14 16 18 20 Output Load (A)
Eff. (%)
Vin=12V Vin=14V
Fig 32. SMT Efficiency Curves for Vout=5.0V (25C)
NFA020 SIP Efficiency Curve Vout=5.0V o
100% 95%
Eff. (%)
SIP20W-12S05A Vo:5.0V (+25 C) Eff. vs Io
90% 85% 80% 75% 70%
2 4 6 8 10 12 14 16 18 20
Vin=6.5V Vin=12V Vin=14V
Output Load (A)
Fig 33. SIP Efficiency Curves for Vout=5.0V (25C)
19
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
Typical Start Up
Ch1. Vin Ch2. Vout, Full load. Ch3. Q1-Vgs Ch4. Q2-Vgs
Typical Start Up with pre-bias
Ch1 : Enable Ch2 : Vout Ch3 : Output current at Full Load.
20
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
Typical Output Noise and Ripple
Vin = 12Vdc , Vo=5.0V/20A Output with 1uF ceramic and 10uF tantalum capacitor
Typical Output Transient Response
Vin = 12Vdc , Vo=5.0V , 50% - 100% - 50% Load change , @0.1A/uS
21
NFA020_6200760000_B04_21/04/08
Murata Power Solutions Non-Isolated 16A SIP/SMT DC/DC Converters
VOLANT NFA016 Series Output Voltage Set point adjustment.
NFA Series can also be programmed by applying a voltage between the TRIM and GND pins (Figure below). The following equation can be used to determine the value of Vtrim needed to obtain a desired output voltage Vo:
For example, to program the output voltage of NFA Series module to 3.3 Vdc, Vtrim is calculated as follows:
Circuit Configuration for programming Output voltage using external voltage source Table 1 provides Rtrim values for some common output voltages, whileTable 2 provides values of the external voltage source, Vtrim for the same common output voltages.
By using a 1% tolerance trim resistor, set point tolerance of 2% is achieved as specified in the electrical specification.
22
NFA016_6200890000_B01_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
Remote Sense:
All Murata Power Solutions Technologies SMT/SIP power modules offer an option for remote sense. The remote sense compensates for any distribution drops to accurately control voltage at the point of load. The voltage between the sense pin to Vout pin should not exceed 0.5V.
Voltage Sequencing:
NFA series power modules offer the ability to precisely sequence output voltage rise. The sequence feature limits the output voltage to that presented at the Sequence pin. For example, if the sequence pin is connected to a variable voltage source, and the converter is enabled, output voltage will track the voltage applied to the sequence pin, to a maximum of the programmed output voltage. If this feature is not required, the sequence pin should remain unconnected. In practice, the Sequence pin of a lower voltage converter may be connected to a higher voltage source to ensure the lower voltage does not exceed the higher voltage during power on and power off. If multiple NFA series converters are used, all Sequence pins may be connected to the same higher voltage. In this way, all voltage rails will rise at the same rate, and cease to rise at their respective programmed output voltages.
SMT Lead free Reflow profile
1. Ramp up rate during preheat : 1.33 /Sec ( From 30 to 150 ) 2. Soaking temperature : 0.29 /Sec ( From 150 to 180 ) 3. Ramp up rate during reflow : 0.8 /Sec ( From 220 to 250 ) 4. Peak temperature : 250, above 220 40 to 70 Seconds
5. Ramp up rate during cooling : -1.56 /Sec ( From 220 to 150 )
23
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Non-Isolated 20A SIP/SMT DC/DC Converters
VOLANT NFA020 Series
Mechanical and pinning Information.
Given below is the outline drawing showing physical dimensions of the SIP & SMT package. The external dimensions for SMT package are 43.2mm X 13.46mm X 9.3mm.
BOTTOM VIEW OF BOARD
43.2 (1.70) 7.54 (0.297) 9.30 (0.366) max.
Recommended Pad Layout
Dimensions are in millimetes and(inches)
7.54 (0.297) 3.05 (0.120)
3.05 (0.120)
4.83 4.83 4.83 4.83 4.83 (0.190) (0.190) (0.190) (0.190) (0.190) 1.65 (0.065)
4.83 4.83 4.83 4.83 4.83 (0.190) (0.190) (0.190) (0.190) (0.190)
SEQ
COM
+VO
TRIM +SENSE PGood
10.28 13.46 (0.405) (0.530) 10.28 (0.405)
PGood +SENSE TRIM +VO
COM
SEQ
10.92 (0.430)
1.57 (0.062)
+VIN
ON/OFF
SURFACE MOUNT CONTACT
ON/OFF
1.91 (0.075)
+VIN
L1 INDUCTOR 29.90 (1.177)
2.84 (0.112)
1.22 (0.048)
Dimensions are in millimeters(Inches)
PAD SIZE MIN:3.556x2.413(0.140x0.095) MAX:4.19x2.79(0.165x0.110)
Tolerances :X.X = 0.5mm(0.02in),X.XX = 0.25mm(0.010in),unless otherwise noted.
Whereas, the external dimensions of the SIP version are 61.08mm X 12.95mm X 8.30mm.
PIN CONNECTION Pin FUNCTION +Output 1 +Output 2 3 +Sense +Output 4 5 6 7 8 9 10 11 12 Common PGood Common +V Input +V Input Sequence Trim On/Off Control
SIZE SIP
2.40(61.0) A
0.327(8.30)max. J 0.23(5.8) I
12345 0.14(3.6) C 0.100(2.54) D 0.400(10.20) F
6 7 8 9 10 11 12 0.510(12.95) B 0.250(6.35) H 0.28(7.1) K 0.025(0.64) L
0.010(0.25) min. 0.025(0.64) E 0.900(22.90) G
All Dimmension In Inches(mm) Tolerance : .XX= 0.02 ( .X= 0.5 ) .XXX= 0.010 ( .XX= 0.25 )
Pin 6 is fitted only when PGood option is ordered.
24
NFA020_6200760000_B04_21/04/08
Murata Power Solutions
Safety Considerations
Non-Isolated 20A SIP/SMT DC/DC Converters VOLANT NFA020 Series
The NFA series of converters are certified to IEC/EN/CSA/UL 60950. If this product is built into information technology equipment, the installation must comply with the above standard. An external input fuse (no more 20 A recommended) must be used to meet the above requirements. The output of the converter [Vo(+)/Vo(-)] is considered to remain within SELV limits when the input to the converter meets SELV or TNV-2 requirements. The converters and materials meet UL 94V-0 flammability ratings.
Ordering Information
Part Number NFA0201500B0C NFA0201500S0C NFA0201501B0C NFA0201501S0C Vin* 6.0V - 14.0V 6.0V - 14.0V 6.0V - 14.0V 6.0V - 14.0V Vout 0.75V - 5.0V 0.75V - 5.0V 0.75V - 5.0V 0.75V - 5.0V Iout Enable Logic 20A Negative 20A Negative 20A Positive 20A Positive Pin Length 0.139" SMT 0.139" SMT
* An input voltage of 6.5 Volts is required for 5 Volt output at full load.
Label Information
NFA0201500B0-XC
C = RoHS Compliant X = Factory control character (not required when ordering) 0 = Standard. (No PGood option) P = Power Good Option Pin Length Option B=0.139" S=SMT Enable Logic, 0 for -ve, 1 for +ve Iout Place Holder Vout Range F=Fixed A=Adjustable Vin (value or range) C= 3.3V -5.0V E= 8.3V-14V F= 6.0V-14V Vout
Non-Isolated Family RoHS Compliant
The NFA020 series of converters is in compliance with the European Union Directive 2002/95/EC (RoHS) with repsect to the following sustances: lead (Pb), mercury (Hg), cadmium (Cd), hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated diphenyl ethers (PBDE).
25
NFA020_6200760000_B04_21/04/08


▲Up To Search▲   

 
Price & Availability of NCA0201500B0-XC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X