Part Number Hot Search : 
MIC1832 B2566 RB050 B2566 IR331 LB1952 MAX3274 400BL
Product Description
Full Text Search
 

To Download MSJ800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Powered by
MSJ 800
2V 800Ah
Specification
Cells Per Unit Voltage Per Unit Capacity Weight Maximum Discharge Current Internal Resistance Operating Temperature Range
MSJ 800 is a long service life battery up to 20 years expected life under normal float charge. As wit hall CSB batteries , all are rechargeable, highly efficient , leak proof and maintenance free.
1 2 800Ah @ 10hr-rate to 1.80V per cell @25 (77 ) Approx. 57 kg(125.66 lbs) 4800A(5sec) Approx. 0.78 m Discharge: -20 ~50 (-4 ~122 ) Charge: 0 ~40 (32 ~104 ) Storage: -20 ~40 (-4 ~104 ) Nominal Operating Temperature Range 25 3 (77 5 ) 2.23 0.02/Cell at 25 (77 ) Temp. Float Charging Voltage Coefficient 3.3mV/ ( 1.8mV/ ) Recommended Maximum Charging Current Limit 240A Equalization / Cycle Use Charging Voltage 2.35V Temps coefficient 3.3mV/ ( 1.8mV/ ) Terminal Pb-Ca-Sn Alloy(L / Recessed Terminal) The container and cover are made of flame retardant Container Material
CSB-manufactured VRLA batteries are ULrecognized components under UL924 and UL1989. CSB is also certified by ISO 9001 and ISO 14001.
plastics which meet ABS(UL 94-V0/File E88637) specifications.The oxygen index level is higher than 28
Dimensions :
Unit: mm (inch)
Overall Height (H) 3393 (13.360.12)
Container height (h) 3313 (13.030.12)
Length (L) 3733 (14.690.12)
Width (W) 1743 (6.850.12)
The system of manufacturer was certified by URS according to ISO 9001,ISO 14001.
Constant Current Discharge Characteristics
Unit:A (25
,77
)
F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.83V F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.83V
15MIN 1270 1208 1126 1000 861 728 15MIN 2224 2203 2027 1822 1568 1326
30MIN 843 810 763 678 626 563 30MIN 1499 1491 1387 1250 1152 1038
60MIN 517 494 485 446 421 389 60MIN 923 920 891 832 784 723
2HR 307 296 291 275 262 248 2HR 555 547 539 515 493 464
3HR 229 219 214 203 195 186 3HR 416 414 402 387 371 354
4HR 182 176 174 165 163 150 4HR 334 331 326 315 306 282
5HR 154 147 146 139 134 128 5HR 283 280 277 266 258 246
6HR 133 130 126 120 118 112
,77
8HR 107 102 101 98.0 96.0 91.0
)
10HR 90.0 86.0 85.0 83.0 80.0 77.0 10HR 170 168 166 162 157 152
Constant Power Discharge Characteristics
Unit:W (25
6HR 251 248 243 232 227 214
8HR 200 198 195 190 184 176
RA: 0812
MSJ 800
t
2V 800Ah
i
Gas recombination efficiency
CA
(Min-Hrs)
GLOBAL HQ CSB BATTERY CO., LTD. (TAIWAN) Tel : +886-2-2555-5600 Fax : +886-2-2555-3300 mail : service@csb-battery.com.tw BEIJING OFFICE. (CHINA) CSB BATTERY TECHNOLOGIES (BEIJING) CO., LTD. Tel : +86-10-59621300/1301/1302/1303 Fax : +86-10-59621304 mail : chinasls@csb-battery.com
AMERICA HQ CSB BATTERY TECHNOLOGIES INC. (U.S.A) Tel : +1-817-244-7777/1-(800)3-CSB-USA(272872) Fax : +1-817-244-4445 mail : csb@csb-battery.com SHANGHAI OFFICE. (CHINA) CSB BATTERY LOGISTIC (SHANGHAI) CO., LTD. Tel : +86-21-5046-1622/5046-0833 Fax : +86-21-5064-3314 mail : chinasls@csb-battery.com
EUROPE HQ CSB Battery Europe BV. Tel : +31(0)-180-418-140 Fax : +886-2-2555-3300 mail : eurosales@csb-battery.eu SHENZHEN OFFICE.( CHINA ) CSB BATTERY LOGISTIC ( SHANGHAI ) CO., LTD. Tel : +86-755-8831-6488/6396/6356 Fax : +86-755-8831-6548 mail : she@csb-battery.com.cn


▲Up To Search▲   

 
Price & Availability of MSJ800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X