Part Number Hot Search : 
10100CT HV832DB1 250R1 NJL5901R MC5420L T83C51 95160 AVS12CB
Product Description
Full Text Search
 

To Download MES30B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 16.5~30W AC-DC Single Output and Medical Type Desktop
Features :
MES30B
series
Universal AC input / Full range 2 pole AC inlet IEC320-C8 Class power ( without earth pin) Full output 3~48V safety approval Protections: Short circuit / Overload / Over voltage / Over temp. Fully enclosed plastic case Fix switching frequency and regulation Topology: Top switch circuit LED indicator for power on Approvals: UL / CUL / TUV / CB / CE 2 years warranty
EN 60601-1 IEC 60601-1
SPECIFICATION
ORDER NO. SAFETY MODEL NO. DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT MES30B-0P1J MES30B-1P1J MES30B-1-1P1J MES30B-2P1J MES30B-3P1J MES30B-4P1J MES30B-5P1J MES30B-6P1J MES30B-8P1J MES30B-0
Note.2 3.3V
MES30B-1 5V 5A 0 ~ 5A 25W 30mVp-p 5.0% 1.0% 5.0%
MES30B-1-1 MES30B-2 7.5V 3.33A 0 ~ 3.33A 25W 40mVp-p 4.0% 1.0% 4.0% 9V 3.33A 0 ~3.33A 30W 50mVp-p 4.0% 1.0% 4.0%
MES30B-3 12V 2.5A 0 ~ 2.5A 30W 50mVp-p 3.0% 1.0% 3.0%
MES30B-4 15V 2.0A 0 ~ 2.0A 30W 60mVp-p 2.0% 1.0% 2.0%
MES30B-5 18V 1.66A 0 ~ 1.66A 30W 70mVp-p 2.0% 1.0% 2.0%
MES30B-6 24V 1.25A 0 ~ 1.25A 30W 80mVp-p 2.0% 1.0% 2.0%
MES30B-8 48V 0.62A 0 ~ 0.62A 30W 100mVp-p 2.0% 1.0% 2.0%
5A 0 ~ 5A 16.5W
RIPPLE & NOISE (max.) Note.3 30mVp-p Fixed VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.4 8.0% LINE REGULATION LOAD REGULATION VOLTAGE RANGE FREQUENCY RANGE EFFICIENCY (Typ.) AC CURRENT INRUSH CURRENT (max.) LEAKAGE CURRENT (max.) OVERLOAD
Note.5 Note.6
1.0% 8.0%
SETUP, RISE, HOLD UP TIME 300ms, 50ms, 16ms at full load 90 ~ 264VAC 135 ~ 370VDC 47 ~ 63Hz 65% 35A / 230VAC 0.1mA / 240VAC 150~350% rated output power 112 ~ 250% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed 110 ~ 140% rated output voltage Protection type : Hiccup mode, recovers automatically after fault condition is removed Tj 135 typically (IC1) detect on main control IC Protection type : Shut down o/p voltage, recovers automatically after temperature goes down 0 ~ +65 (Refer to output load derating curve) 20% ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03% / ( 0 ~ 50 ) 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes UL2601-1, IEC601-1, EN60601-1 approved I/P-O/P: 5656VDC I/P-O/P: 100M Ohms / 500VDC / 25 Compliance to EN61000-3-2,3 Compliance to EN60601-1-2 (EN61000-4-2,3,4,5,6,8,11), ENV50204, light industry level, criteria A 400Khrs min. MIL-HDBK-217F (25 ) 108*67*36mm (L*W*H) 0.3kg ; 54pcs/ 20kg / CARTON Standard type P1J: 2.1 * 5.5 * 11mm, turning fork type, center positive for stock ; Other type available by customer requested SPT-2 16AWG 4FT for 3.3 ~ 7.5V ; UL1185 18AWG 6FT for 9 ~48V / 70% RH 70% 72% 74% 76% 78% 78% 80% 82% 0.8A / 100VAC
INPUT
PROTECTION OVER VOLTAGE OVER TEMPERATURE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & ISOLATION RESISTANCE EMC EMI CONDUCTION & RADIATION (Note. 7) HARMONIC CURRENT EMS IMMUNITY MTBF OTHERS DIMENSION PACKING PLUG CABLE
Compliance to EN55011(CISPR11) class B
CONNECTOR NOTE
1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient. 2.DC voltage: The output voltage set at point measure by plug terminal & 50% load. 3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 4.Tolerence: includes set up tolerance, line regulation, load regulation. 5.Line regulation is measured from low line to high line at rated load. 6.Load regulation is measured from 0% to 100% rated load. 7.The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
File Name:MES30B-SPEC 2008-05-08
16.5~30W AC-DC Single Output and Medical Type Desktop
Mechanical Specification
M S P - 2 2 5 sseerrii e s U ES30B es
Unit:mm
SPT-2 16AWG 4ft for 3.3V,5V,7.5V UL 1185 18AWG 6ft for others
36
36
106
100 10mm
SWITCHING ADAPTOR
11
C"+"
67
POWER LED 108
ID 2.1 x OD 5.5
69.9
18
Plug Assignment
Standard plug: P1J (option)
3
33.5
67
45
42
P1J
P/N CENTER OUTPUT +
R1
NAME PLATE
RUBBER FOOTX4
Derating Curve
Static Characteristics
100
100
LOAD (%)
LOAD (%)
80 60
50
0
15
30
40 45
60
70
0
50
60
70
80
90 100
260
Ta (
)
INPUT VOLTAGE
File Name:MES30B-SPEC 2008-05-08


▲Up To Search▲   

 
Price & Availability of MES30B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X