Part Number Hot Search : 
2409S ES2DA SGM8631 MJE1300 B4060 D2061 GL480 78S06
Product Description
Full Text Search
 

To Download MCR100-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCR169D
A Advance Information STC MCR100-8 General Purpose STC OT391 Sensitive Gate Silicon Controlled Rectifier
SCR 0.8 AMPERES RMS 600 VOLTS
Reverse Blocking Thyristor
PNPN device designed for line-powered general purpose applications such as relay and lamp drivers, small motor controls, gate drivers for larger thyristors, and sensing and detection circuits. Supplied in a cost effective plastic TO-92 package. * Sensitive Gate Allows Direct Triggering by Microcontrollers and Other Logic Circuits * On-State Current Rating of 0.8 Amperes RMS at 80C * Surge Current Capability - 10 Amperes * Immunity to dV/dt - 20 V/sec Minimum at 110C * Glass-Passivated Surface for Reliability and Uniformity * Blocking Voltage to 600 Volts
MAXIMUM RATINGS (TJ = 25C unless otherwise noted)
Rating Peak Repetitive Off-State Voltage (Note 1.) (TJ = *40 to 110C, Sine Wave, 50 to 60 Hz; Gate Open) On-State RMS Current (TC = 80C) 180 Conduction Angles Peak Non-Repetitive Surge Current (1/2 Cycle, Sine Wave, 60 Hz, TJ = 25C) Circuit Fusing Consideration (t = 10 ms) Forward Peak Gate Power (TA = 25C, Pulse Width v 1.0 s) Forward Average Gate Power (TA = 25C, t = 20 ms) Forward Peak Gate Current (TA = 25C, Pulse Width v 1.0 s) Reverse Peak Gate Voltage (TA = 25C, Pulse Width v 1.0 s) Operating Junction Temperature Range @ Rate VRRM and VDRM Storage Temperature Range Symbol VDRM, VRRM IT(RMS) ITSM Value 600 Unit Volts TO-92 (TO-226) CASE 029 STYLE 10 G A K
1
2
3
0.8 10
Amp
PIN ASSIGNMENT
Amps 4 1 2 I2t PGM PG(AV) IGM VGRM TJ Tstg 0.415 0.1 0.10 1.0 5.0 -40 to 110 -40 to 150 A2s Watt Watt Amp Volts C C 3 Cathode Gate Anode
(1) VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant source such that the voltage ratings of the devices are exceeded.
(c) Semiconductor Components Industries, LLC, 2000
1
December, 2000 - Rev. 0
Publication Order Number: NCR169D/D
MCR100-8
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance - Junction to Case - Junction to Ambient Lead Solder Temperature (t1/16 from case, 10 secs max) Symbol RJC RJA TL Max 75 200 260 Unit C/W C
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Peak Repetitive Forward or Reverse Blocking Current (Note 1.) (VD = Rated VDRM and VRRM; RGK = 1.0 k) IDRM, IRRM TC = 25C TC = 110C - - - - 10 0.1 A mA
ON CHARACTERISTICS
Peak Forward On-State Voltage(*) (ITM = 1.0 Amp Peak @ TA = 25C) Gate Trigger Current (Continuous dc) (Note 2.) (VAK = 12 V, RL = 100 Ohms) Holding Current (Note 2.) (VAK = 12 V, IGT = 0.5 mA) Latch Current (VAK = 12 V, IGT = 0.5 mA, RGK = 1.0 k) Gate Trigger Voltage (Continuous dc) (Note 2.) (VAK = 12 V, RL = 100 Ohms, IGT = 10 mA) TC = 25C TC = 25C TC = -40C TC = 25C TC = -40C TC = 25C TC = -40C VTM IGT IH IL VGT - - - - - - - - - 6 0.5 - 0.6 - 0.62 - 1.7 8 5.0 10 10 15 0.8 1.2 Volts A mA mA Volts
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off-State Voltage (VD = Rated VDRM, Exponential Waveform, RGK = 1000 Ohms, TJ = 110C) Critical Rate of Rise of On-State Current (IPK = 20 A; Pw = 10 sec; diG/dt = 1.0 A/sec, Igt = 20 mA) *Indicates Pulse Test: Pulse Width 1.0 ms, Duty Cycle 1%. 1. RGK = 1000 Ohms included in measurement. 2. Does not include RGK in measurement. dV/dt 20 35 - V/s
di/dt
-
-
50
A/s
2
MCR100-8
Voltage Current Characteristic of SCR
+ Current Anode + VTM on state IRRM at VRRM IH
Symbol
VDRM IDRM VRRM IRRM VTM IH
Parameter
Peak Repetitive Off State Forward Voltage Peak Forward Blocking Current Peak Repetitive Off State Reverse Voltage Peak Reverse Blocking Current Peak on State Voltage Holding Current Reverse Blocking Region (off state) Reverse Avalanche Region Anode -
+ Voltage IDRM at VDRM Forward Blocking Region (off state)
100 GATE TRIGGER VOLTAGE (VOLTS) 95 90 GATE TRIGGER CURRENT ( m A) 80 70 60 50 40 30 20 10 -40 -25 -10 5 20 35 50 65 80 TJ, JUNCTION TEMPERATURE (C) 110
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 -40 -25 -10 5 20 35 50 65 80 TJ, JUNCTION TEMPERATURE (C) 95 110
Figure 1. Typical Gate Trigger Current versus Junction Temperature
Figure 2. Typical Gate Trigger Voltage versus Junction Temperature
3
MCR100-8
1000 1000
100
LATCHING CURRENT ( m A) 95 110
HOLDING CURRENT (m A)
100
10 -40 -25 -10 5 20 35 50 65 80 TJ, JUNCTION TEMPERATURE (C)
10 -40 -25 -10 5 20 35 50 65 80 TJ, JUNCTION TEMPERATURE (C)
95
110
Figure 3. Typical Holding Current versus Junction Temperature
Figure 4. Typical Latching Current versus Junction Temperature
TC, MAXIMUM ALLOWABLE CASE TEMPERATURE ( C)
I T, INSTANTANEOUS ON-STATE CURRENT (AMPS)
120 110 100 90 DC 80 70 60 50 40 0 0.1 30 60 90 120 0.5 180
10 MAXIMUM @ TJ = 25C MAXIMUM @ TJ = 110C
1
0.2 0.3 0.4 IT(RMS), RMS ON-STATE CURRENT (AMPS)
0.1
0.5 0.8 1.1 1.4 1.7 2.0 2.3 2.6 2.9 3.2 3.5 VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
Figure 5. Typical RMS Current Derating
Figure 6. Typical On-State Characteristics
4


▲Up To Search▲   

 
Price & Availability of MCR100-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X