Part Number Hot Search : 
B44H11G TP220 MEGA32 88MHZ A200441 2982SLWT 7C138 E006395
Product Description
Full Text Search
 

To Download MCI1812-100JB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RESISTORS CAPACITORS COILS DELAY LINES
MOLDED WIREWOUND CHIP INDUCTORS
MCI SERIES
RoHS
Term.W is RoHS compliant & 260C compatible
New! MCI1008
Molded construction, excellent environmental performance 1210 and 1812 sizes available from stock Ferrite core, wirewound construction Intermediate values, increased current, Q, & SRF available
A
B
Dim. A B C D E F
C
DE
F
TYPE MCI1008
Induc. (H) .12 .15 .22 .33 .47 .68 .82 1.0 1.5 2.2 3.3 4.7 6.8 8.2 10 15 22 33 47 68 82 100 Standard Tolerance 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% Q Test Freq. SRF Min. Max. DCR Rated* DC (Min.) (MHz ) (MHz ) (ohm) Current (mA) 30 25.2 600 .37 420 30 25.2 550 .42 380 30 25.2 450 .52 330 30 25.2 400 .60 300 30 25.2 350 .68 250 .85 220 30 25.2 270 1.0 200 30 25.2 250 1.1 195 30 7.96 220 135 1.3 190 30 7.96 75 1.55 180 7.96 30 1.9 170 7.96 48 30 2.3 165 30 7.96 40 160 2.7 25 7.96 33 155 30 3.1 25 7.96 3.5 150 27 25 2.52 4.4 140 2.52 20 25 125 5.5 25 2.52 17 110 7.1 25 2.52 15 11 80 13 20 2.52 16.6 70 11 20 2.52 19 65 2.52 10 20 9 21 60 .796 15
MCI1008 .067 .012 [1.7 .3] .016 .008 [.4 .2] .016 [.4] Min. .040 [1.0] Min. .079 .008 [2.0 .2] .100 .01 [2.54 .26]
MCI1210 .087 .008 [2.21 .2] .027 .012 [.686 .3] .02 [.51] Min. .040 [1.0] Min. .098 .01 [2.49 .25] .126 .01 [3.2 .25]
MCI1812 .126 .008 [3.2 .2] .027 .012 [.686 .3] .02 [.51] Min. .044 [1.1] Min. .125 .01 [3.2 .25] .177 .012 [4.5 .3]
TYPE MCI1812
Induc. Standard Q Test Freq. SRF Min. DC Resis. Rated* DC (H) Tolerance (Min.) (MHz ) (MHz ) ( @20C) Current (mA) 540 .28 600 25.2 28 20% 0.10 520 .22 500 25.2 30 20% 0.12 500 .25 400 25.2 30 20% 0.15 490 .28 300 25.2 30 20% 0.18 480 .30 200 25.2 30 20% 0.22 460 .32 200 25.2 30 20% 0.27 450 .34 180 25.2 30 20% 0.33 450 .38 180 25.2 30 20% 0.39 450 .42 165 25.2 30 20% 0.47 450 .46 150 25.2 30 20% 0.56 450 .51 150 25.2 30 20% 0.68 450 .55 140 25.2 30 20% 0.82 450 .50 100 7.96 50 10% 1.0 430 .55 80 7.96 50 10% 1.2 410 .60 70 7.96 50 10% 1.5 390 .65 60 7.96 50 10% 1.8 380 .70 55 7.96 50 10% 2.2 370 .75 50 7.96 50 10% 2.7 355 .80 45 7.96 50 10% 3.3 330 .90 40 7.96 50 10% 3.9 315 1.0 35 7.96 50 10% 4.7 300 1.1 33 7.96 50 10% 5.6 285 1.2 27 7.96 50 10% 6.8 270 1.4 25 7.96 50 10% 8.2 250 1.6 20 7.96 50 10% 10 225 2.0 18 2.52 50 10% 12 200 2.5 17 2.52 50 10% 15 190 2.8 15 2.52 50 10% 18 180 3.2 13 2.52 50 10% 22 170 3.6 12 2.52 50 10% 27 160 4.0 11 2.52 50 10% 33 150 4.5 11 2.52 50 10% 39 140 5.0 10 2.52 50 10% 47 135 5.5 9.0 2.52 50 10% 56 130 6.0 9.0 2.52 50 10% 68 120 7.0 8.0 2.52 50 10% 82 110 8.0 8.0 2.52 40 10% 100 110 8.0 6.0 .79 40 10% 120 105 9.0 5.0 .79 40 10% 150 102 9.5 4.5 .79 40 10% 180 100 12 4.3 .79 40 10% 220 92 18 4.0 .79 40 10% 270 85 20 3.5 .79 40 10% 330 80 23 3.0 .79 40 10% 390 62 26 3.0 .79 30 10% 470 50 30 3.0 .79 30 10% 560 50 39 3.0 .79 30 10% 680 40 45 2.5 .79 30 10% 820 30 50 2.5 .79 20 10% 1000
TYPE MCI1210
Induc. (H) .01 .015 .022 .033 .047 .068 .10 .15 .22 .33 .47 .68 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 Standard Tolerance 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 20% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% Q Test Freq. SRF Min. Max. DCR Rated* DC (Min.) (MHz ) (MHz ) (ohm) Current (mA) 15 100 2500 .13 520 19 100 2100 .16 500 23 100 1700 .20 480 25 100 1400 .24 470 26 100 1200 .30 460 .36 450 100 1000 27 700 .44 450 28 100 450 450 .25 30 25.2 450 25.2 350 .32 30 .40 450 30 25.2 300 450 25.2 220 .50 30 .60 450 25.2 160 30 .70 400 30 7.96 120 85 .85 370 30 7.96 75 1.0 320 30 7.96 1.2 260 30 7.96 60 50 1.5 220 30 7.96 7.96 40 1.8 180 30 150 2.52 30 2.1 30 130 30 2.52 20 2.8 30 2.52 20 3.7 110 30 2.52 17 5.6 70 30 2.52 15 7.0 60 30 2.52 12 9.0 50 20 .796 10 11 40 20 .796 8 15 65 20 .796 7 21 50 20 .796 5 34 40
P/N DESIGNATION:
MCI1812
- 100 - K T W
SPECIFICATIONS
Temperature Range T.C. of Inductance Resis. to Soldering Heat Resis. to Solvents DC Current -40C to +105C +50 to +150ppm/C typ. 260C, 10 seconds per MIL-STD-202, m215 10% Max L at full current
* Current rating is based on 85C max ambient, derate 5%/C above 85C
RCD Type Options: (leave blank if std) Induc. Code (uH): 2 significant figures and multiplier (R01=.01uH, R015=.015uH, R10=0.1uH, 1R0=1uH, 100=10uH, 101=100uH, 102=1000uH) Tolerance Code: M=20%, K=10%, J=5% Packaging: B= Bulk, T= Tape & Reel (2K/reel typ. 1210, 500/reel 1812) Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
FA091 Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
94


▲Up To Search▲   

 
Price & Availability of MCI1812-100JB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X