Part Number Hot Search : 
KIA78 02002 040HP XR1016CD 0E30A C164CM D1308 2A222
Product Description
Full Text Search
 

To Download M1MA151WK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M1MA151WK / M1MA152WK
Elektronische Bauelemente
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free
Surface Mount Switching Diode
CATHODE 3 S
A L
3 Top View
3 2 1
2
1
B
D G C H K J
2 ANODE
1
MAXIMUM RATINGS (TA = 25C)
Rating Reverse Voltage M1MA151WK M1MA152WK Peak Reverse Voltage M1MA151WK M1MA152WK Forward Current Single Dual Peak Forward Current Single Dual Peak Forward Surge Current Single Dual IFSM(1) IFM IF VRM Symbol VR Value 40 80 40 80 100 150 225 340 500 750 mAdc mAdc mAdc Vdc Unit Vdc
SC-59 Dim A B C D G H J K L S Min 2.70 1.30 1.00 0.35 1.70 0.00 0.10 0.20 1.25 2.25 Max 3.10 1.70 1.30 0.50 2.30 0.10 0.26 0.60 1.65 3.00
THERMAL CHARACTERISTICS
Rating Power Dissipation Junction Temperature Storage Temperature Symbol PD TJ Tstg Max 200 150 - 55 to + 150 Unit mW C C
All Dimension in mm
DEVICE MARKING
M1MA151WK = MT; M1MA152KA = MU
ELECTRICAL CHARACTERISTICS (TA = 25C)
Characteristic Reverse Voltage Leakage Current M1MA151WK M1MA152WK Forward Voltage Reverse Breakdown Voltage M1MA151WK M1MA152WK Diode Capacitance Reverse Recovery Time 1. t = 1 SEC 2. trr Test Circuit CD trr(2) VR = 0, f = 1.0 MHz IF = 10 mA, VR = 6.0 V, RL = 100 , Irr = 0.1 IR VF VR Symbol IR Condition VR = 35 V VR = 75 V IF = 100 mA IR = 100 A Min -- -- -- 40 80 -- -- Max 0.1 0.1 1.2 -- -- 2.0 3.0 pF ns Vdc Vdc Unit Adc
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
M1MA151WK / M1MA152WK
Elektronische Bauelemente Surface Mount Switching Diode
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
tr tp
OUTPUT PULSE
trr IF t t
A
RL
10% Irr = 0.1 IR 90% VR tp = 2 s tr = 0.35 ns IF = 10 mA VR = 6 V RL = 100
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of M1MA151WK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X