Part Number Hot Search : 
SN755866 0FBIR10 BD943F MDS720 TCU10A60 CM0465 IRFE024 FA5604
Product Description
Full Text Search
 

To Download M1MA151A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M1MA151A / M1MA152A
Elektronische Bauelemente
RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free A ANODE 3 S
3 2 1
2
Surface Mount Switching Diode
L
3 Top View
1
B
D G C H K J
2 1 CATHODE NO CONNECTION
MAXIMUM RATINGS (TA = 25C)
Rating Reverse Voltage M1MA151A M1MA152A Peak Reverse Voltage M1MA151A M1MA152A Forward Current Peak Forward Current Peak Forward Surge Current IF IFM IFSM(1) VRM Symbol VR Value 40 80 40 80 100 225 500 mAdc mAdc mAdc Vdc Unit Vdc
SC-59 Dim A B C D G H J K L S Min 2.70 1.30 1.00 0.35 1.70 0.00 0.10 0.20 1.25 2.25 Max 3.10 1.70 1.30 0.50 2.30 0.10 0.26 0.60 1.65 3.00
THERMAL CHARACTERISTICS
Rating Power Dissipation Junction Temperature Storage Temperature Symbol PD TJ Tstg Max 200 150 - 55 to + 150 Unit mW C C
All Dimension in mm
DEVICE MARKING
M1MA151A = MA; M1MA152A = MB
ELECTRICAL CHARACTERISTICS (TA = 25C)
Characteristic Reverse Voltage Leakage Current M1MA151A M1MA152A Forward Voltage Reverse Breakdown Voltage M1MA151A M1MA152A Diode Capacitance Reverse Recovery Time 1. t = 1 SEC 2. trr Test Circuit CD trr(2) VR = 0, f = 1.0 MHz IF = 10 mA, VR = 6.0 V, RL = 100 , Irr = 0.1 IR VF VR Symbol IR Condition VR = 35 V VR = 75 V IF = 100 mA IR = 100 A Min -- -- -- 40 80 -- -- Max 0.1 0.1 1.2 -- -- 2.0 3.0 pF ns Vdc Vdc Unit Adc
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
M1MA151A / M1MA152A
Elektronische Bauelemente Surface Mount Switching Diode
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
tr tp
OUTPUT PULSE
trr IF t t
A
RL
10% Irr = 0.1 IR 90% VR tp = 2 s tr = 0.35 ns IF = 10 mA VR = 6 V RL = 100
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of M1MA151A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X