Part Number Hot Search : 
EPJ5004 0UITA SUU80 SMBJ90A 100NS HEF40 Z4A18 34600
Product Description
Full Text Search
 

To Download LV12S24-150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATASHEET Rev. D
LV12S24-150
Low Voltage DC-DC Converter 10-36 Vdc Input 24Vdc Output at 6.25A Half-Brick Package
Features:
* * * * * * * *
Up to 86% Efficient Cost Efficient Solution Delivering 6.25A at Room Temperature with No Added Heat Sink with 400 LFM Fixed Switching Frequency High Reliability Consult Factory for Optional Heat Sink Output Short Circuit Protection Output Over Current Protection Optional Encapsulation for added Ruggedness Remote ON/OFF Remote Sense Compensation to 10% Vout Fast Transient Response 100% Burn In
Applications:
* * * * * For use in 12V and 24V battery applications. For use in Intermediate and Distributed Bus Architectures (IBA) Telecommunication equipment Network (LANs/WANs) Equipment Next generation low voltage, high current microprocessors and Ics
* * * * *
Description: The LV12S24-150 is a high density, low input voltage, isolated converter with a wide input voltage range. Low input voltage converters are uncommon in the industry and the LV12S24-150 offers the flexibility of operation with both 12V and 24V busses. This state-of-the-art converter's features include fast transient response, short circuit protection, over current protection, and many other features that are required for today's demanding applications.
(888) 597-WALL www.wallindustries.com 1 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
Technical Specifications
All specifications are based on 25 oC, Nominal Input Voltage and Maximum Output Current unless otherwise noted. We reserve the right to change specifications based on technological advances. SPECIFICATION Related condition Min Nom Max Switching Frequency 400 INPUT (Vin) Operating Voltage Range 10 12 / 24 36 UVLO Turn On at 9.4 9.5 9.6 UVLO Turn Off at 9.3 9.4 9.5 Maximum Input Current Low Line 6.3 No Load Input Current No Load 0.15 Input Current under "Remote Off" 0.0064 Reflected Ripple Current 225 84.5 EFFICIENCY OUTPUT (Vo) 23.76 24.24 Voltage Set Point RS shorted to Vo 24.0 -1% +1% 21.6 26.4 Voltage Adjustment Max Output limited to 150W 24.0 -10% +10% Load Regulation RS shorted to Vo 0.1 0.2 Line Regulation RS shorted to Vo 0.1 0.2 Temperature Drift 0.2 15.15 Remote Sense Compensation Max Output limited to 150W 10% Ripple 1uF Ceramic &10uF Tantalum 360 Spikes 1uF Ceramic &10uF Tantalum Current 0.6 6.25 Power Limited-Dependent upon SENSE Current Limit 14 compensation and TRIM adjustment Over Voltage Limit Output Clamped 1uF Ceramic & 10uF Tantalum DYNAMIC RESPONSE 50% to 100% Io, di/dt=1A/uS 200 Load step / V Recovery Time Recovery to within 1% Nominal Vo Turn On Delay From Vin(min) to Vout (nom) Turn On Overshoot Full Load Resistive Hold Up Time From Vin (min) to VULVO_Turn_Off 0 REMOTE ON/OFF Active High Remote ON - Active High Min High (ON/OFF pin) 2.2 Remote ON - Active Low Max Low (ON/OFF pin) N/A Remote OFF - Active High Max Low (ON/OFF pin) 1.2 Remote OFF - Active Low Min High (ON/OFF pin) N/A Remote ON/OFF pin Floating - Active High Over Operating Voltage Range 2.5 5.0 Remote ON/OFF pin Floating - Active Low Over Operating Voltage Range N/A ION/OFF Sink to pull low - Active Low or High VON/OFF =0V, Vin=36V 0.38 ION/OFF Source to drive high - Active High VON/OFF =5V, Vin=36V 0.03 ION/OFF Source to drive high - Active Low VON/OFF =5V, Vin=36V Turn On Delay - Active High ON/OFF (max Low) to Vout (min) 9 Turn Off Delay - Active High ON/OFF (0V) to Vout (min) 160 ISOLATION Input-Output 1 minute 1500 Input-Case 1 minute 500 Output-Case 1 minute 500 THERMAL Ambient Max. Ambient limited by OTP -40 25 OTP Over Temperature Protection (OTP) Case Temperature Greater than 95 Turn On (OTP) Case Temperature Less than 85 Calculated Using Bellcore TR-332 Method 1 case 3 2,563,116 MTBF MECHANICAL See Figure 1
Model No. LV12S24-150
Unit kHz Vdc Vdc Vdc A A A mA % Vdc % Vdc % % % / oC Vdc % mVpk-pk mVpk-pk A A Vdc mV ms ms % mS Vdc Vdc Vdc Vdc Vdc Vdc mA mA mA ms uS Vdc Vdc Vdc
o o
C C o C hours
(888) 597-WALL
www.wallindustries.com
Page 2 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
Table 1: Pin Assignments
Pin # 1 2 3 4 5 6 7 8 9 10
Pin Name -Vo -RS Trim +RS +Vo -Vin CHGND Key Pin/NC ON/OFF +Vin
Function Negative Output Negative Remote Sense Output Voltage Trim Positive Remote Sense Positive Output Negative Input Chassis Ground (Case) To Key Converter Remote On/Off Positive Input
Comments If not used, leave open or short to -Vo Refer to page 6 If not used, leave open or short to +Vo If not used, leave open Leave as a No Connect pin If not used, leave floating for Active High Unit If not used, short to -Vin on an Active Low Unit
Figure 1: Mechanical Dimensions
NOTES:
1. PIN TO PIN TOLERANCE .01 [0.3], PIN DIAMETER TOLERANCE: .005 [0.13]. 2. CASE MATERIAL: .040 [1.02] THICK, ALUMINUM ALLOY 3003-0, PER: QQA 250/2. 3. UNLESS OTHERWISE SPECIFIED.
TO ORDER:
4. UNIT COMES WITH EITHER 3M x 0.5 THREADED THRU INSERTS OR FOR O.125 THRU-HOLE ADD: "TH" SUFFIX TO MODEL PART NUMBER. EXAMPLE: LV12S15-100TH 5. CONSULT FACTORY FOR OPTIONAL HEAT SINK.
(888) 597-WALL
www.wallindustries.com
Page 3 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
DESIGN CONSIDERATIONS Under Voltage Lock Out (UVLO) The converter output is disabled until the input voltage exceeds the UVLO turn-on limit. The converter will remain ON until the input voltage falls below the UVLO turn-off limit. Over Current Protection The converter is protected from short circuit and over current conditions. During these fault conditions, the converter output will `hiccup'. The converter output will recover once the short or over current fault is removed. Over Temperature Protection (OTP) The converter has internal thermal protection that will shut the converter OFF once the case temperature exceeds the OTP turn-off limit. The converter will resume operation when the case temperature has dropped below the OTP turn-on limit. Input Filter It is recommended to bypass the +Vin and -Vin pins of the converter with a minimum of 680uF (100V minimum) capacitor. No other bypassing is needed. However, to reduce the input ripple beyond what is seen in Photo 1, larger values of capacitance may be used. Additionally, an inductor may be placed between the source and the previously mentioned capacitor. No inductor should be placed between the capacitor and the input to the converter.
Figure 2: Input Filter Setup
+Vin
Low Impedance Source
680 F
electrolytic capacitor
1 F
ceramic capacitor
LV12S24-150
-Vin
Output Filter No additional output capacitor is needed for the power supply to operate. However, to reduce the ripple and noise on the output, additional capacitance may be added. A low ESR Ceramic capacitor may be added across the +Vo and -Vo pins to reduce the ripple and spike noise. Additional capacitance in the form of a tantalum or aluminum electrolytic may also be placed across these pins in order reduce ripple and improve the transient peak-to-peak voltage deviation. Remote Sense To improve the regulation at the load, route the connections from the -RS and the +RS pins to the -Vo and +Vo connections at the load. This will force the converter to regulate the voltage at the load and not at the pins of the converter (refer to Graph 6). If it is not desired to use the Remotes Sense feature, the -RS and +RS pins may be left open or they may be shorted to the -Vo and +Vo pins respectively. Shorting the RS pins to the Vo pins will reduce the voltage drops through the converter pins.
(888) 597-WALL
www.wallindustries.com
Page 4 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
Remote ON/OFF The converter has the ability to be remotely turned ON or OFF. The LV series is Active-High. Active-High means that a logic high at the ON/OFF pin will enable the supply (Figure 3). With Active-High, if the ON/OFF pin is left floating, the supply will be enabled.
Figure 3: Active-High
LV Series Converter
(888) 597-WALL
www.wallindustries.com
Page 5 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
Output Voltage Trim: (24V, 26V, and 28V Models) The output is adjustable +/-10% of rated output voltage. To trim the output voltage up, place the trim resistor between the Trim and -Rs pins (Figure 5). To trim the output voltage down, place the trim resistor between the Trim and +Rs pins (Figure 4). The value of the trim resistor with respect to the desired output voltage (Vo) can be derived from the following formulas or looked up on the trim table (Table 2).
RTH =
Vref - R lim Vo - Vref Vref - RH RL Vo - Vref - R lim Vref Vo - Vref - RL RH
(in Kohms)
RTL =
(in Kohms)
Figure 4: Trim Down +Vout +Rs RTL Pins Facing Down
Trim
Figure 5: Trim Up +Vout +Rs
Rload
Pins Facing Down
Trim
Rload
RTH
-Rs -Vout
-Rs -Vout
Table 2: Trim Equations for LV Series (24V, 26V, and 28V Models)
Vonom 24.000 Percent Trim 1% 2% 3% 4% 5% 6% 7% 8% 9% 10% (888) 597-WALL Vref 2.495 RH 22.00 RL 2.55 Rlim RTH to -Rs 8.25 RTL to +Rs
Trim Low Vo RTL 23.760 1787.71 23.520 915.94 23.280 609.27 23.040 452.73 22.800 357.76 22.560 294.00 22.320 248.23 22.080 213.79 21.840 186.93 21.600 165.40
Trim High Vo RTH 24.240 241.81 All in Kohms 24.480 111.20 24.720 70.22 24.960 50.17 25.200 38.29 25.440 30.42 25.680 24.83 25.920 20.65 26.160 17.41 26.400 14.82
Note that while decreasing the output voltage, the maximum output current still remains at 6.25A, and while increasing the output voltage, the output current is reduced to maintain a total output power at 150 W.
www.wallindustries.com
Page 6 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
Paralleling Converters The LV series converters may be paralleled both for redundancy and for higher output current. However, in order to do this, a high-current, low Vf, schottky diode must be placed at the +Vo pin of each supply as shown in Figure 6. To improve sharing, tie the two TRIM pins together. The converters may be trimmed by adding a resistor value from Table 2 from each TRIM pin to RS pin, or alternatively, a single resistor of half the value of Table 2 from the common TRIM pins to the common RS pins.
Figure 6: Paralleling Converters
(888) 597-WALL
www.wallindustries.com
Page 7 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
Graph 1: LV12S24-150 Efficiency vs. Output Current
90% 89% 88% 87% 86% 85% 84% 83% 82% Effiency (%) 81% 80% 79% 78% 77% 76% 75% 74% 73% 72% 71% 70% 1 2 4 Io (A) 5 6 Vin=10V Vin=12V Vin=24V Vin=36V
Graph 2: LV12S24-150 Max Ambient vs. Io (Vin=12V)
7
6
5
Io (A)
4
3 No Airflow with 400lfm Air
2
1
0 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100
Ambient (C)
(888) 597-WALL
www.wallindustries.com
Page 8 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
Graph 3: LV12S24-150 Power Dissipation vs. Input Voltage
36 34 32 30 28 26 24 22 Pdiss(W) 20 18 16 14 12 10 8 6 4 2 0 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 Vin(V) Io=1.563A Io=3.125A Io=4.688A Io=6.25A
Graph 4: LV12S24-150 Input Current vs. Input Voltage
20 18 16 14 12
Iin (A)
Io=1.563A Io=3.125A Io=4.688A Io=6.25A
10 8 6 4 2 0 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 Vin(V)
(888) 597-WALL
www.wallindustries.com
Page 9 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
Graph 5: LV12S24-150 Load Regulation (RS Pins Open)
0.20% 0.19% 0.18% 0.17% 0.16% 0.15% 0.14% 0.13% 0.12% 0.11% 0.10% 0.09% 0.08% 0.07% 0.06% 0.05% 0.04% 0.03% 0.02% 0.01% 0.00% 1.6 Vin=10V Vin=12V Vin=24V Vin=36V 0.20% 0.19% 0.18% 0.17% 0.16% 0.15% 0.14% 0.13% 0.12% 0.11% 0.10% 0.09% 0.08% 0.07% 0.06% 0.05% 0.04% 0.03% 0.02% 0.01% 0.00%
Graph 6: LV12S24-150 Load Regulation (+RS to +Vo, -RS to -Vo)
Vin=10V Vin=12V Vin=24V Vin=36V
Regulation (%)
Regulation (%)
3.1 Io (A)
4.7
6.8
1.56
3.13 Io (A)
4.69
6.25
Graph 7: LV12S26-150 Line Regulation (RS Pins Open)
0.26% 0.25% 0.24% 0.23% 0.22% 0.21% 0.20% 0.19% 0.18% 0.17% 0.16% 0.15% 0.14% 0.13% 0.12% 0.11% 0.10% 0.09% 0.08% 0.07% 0.06% 0.05% 0.04% 0.03% 0.02% 0.01% 0.00% 10 Io=1.563A Io=3.125A Io=4.688A Io=6.25A
Regulation (%)
Graph 8: LV12S24-150 Line Regulation (+RS to +Vo, -RS to -Vo)
0.20% 0.19% 0.18% 0.17% 0.16% 0.15% 0.14% 0.13% 0.12% 0.11% 0.10% 0.09% 0.08% 0.07% 0.06% 0.05% 0.04% 0.03% 0.02% 0.01% 0.00% 10 Io=1.563A Io=3.125A Io=4.688A Io=6.25A
Regulation (%)
12 Vin (V)
24
36
12 Vin (V)
24
36
Note: Voltage measurements taken where the output pins are soldered into test board. (888) 597-WALL www.wallindustries.com Page 10 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
Photo 1: Remote Turn On Vin=24V, Iout = 0.6A
Photo 2: Remote Turn On Vin=24V, Iout = 6.25A,
Photo 3: Normal Turn On Vin=24V, Iout = 0.6A
Photo 4: Normal Turn On Vin=24V, Iout = 6.25A
Photo 5: Remote Turn Off Vin=24V, Iout = 0.6A (888) 597-WALL www.wallindustries.com
Photo 6: Remote Turn Off Vin=24V, Iout = 6.25A Page 11 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
Photo 7: Transient Response 50% to 100% Vin=24V, Iout = 3.125 to 6.25A Cout=1uF Ceramic + 10uF Tantalum
Photo 8: Input Reflected Ripple Voltage and Ripple Current Vin=24V, Iout = 6.25A with a 680uF Aluminum Electrolytic and 12uH series inductor.
Photo 9: Output Voltage Ripple (20 MHz BW) Vin=24V, Iout=0.6A Cout=1uF Ceramic + 10uF Tantalum
Photo 10: Output Voltage Ripple (20 MHz BW) Vin=24V, Iout=6.25A Cout=1uF Ceramic + 10uF Tantalum
Photo 11: Output Voltage Ripple (Spike) Vin=24V, Iout = 6.25A Cout=1uF Ceramic + 10uF Tantalum (888) 597-WALL www.wallindustries.com
Page 12 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
TEST SETUP: The LV12S24-150 specifications are tested with the following configurations: Regulation and Efficiency Setup To ensure that accurate measurement are taken, the voltage measurements are taken directly at the terminal of the module. This minimizes errors due to contact and trace lengths between the load and the output of the supply. The following is a diagram of the test setup.
Figure 7: Regulation and Efficiency Probe Setup Rtrace Rcontact +Vin +Vout Rcontact Rtrace
Vin Rtrace Rcontact -Vin
Vout Rcontact -Vout
Rload
Rtrace
Output Ripple Voltage Setup The module is tested with a 1uF ceramic capacitor in parallel with a 10uF tantalum capacitor across the output terminals.
Figure 8: Ripple Voltage Probe Setup
SCOPE PROBE
+Vout
10 F 1 F
Ceramic
LV12S24-150
-Vout
Rload
Tantalum
Input Reflected Ripple Current and Input Ripple Current Setup The module is tested for input reflected ripple current (Irrc) and input ripple current (Irc). The input ripple voltage is also measured at the pins with the following input filter. If there is a need to reduce input ripple current/voltage then additional ceramic capacitors can be added to the input of the converter.
Figure 9: Ripple Current Setup
Irrc Irc SCOPE PROBE
12 H +Vin
Low Impedance Source
6,800 F
electrolytic capacitor
1 F
ceramic capacitor
LV12S24-150
-Vin
(888) 597-WALL
www.wallindustries.com
Page 13 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
Converter Thermal Consideration The converter is designed to operate without convective cooling if the derating curves are followed. The converter can operate at higher temperatures if airflow is applied. Airflow should be aligned lengthwise to the converter for optimum heat transfer. Contact Factory for derating curves.
Figure 10: Airflow Orientation
+Vin
ON/OFF
Pins Facing Down
+Vout
LV12S24-150
-Vout
-Vin
(888) 597-WALL
www.wallindustries.com
Page 14 of 15
Rev. D
TECHNICAL DATASHEET
LV12S24-150
Company Information:
Wall Industries, Inc. has created custom and modified units for over 40 years. Our in-house research and development engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2000 certification is just one example of our commitment to producing a high quality, well documented product for our customers. Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your future projects. Contact Wall Industries for further information: Phone: Toll Free: Fax: E-mail: Web: Address: (603)778-2300 (888)587-9255 (603)778-9797 sales@wallindustries.com www.wallindustries.com 5 Watson Brook Rd. Exeter, NH 03833
(888) 597-WALL
www.wallindustries.com
Page 15 of 15


▲Up To Search▲   

 
Price & Availability of LV12S24-150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X