Part Number Hot Search : 
28000 C5107M FH427NF0 SR4060P 70NM60 OA1180 TC7106CK MS3022
Product Description
Full Text Search
 

To Download LRDC-10-1J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Directional Coupler
50 5 to 500 MHz
Features
-40C to 85 C -55C to 100C
Surface Mount
LRDC-10-1J+ LRDC-10-1J
Maximum Ratings
Operating Temperature Storage Temperature
* low mainline loss, 0.9 dB typ. * high directivity, 30 dB typ. * aqueous washable * J-leads for strain relief and excellent solderability
CASE STYLE: QQQ569 PRICE: $15.95 ea. QTY (1-9)
Pin Connections
INPUT OUTPUT COUPLED GROUND ISOLATE (DO NOT USE) 6 1 4 2,5 3
Applications
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
* VHF/UHF * reflective power measurements * communications * signal sampling
Outline Drawing
Directional Coupler Electrical Specifications
FREQ. (MHz) COUPLING (dB)
L fL-fU 5-500 Nom. 10.70.5 Flatness 0.5 Typ. 0.9 Max. 1.4 Typ. 0.9
MAINLINE LOSS1 (dB)
M Max. 1.4 Typ. 1.2 U Max. 1.9 Typ. 31 L Min. 25
DIRECTIVITY (dB)
M Typ. 30 Min. 20 Typ. 25 U Min. 16
VSWR POWER (:1) INPUT, W
L Typ. 1.2 MU
Max. Max. 1.0 1.0
PCB Land Pattern
L = low range [fL to 10 fL] M = mid range [10 fL to fU/2] U = upper range [fU/2 to fU] 1. Mainline loss includes theoretical power loss at coupled port.
Typical Performance Data
Frequency (MHz)
Suggested Layout, Tolerance to be within .002
Mainline Loss (dB) In-Out 0.87 0.86 0.86 0.87 0.89 0.92 0.97 1.01 1.25 1.36
LRDC-10-1J MAINLINE LOSS
Coupling (dB) In-Cpl 10.56 10.55 10.57 10.61 10.62 10.61 10.68 10.66 10.69 10.67
Directivity (dB) 34.05 34.98 34.87 34.30 34.06 33.94 33.37 27.76 22.09 19.44
In 32.58 34.24 34.86 33.52 31.49 28.84 25.10 19.24 16.25 15.06
Return Loss (dB) Out 21.08 21.38 21.43 21.31 21.16 20.90 20.17 17.58 15.45 14.47
Cpl 21.19 21.44 21.53 21.52 21.52 21.53 21.41 20.72 19.95 19.60
Outline Dimensions ( inch ) mm
A .400 10.16 H .420 10.67 B .31 7.87 J .120 3.05 C .200 5.08 K .060 1.52 D .10 2.54 L .100 2.54 E .010 0.25 M .020 0.51 F .100 2.54 G .050 1.27 wt grams 0.55
5.00 9.00 22.00 38.00 55.00 80.00 130.00 280.00 420.00 500.00
LRDC-10-1J COUPLING & DIRECTIVITY 50 COUPLING & DIRECTIVITY (dB) 40 30 20 10 0
at RF level of -10 dBm
2.0
MAINLINE LOSS (dB)
at RF level of -10 dBm
1.6 1.2 0.8 0.4 0.0 0 100 200 300 FREQUENCY (MHz) 400 500
COUPLING
DIRECTIVITY
Demo Board MCL P/N: TB-31 Suggested PCB Layout (PL-087)
0
100
200 300 FREQUENCY (MHz)
400
500
LRDC-10-1J RETURN LOSS 50 RETURN LOSS (dB) 40 30 20 10 0 0 100 200 300 FREQUENCY (MHz) 400 500
at RF level of -10 dBm
Electrical Schematic
CPL
IN
OUT
Mini-Circuits
TM
(R)
minicircuits.com
ISO 9001 ISO 14001 AS 9100 CERTIFIED
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
REV. A M119986 LRDC-10-1J WZ/TD/CP/AM 081124
IF/RF MICROWAVE COMPONENTS


▲Up To Search▲   

 
Price & Availability of LRDC-10-1J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X