Part Number Hot Search : 
25L4005 0D002X 364704 C100B 08500 NSR2N PC1602C LM337D2T
Product Description
Full Text Search
 

To Download LPBS251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRESS FIT AUTOMOTIVE RECTIFIER
LPB251 THRU LPB256 LPBS251 THRU LPBS256 TECHNICAL SPECIFICATION FEATURES
* * * * VOLTAGE RANGE CURRENT 100 to 600 Volts 25.0 Amperes
LPB
LPBS
Low Leakage Low forward voltage drop High current capability High forward surge current capacity
stannum
stannum 8.35 0.5
MECHANICAL DATA
* * * * * * *
Technology: Cell with Vacuum soldered Case: Copper case Polarity: As marked of case bottom Lead: Plated lead , solderable per MIL-STD-202E method 208C Mounting: Press Fit Weight: 0.17 ounces, 4.84 grams (LPB) Weight: 0.14 ounces, 3.96 grams (LPBS)
4.05 0.2
10.77-10.83 5.5-5.7
10.18-10.23 5.5-5.7
9.7-10.4
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60HZ, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS LPB251 LPBS251 100 70 100 LPB252 LPBS252 200 140 200 25 LPB254 LPBS254 400 280 400 LPB256 LPBS256 600 420 600 UNIT Volts Volts Volts Amps
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, At Tc=105 Peak Forward Surge Current 3.3mS single half sine wave superimposed on Rated load (JEDEC method) Rating for fusing (t8.3ms) Maximum instantaneous Forward Voltage at 80A Maximum DC Reverse Current at Rated TA=25 DC Blocking Voltage Typical Thermal Resistance Operating and Storage Temperature Range Polarity and voltage demotion color band (button) TA=100
VRRM VRMS VDC I(AV)
IFSM I2t VF IR RJC TJ,TSTG Yellow Silver
400 664 1.10 5.0 250 1.0 (-65 to +175) Orange Green
8.2-8.8
3.40 0.2
10.30 0.2
9.00 0.2
7.65 0.5
34.75 0.5
1.280.5
35.45 0.5
1.280.5
Amps A2S Volts UA /W
Notes:
1. Enough heatsink must be considered in application.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
PRESS FIT AUTOMOTIVE RECTIFIER
LPB251 THRU LPB256 LPBS251 THRU LPBS256
VOLTAGE RANGE CURRENT 100 to 600 Volts 25.0 Amperes
RATINGS AND CHARACTERISTIC CURVES
F1G.1 TYPICAL FORWARD CURRENT DERATING GURVE
AVERAGE FORWARD CURRENT, (A)
LPB251 THRU LPB256 LPBS2505 THRU LPBS256
F1G.2 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
400
30 25 30 20 Single Phase 10 Half Wave 60Hz Resistive or Inductive Load 0.375(9.5mm) Lead Length 0 0 25 50 75 100 125 150 175
PEAK FORWARD SURGE CURRENT,(A)
8.3ms Single Half Sine-Wave 300 (JEDEC Method) Tj=Tj max
200
100 1 Cycle 1 2 4 6 8 10 20 40 60 80 100
NUMBER OF CYCLES AT 60 Hz
CASE TEMPERATURE, ()
F1G.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
1000
F1G.4 FORWARD ROWER DISSIPATION
AVERAGE POWER DISSIPATION (W)
30
INSTANTANEOUS FORWARD CURRENT, (A)
20 SQUARE WAVE
100
10
10
0 0 5 10 15 20 25
T1=25 PULSE WIDTH=300S 1%DUTY CYCLE 1.0
AVERAGE FORWARD CURRENT, (A)
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of LPBS251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X