Part Number Hot Search : 
31000 BC857BT NTE2061 MAX4542 53232 HMC349 222S2 MOC8111
Product Description
Full Text Search
 

To Download KR-5R5C474-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Coin Cell Supercapacitors
KR Series
Features & Benefits:
* * * * High specific capacitance Low leakage current Long cycle life Eco-friendly
Typical Applications:
* * * * * * * * * Computer & peripherals Telephones DSL modems & routers Digital radios Set top boxes White goods & kitchen appliances Copiers Electric utility meters HVAC controls
Leaded Device Description
Cooper Bussmann(R) PowerStor(R) supercapacitors are unique, ultra-high capacitance devices utilizing electrochemical double layer capacitor (EDLC) construction combined with new, high performance materials. This combination of advanced technologies allows Cooper Bussmann to offer a wide variety of capacitor solutions tailored to specific applications that range from a few micro-amps for several days to several amps for milliseconds. The KR series offers a wide range of high capacitance coin cell style products for use in memory & RTC back-up applications. End products include computers, cameras, camcorders, telephones, printers, car stereos, CCTV, set top box and PDP.
Specifications
Working Voltage Surge Voltage Nominal Capacitance Range Capacitance Tolerance Operating Temperature Range 5.5V 6.3V 0.1 to 1.5F -20% to +80% (20C) -25C to 70C
0508
BU-SB07355
Page 1 of 4
Data Sheet 4327
Standard Products
Nominal Capacitance (F) 0.1 0.1 0.1 0.22 0.22 0.22 0.33 0.33 0.33 0.47 0.47 0.47 1.0 1.0 1.0 1.5 1.5 1.5 Part Number KR-5R5V104-R KR-5R5H104-R KR-5R5C104-R KR-5R5V224-R KR-5R5H224-R KR-5R5C224-R KR-5R5V334-R KR-5R5H334-R KR-5R5C334-R KR-5R5V474-R KR-5R5H474-R KR-5R5C474-R KR-5R5V105-R KR-5R5H105-R KR-5R5C105-R KR-5R5V155-R KR-5R5H155-R KR-5R5C155-R Nominal ESR () (Equivalent Series Resistance) Measured @ 1kHz 75 75 75 75 75 75 50 50 50 50 50 50 30 30 30 30 30 30 Nominal Dimensions (mm) Lead Diameter Height C to C 11.5 11.5 13.5 11.5 11.5 13.5 11.5 11.5 13.5 11.5 11.5 13.5 19 19 21.5 19 19 21.5 12.5 5 7.5 12.5 5 7.5 12.5 5 7.5 12.5 5 7.5 19.5 6.5 7.5 19.5 6.5 7.5 5 10 5 5 10 5 5 10 5 5 10 5 5 20 5 5 20 5 Typical Mass (grams/1 piece) 1.4 1.4 3.3 1.4 1.4 3.3 1.4 1.4 3.3 1.4 1.4 3.3 4.2 4.2 9.1 4.2 4.2 9.1
Performance
Parameter Life (1000 hrs @ 70C @ 5.5Vdc) Storage - Low and High Temperature (1000 hrs @ -25C and 70C) Capacitance Change (% of initial measured value) 30 30 ESR (% of initial specified value) 400 400
0508
BU-SB07355
Page 2 of 4
Data Sheet 4327
Dimensions (mm)
Part Number KR-5R5V104-R KR-5R5H104-R KR-5R5C104-R KR-5R5V224-R KR-5R5H224-R KR-5R5C224-R KR-5R5V334-R KR-5R5H334-R KR-5R5C334-R KR-5R5V474-R KR-5R5H474-R KR-5R5C474-R KR-5R5V105-R KR-5R5H105-R KR-5R5C105-R KR-5R5V155-R KR-5R5H155-R KR-5R5C155-R Dimensions - mm For parts 0.1F to 0.47F D 11.5 11.5 13.5 11.5 11.5 13.5 11.5 11.5 13.5 11.5 11.5 13.5 19 19 21.5 19 19 21.5 H 12.5 5 7.5 12.5 5 7.5 12.5 5 7.5 12.5 5 7.5 19.5 6.5 7.5 19.5 6.5 7.5 P 5 10 5 5 10 5 5 10 5 5 10 5 5 20 5 5 20 5
V Type
D
H Type
C Type
H
6 1
(16.5)
H
12.4 0.5
D D max P 0.3 0.4 0.1 Vinyl Sleeve
(0.2) P
0.8 0.1
(0.2) P
3.0 0.3 H
4 0.3
0.8 0.1
Dimensions - mm For parts 1.0F to 1.5F
D H 6 1
H
D max
Vinyl Sleeve 20 0.5 4.01 0.1 Vinyl Sleeve 6.5 0.5 D 0.3
(4.2)
P 0.3 0.4 0.1
H
0.2 P
1 0.1 0.2 0.05 P 0.5 1 0.1 4.0 0.1
Vinyl Sleeve
0508
BU-SB07355
Page 3 of 4
Data Sheet 4327
Part Numbering System
K Series Code K = Coin Cell R Version - 5 R 5 Voltage (V) R is decimal 5R5 = 5.5V - Configuration V = Vertical H = Horizontal C = Cylindrical Capacitance (F) Value Multiplier RoHS Compliant R
R = Leaded
Example: 474 = 47 x 104F or 0.47F
Packaging Information
Standard packaging: Bulk, 500 units per package. For 0.1F to 0.47F 500 units per bag. For 1.0F to 1.5F 100 units per tray, 5 trays per box
Part Marking
Manufacturer Capacitance (F) Max. Operating Voltage (V) Polarity Marking
North America Cooper Bussmann 1225 Broken Sound Parkway NW Suite F Boca Raton, FL 33487-3533 Tel: 1-561-998-4100 Fax: 1-561-241-6640 Toll Free: 1-888-414-2645
Cooper Bussmann P.O. Box 14460 St. Louis, MO 63178-4460 Tel: 1-636-394-2877 Fax: 1-636-527-1607
Europe Cooper Bussmann Cooper (UK) Limited Burton-on-the-Wolds Leicestershire * LE12 5TH UK Tel: +44 (0) 1509 882 737 Fax: +44 (0) 1509 882 786
Cooper Bussmann Avda. Santa Eulalia, 290 08223 Terrassa, (Barcelona), Spain Tel: +34 937 362 812 +34 937 362 813 Fax: +34 937 362 719
Asia Pacific Cooper Bussmann 1 Jalan Kilang Timor #06-01 Pacific Tech Centre Singapore 159303 Tel: +65 278 6151 Fax: +65 270 4160
This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications. Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
(c) 2008 Cooper Bussmann St. Louis, MO 63178 www.cooperbussmann.com
0508
BU-SB07355
Page 4 of 4
Data Sheet 4327


▲Up To Search▲   

 
Price & Availability of KR-5R5C474-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X