Part Number Hot Search : 
HCF45 D5152 334DR 00101 C1651 5A001 BYP25A2 SIR460
Product Description
Full Text Search
 

To Download KMSD2004S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
High Voltage Switching Diode KMSD2004S(CMSD2004S)
Diodes
Absolute Maximum Ratings Ta = 25
Parameter Continuous reverse voltage Peak repetitive reverse voltage Peak repetitive reverse current Continuous forward current Peak repetitive forward current Forward surge current tp=1 s tp=1s Power dissipation Thermal Resistance.Junction-to-Ambient Operating and storage Junction temperature PD RthJA TJ.Tstg Symbol VR VRRM IO IF IFRM IFSM Rating 240 300 200 225 625 4000 1000 250 500 -65 to 150 Unit V V mA mA mA mA mA mW /W
Electrical Characteristics Ta = 25
Parameter Reverse Breakdown Voltage Forward Voltage Symbol V(BR)R VF IR=100 A Testconditons Min 300 100 100 5 50 Typ Max Unit V V nA A nA A pF ns
IF = 100mA VR = 200V
Peak Reverse Current
IR
VR = 200V, TA= 150 VR = 240V VR = 240V, TA= 150
Junction Capacitance Reverse Recovery Time
Cj trr
VR = 0, f = 1.0MHz IF = IR =30mA,Recov.to 3.0mA, RL = 100
Marking
Marking B6D
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of KMSD2004S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X