Part Number Hot Search : 
C45H7 A1152 TP1104 B1001 CXP82600 LH5499 A1152 12D05
Product Description
Full Text Search
 

To Download KBP06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SINGLE PHASE BRIDGE RECTIFIER
RS201 THRU RS207 KBP005 THRUKBP10
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 2.0 Ampere
Low cost This series in UL recognized under component index, file number E127707 High forward surge current capacity Ideal for printed circuit board High temperature soldering guaranteed: 260OC / 10 seconds, 0.375"(9.5mm) lead length at 5 lbs. (2.3kg) tension.
0.20(5.1) 0.18(4.6) 0.039(1.0) 0.055(1.4) 0.600(15.2) 0.726(14.2)
0.460(11.7) 0.420(10.7)
+
AC 0.5( 2.7)MIN
MECHANICAL DATA
* * * * *
Case: Transfer molded plastic Terminal: Lead solderable per MIL-STD-202E method 208C Polarity: Polarity symbols marked on case Mounting position: Any. Weight: 0.069 ounce, 1.95gram
0.60(15.2)MIN
0.160(4.1) 0.140(3.6) 0.034(0.86)DIA. 0.028(0.71)TYP.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS VRRM VRMS VDC I(AV) IFSM I2t VF IR Cj RJA TSTG .TJ RS201 KBP005 50 35 50 RS202 KBP01 100 70 100
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TA=50(Note2) Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Rating for Fusing (t<8.3mS) Maximum Instantaneous Forward Voltage Drop per Bridge element at 1.0 A TA = 25 Maximum DC Reverse Current at Rated DC Blocking Voltage per element TA = 100 Typical Junction Resistance per element(Note1) Typical Thermal Resistance per element (Note2) Operating and Storage Temperature Rang
RS203 KBP02 200 140 200
RS204 KBP04 400 280 400 2.0 50 10 1.0 10 0.5 20 28 -55 to +150
RS205 KBP06 600 420 600
RS206 KBP08 800 560 800
RS207 KBP10 1000 700 1000
UNIT Volts Volts Volts Amps Amps
A2s Volts A mA Volts /W
Notes:
1. 2.
Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts. Unit mounted on P.C.board with 0.47"x0.47"(12x12cm) copper pads.0.375"(9.5mm) lead length.
1
E-mail: sales@cnmic.com Web Site: www.cnmic.com
SINGLE PHASE BRIDGE RECTIFIER
RS201 THRU RS207 KBP005 THRUKBP10
VOLTAGE RANGE CURRENT
50 to 1000 Volts 2.0 Ampere
2
E-mail: sales@cnmic.com Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of KBP06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X