Part Number Hot Search : 
PCD3755A ISD1416 PESD5V 6N40CF AN1555N VKA3125N 24LC128 IFPA300
Product Description
Full Text Search
 

To Download JCA0448D01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC-DC
4-6 Watts JCA04/06 Series
* * * * * * *
xppower.com
Compact 1.0" x 0.8" Metal Package Industry Standard Pinout 2:1 Input Range Single & Dual Outputs Operating Temperature -40 C to +100 C 1500 VDC Isolation UL & TUV Approved
Specification
Input
Input Voltage Range * 5 V (4.5-9.0 VDC) 12 V (9-18 VDC) 24 V (18-36 VDC) 48 V (36-75 VDC) * See table * Pi network * Turn On at >90-95% of rated input Turn Off at <80% of rated input
General
Efficiency Isolation * See table * 1500 VDC Input to Output, basic insulation 500 VDC Input to Case 500 VDC Output to Case * 400 kHrs to MIL-STD-217F
Input Current Input Filter Undervoltage Lockout
MTBF
Environmental
Operating Temperature * -40 C to +100 C output power derates from 100% load at +75 C linearly to 0% load at +100 C Case Temperature * +100 C max Storage Temperature * -55 C to +125 C
Output
Output Voltage Intial Set Accuracy Start Up Delay Start Up Rise Time Line Regulation Load Regulation Cross Regulation Transient Response * * * * * * * * See table 1% max 200 ms max 3.5 ms typical 0.3% 1% 5% on dual output models 4% max deviation, recovery to within 1% in <500 s for a 25% load change at 1 A/s 50 mV pk-pk, 20 MHz BW 150% typical, trip & restart (Hiccup mode) Continuous with auto recovery 120% typical, Recycle input to reset 0.05%/C
EMC & Safety
Emissions * EN55022, level A conducted & radiated (level B with external components - see application note) * EN61000-4-2, level 2 Perf Criteria A * EN61000-4-3 3 V/m Perf Criteria A * EN61000-4-6 3 V rms Perf Criteria A EN61000-4-8, 10 A/m Perf Criteria A * EN60950-1: 2001, UL60950-1, CSA C22.2 No. 60950-1-03, CE Mark LVD
ESD Immunity Radiated Immunity Conducted Immunity Safety Approvals
Ripple & Noise * Overcurrent Protection * Short Circuit Protection * Overvoltage Protection * Temperature * Coefficient
DC-DC
Models and Ratings
Input Voltage(1) Output Voltage 3.3 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0 VDC 12.0 VDC 15.0 VDC 3.3 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0 VDC 12.0 VDC 15.0 VDC 3.3 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0 VDC 12.0 VDC 15.0 VDC 3.3 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0 VDC 12.0 VDC 15.0 VDC Output Voltage 3.3 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0 VDC 12.0 VDC 15.0 VDC 3.3 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0 VDC 12.0 VDC 15.0 VDC 3.3 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0 VDC 12.0 VDC 15.0 VDC 3.3 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0 VDC 12.0 VDC 15.0 VDC Output Current 1.22 A 0.80 A 0.34 A 0.28 A 0.40 A 0.17 A 0.14 A 1.22 A 0.80 A 0.34 A 0.28 A 0.40 A 0.17 A 0.14 A 1.22 A 0.80 A 0.34 A 0.28 A 0.40 A 0.17 A 0.14 A 1.22 A 0.80 A 0.34 A 0.28 A 0.40 A 0.17 A 0.14 A Output Current 1.52 A 1.00 A 0.50 A 0.40 A 0.50 A 0.25 A 0.20 A 1.52 A 1.00 A 0.50 A 0.40 A 0.50 A 0.25 A 0.20 A 1.52 A 1.00 A 0.50 A 0.40 A 0.50 A 0.25 A 0.20 A 1.52 A 1.00 A 0.50 A 0.40 A 0.50 A 0.25 A 0.20 A No Load 44 mA 66 mA 9 mA 10 mA 12 mA 34 mA 25 mA 38 mA 46 mA 18 mA 22 mA 15 mA 21 mA 25 mA 21 mA 34 mA 13 mA 13 mA 11 mA 16 mA 17 mA 13 mA 14 mA 6 mA 7 mA 7 mA 8 mA 10 mA No Load 44 mA 66 mA 9 mA 10 mA 12 mA 34 mA 25 mA 38 mA 46 mA 18 mA 22 mA 15 mA 21 mA 25 mA 21 mA 34 mA 13 mA 13 mA 11 mA 16 mA 17 mA 13 mA 14 mA 6 mA 7 mA 7 mA 8 mA 10 mA Input Current(2) Full Load 1000 mA 955 mA 975 mA 985 mA 982 mA 973 mA 998 mA 403 mA 396 mA 404 mA 416 mA 409 mA 407 mA 422 mA 204 mA 205 mA 205 mA 211 mA 207 mA 209 mA 213 mA 104 mA 104 mA 103 mA 108 mA 108 mA 107 mA 109 mA Input Current(2) Full Load 1286 mA 1208 mA 1451 mA 1419 mA 1239 mA 1431 mA 1430 mA 505 mA 492 mA 591 mA 589 mA 513 mA 591 mA 597 mA 255 mA 252 mA 297 mA 297 mA 257 mA 299 mA 296 mA 130 mA 128 mA 149 mA 149 mA 131 mA 150 mA 150 mA
JCA04/06 Series
Efficiency 80% 83% 83% 85% 81% 83% 83% 83% 84% 84% 84% 82% 83% 83% 82% 80% 82% 83% 81% 81% 81% 80% 80% 80% 81% 78% 79% 80% Efficiency 78% 82% 82% 84% 81% 83% 83% 82% 84% 84% 85% 82% 84% 83% 82% 82% 84% 84% 81% 84% 84% 80% 81% 84% 84% 80% 83% 83% Model Number JCA0405S03^ JCA0405S05^ JCA0405S12^ JCA0405S15^ JCA0405D01^ JCA0405D02^ JCA0405D03^ JCA0412S03^ JCA0412S05^ JCA0412S12^ JCA0412S15^ JCA0412D01^ JCA0412D02^ JCA0412D03^ JCA0424S03^ JCA0424S05^ JCA0424S12^ JCA0424S15^ JCA0424D01^ JCA0424D02^ JCA0424D03^ JCA0448S03^ JCA0448S05^ JCA0448S12^ JCA0448S15^ JCA0448D01^ JCA0448D02^ JCA0448D03^ Model Number JCA0605S03^ JCA0605S05^ JCA0605S12^ JCA0605S15^ JCA0605D01^ JCA0605D02^ JCA0605D03^ JCA0612S03^ JCA0612S05^ JCA0612S12^ JCA0612S15^ JCA0612D01^ JCA0612D02^ JCA0612D03^ JCA0624S03^ JCA0624S05^ JCA0624S12^ JCA0624S15^ JCA0624D01^ JCA0624D02^ JCA0624D03^ JCA0648S03^ JCA0648S05^ JCA0648S12^ JCA0648S15^ JCA0648D01^ JCA0648D02^ JCA0648D03^
4.5-9.0 VDC
9-18 VDC
18-36 VDC
36-75 VDC
Input Voltage(1)
4.5-9.0 VDC
9-18 VDC
18-36 VDC
36-75 VDC
Notes
1. Nominal input voltage 5, 12, 24 or 48 VDC. Available from Farnell. See pages 204-206. 2. Input current is at nominal input voltage. ^ Available from Newark. See pages 207-208.
PIN CONNECTIONS Single Output Dual Output -Vin -Vin -Vin -Vin No pin Common N/C -Vout +Vout +Vout -Vout Common +Vin +Vin +Vin +Vin
Mechanical Details
0.02 (0.5) 0.1 (2.5) 23 22 0.02 (0.5) 0.60 0.90 1.00 (15.2) (22.9) (25.4) 0.20 (5.1) 14 0.09 (0.02) (2.4 0.5) 11 0.60 (15.2) 0.80 0.02 (20.3 0.5) 2 3
Input Filter
To meet level B conducted emissions.
+ L C1 L = 8 H C1 = 1 F C2 = 22 F C2 -Vin +Vin
BOTTOM VIEW 16 9
Pin 2 3 9 11 14 16 22 23
0.4 0.02 0.15 (10.0 0.5) (3.8)
Weight: 0.03 lbs (12 g)
08-Jan-08


▲Up To Search▲   

 
Price & Availability of JCA0448D01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X