Part Number Hot Search : 
IN4731 IC16F6 BRF12N65 ECCM9 D6516 SXXXXC FEP16FT ZMM9V1
Product Description
Full Text Search
 

To Download J8602CS45VDC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
E197851
15.0 x 7.5 x 9.4 mm
J860
Features
* * * * * Monostable Passes FCC part 68 & Telcordia surge test Ultra low weight, small package size UL/CUL certified Bifurcated Contacts
Contact Data
Contact Arrangement Contact Rating
Specifications and availability subject to change without notice.
2C = DPDT 2A @ 30VDC .5A @ 125VAC
Contact Resistance Contact Material Maximum Switching Power Maximum Switching Voltage Maximum Switching Current
< 50 milliohms initial AgNi, Au clad - bifurcated 60W 250VAC, 220VDC 2A
Coil Data
Coil Voltage VDC Coil Resistance +/- 10% Pick Up Voltage Release Voltage VDC (max) VDC (min) 75% of rated voltage 64.3 145 1028 4114 2.25 3.38 9.00 18.00 10% of rated voltage .3 .45 1.2 2.4 .14 4 4 Coil Power W Operate Time ms Release Time ms
Rated 3 4.5 12 24
Max 4.5 6.7 18.0 36.0
Dimensions shown in mm. Dimensions are shown for reference purposes only.
General Data
Electrical Life @ rated load Mechanical Life Insulation Resistance Dielectric Strength, Coil to Contact Contact to Contact Initial Surge Voltage, Coil to Contact Contact to Contact Shock Resistance Vibration Resistance Terminal (Copper Alloy) Strength Operating Temperature Storage Temperature Solderability Weight 100K cycles, typical 10M cycles, typical 100M min. @ 500VDC 2500V rms min. @ sea level 1500V rms min. @ sea level 2500V (Telcordia, 2x10us) 1500V (FCC part 68, 10x60us) 750m/s2 for 11 ms 3mm double amplitude 10~40Hz 5N -40oC to +85oC -40oC to +155oC 260oC for 5 s 2g
Caution 1. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay.
page 73
phone - 763.535.2339
www.citrelay.com
fax - 763.535.2194
J860
Ordering Information
1. Series J860 2. Contact Arrangement 2C = DPDT 3. Sealing Option S = Sealed 4. Operating Function Blank = Monostable 5. Coil Voltage 3VDC 4.5VDC 12VDC 24VDC J860 2C S 12VDC
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Dimensions
Units = mm
Schematics & PC Layouts
Bottom Views
Specifications and availability subject to change without notice.
www.citrelay.com
phone - 763.535.2339 fax - 763.535.2194
page 74


▲Up To Search▲   

 
Price & Availability of J8602CS45VDC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X