Part Number Hot Search : 
7N80C3 LTC1864 2N20C BUL38 HCC4067B MSC7170 AP4835 SDA20000
Product Description
Full Text Search
 

To Download IN74HC4051ADW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IN74HC4051A
Analog Multiplexer Demultiplexer
High-Performance Silicon-Gate CMOS
The IN74HC4051A utilize silicon-gate CMOS technology to achieve fast propagation delays, low ON resistances, and low OFF leakage currents. These analog multiplexers/demultiplexers control analog voltages that may vary across the complete power supply range (from VCC to VEE). The Channel-Select inputs determine which one of the Analog Inputs/Outputs is to be connected, by means of an analog switch, to the Common Output/Input.When the Enable pin is high, all analog switches are turned off. The Channel-Select and Enable inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs. * Fast Switching and Propagation Speeds * Low Crosstalk Between Switches * Diode Protection on All Inputs/Outputs * Analog Power Supply Range (VCC-VEE)=2.0 to 12.0 V * Digital (Control) Power Supply Range (VCC-GND)=2.0 to 6.0 V * Low Noise
ORDERING INFORMATION IN74HC4051AN Plastic IN74HC4051ADW SOIC TA = -55 to 125 C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
Single-Pole, 8-Position Plus Common Off
FUNCTION TABLE
Control Inputs Enable C L L L L L PIN 16 =VCC PIN 7 = VEE PIN 8 = GND L L L L L L L H H H H Select B L L H H L L H H X A L H L H L H L H X X0 X1 X2 X3 X4 X5 X6 X7 None ON Channels
H X X = don't care
Rev. 00
IN74HC4051A
MAXIMUM RATINGS*
Symbol VCC VEE VIS VIN I PD Tstg TL
*
Parameter Positive DC Supply Voltage (Referenced to GND) (Referenced to VEE) Negative DC Supply Voltage (Referenced to GND) Analog Input Voltage Digital Input Voltage (Referenced to GND) DC Input Current Into or Out of Any Pin Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -0.5 to +14.0 -7.0 to +0.5 VEE - 0.5 to VCC+0.5 -1.5 to VCC +1.5 25 750 500 -65 to +150 260
Unit V V V V mA mW C C
Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VEE VIS VIN VIO TA tr, tf
*
Parameter Positive Supply Voltage (Referenced to GND) (Referenced to VEE) Negative DC Supply Voltage (Referenced to GND) Analog Input Voltage Digital Input Voltage (Referenced to GND) Static or Dynamic Voltage Across Switch Operating Temperature, All Package Types Input Rise and Fall Time (Channel Select or Enable Inputs) VCC =2.0 V VCC =4.5 V VCC =6.0 V
Min 2.0 2.0 - 6.0 VEE GND -55 0 0 0
Max 6.0 12.0 GND VCC VCC 1.2 +125 1000 500 400
Unit V V V V V C ns
*
For voltage drops across the switch greater than 1.2 V (switch on), excessive VCC current may be drawn; i. e., the current out of the switch may contain both VCC and switch input components. The reliability of the device will be unaffected unless the Maximum Ratings are exceeded.
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range indicated in the Recommended Operating Conditions.. Unused digital input pins must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused Analog I/O pins may be left open or terminated.
Rev. 00
IN74HC4051A
DC ELECTRICAL CHARACTERISTICS Digital Section (Voltages Referenced to GND) VEE=GND,
Except Where Noted VCC Symbol VIH Parameter Minimum High-Level Input Voltage, Channel-Select or Enable Inputs Maximum Low -Level Input Voltage, Channel-Select or Enable Inputs Maximum Input Leakage Current, Channel-Select or Enable Inputs Maximum Quiescent Supply Current (per Package) Test Conditions RON = Per Spec V 2.0 4.5 6.0 2.0 4.5 6.0 6.0 Guaranteed Limit 25 C to -55C 1.5 3.15 4.2 0.3 0.9 1.2 0.1 85 C 1.5 3.15 4.2 0.3 0.9 1.2 1.0 125 C 1.5 3.15 4.2 0.3 0.9 1.2 1.0 Unit V
VIL
RON = Per Spec
V
IIN
VIN=VCC or GND, VEE=-6.0 V
A
ICC
Channel Select = VCC or GND Enable = VCC or GND VIS = VCC or GND VEE = GND VIO= 0 V VEE = - 6.0
A
6.0 6.0
2 8
20 80
40 160
DC ELECTRICAL CHARACTERISTICS Analog Section
VCC Symbol RON Parameter Maximum "ON" Resistance Test Conditions VIN=VIL or VIH VIS = VCC or VEE IS 2.0 mA(Figure 1) VIN=VIL or VIH VIS = VCC or VEE (Endpoints) IS 2.0 mA(Figure 1) RON Maximum Difference in "ON" Resistance Between Any Two Channels in the Same Package Maximum Off- Channel Leakage Current, Any One Channel Maximum Off- Channel Leakage Current, Common Channel ION Maximum On- Channel Leakage Current, Channel to Channel VIN=VIL or VIH VIS = 1/2 (VCC- VEE) IS 2.0 mA VIN=VIL or VIH VIO= VCC- VEE Switch Off (Figure 2) VIN=VIL or VIH VIO = VCC- VEE Switch Off (Figure 3) VIN=VIL or VIH Switch to Switch = VCC- VEE (Figure 4) V 4.5 4.5 6.0 4.5 4.5 6.0 4.5 4.5 6.0 6.0 VEE V 0.0 -4.5 -6.0 0.0 -4.5 -6.0 0.0 -4.5 -6.0 -6.0 Guaranteed Limit 25 C to -55C 190 120 100 150 100 80 30 12 10 0.1 85 125 Unit C C 240 150 125 190 125 100 35 15 12 0.5 280 170 140 230 140 115 40 18 14 1.0
IOFF
A
6.0
-6.0
0.2
2.0
4.0
6.0
-6.0
0.2
2.0
4.0
A
Rev. 00
IN74HC4051A
AC ELECTRICAL CHARACTERISTICS (CL=50pF,Input tr=tf=6.0 ns)
VCC Symbol Parameter V Guaranteed Limit 25 C to -55C 370 74 63 60 12 10 290 58 49 345 69 59 10 35 130 1.0 85C 125C Unit
tPLH, tPHL
Maximum Propagation Delay, Channel-Select to Analog Output (Figures 8 and 9) Maximum Propagation Delay , Analog Input to Analog Output (Figures 10 and 11) Maximum Propagation Delay , Enable to Analog Output (Figures 12 and 13) Maximum Propagation Delay , Enable to Analog Output (Figures 12 and 13) Maximum Input Capacitance, Channel-Select or Enable Inputs Maximum Capacitance Analog I/O Common O/I Feedthrough Power Dissipation Capacitance (Per Package) (Figure 14) All Switches Off
2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 -
465 93 79 75 15 13 364 73 62 435 87 74 10 35 130 1.0
550 110 94 90 18 15 430 86 73 515 103 87 10 35 130 1.0
ns
tPLH, tPHL
ns
tPLZ, tPHZ
ns
tPZL, tPZH
ns
CIN CI/O
pF pF
Typical @25C,VCC=5.0 V, VEE=0 V 45 pF
CPD
Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC
Rev. 00
IN74HC4051A
ADDITIONAL APPLICATION CHARACTERISTICS (GND = 0.0 V)
VCC Symbol BW Parameter Maximum OnChannel Bandwidth or Minimum Frequency Response (Figure 5) Off-Channel Feedthrough Isolation (Figure 6) Test Conditions fin=1 MHz Sine Wave Adjust fin Voltage to Obtain 0 dBm at VOS Increase fin Frequence Until dB Meter Reads -3 dB RL =50 , CL=10 pF V VEE V Limit* 25 C Unit MHz 2.25 4.50 6.00 -2.25 -4.50 -6.00 80 80 80
-
fin= Sine Wave Adjust fin Voltage to Obtain 0 dBm at VIS fin = 10 kHz, RL =600 , CL=50 pF 2.25 4.50 6.00 fin = 1.0 MHz, RL =50 , CL=10 pF 2.25 4.50 6.00 -2.25 -4.50 -6.00 -2.25 -4.50 -6.00 -50 -50 -50 -40 -40 -40
dB
-
Feedthrough Noise, Channel Select Input to Common O/I (Figure 7)
VIN 1 Mhz Square Wave (tr = tf = 6 ns) Adjust RL at Setup so that IS= 0 A Enable = GND RL =600 , CL=50 pF
mVPP
2.25 4.50 6.00 2.25 4.50 6.00
-2.25 -4.50 -6.00 -2.25 -4.50 -6.00
25 105 135 35 145 190 %
RL =10 , CL=10 pF
THD
Total Harmonic Distortion (Figure 15)
fin= 1 kHz, RL =10 k, CL=50 pF THD = THDMeasured - THDSource VIS =4.0 VPP sine wave VIS =8.0 VPP sine wave VIS =11.0 VPP sine wave
2.25 4.50 6.00
-2.25 -4.50 -6.00
0.10 0.08 0.05
* Limits not tested. Determined by design and verified by qualification.
Figure 1. On Resistance Test Set-Up
Rev. 00
IN74HC4051A
Figure 2. Maximum Off Channel Leakage Current, Any One Channel, Test Set-UP
Figure 3. Maximum Off Channel Leakage Current, Common Channel, Test Set-UP
* Includes all probe and jig capacitance. Figure 4. Maximum On Channel Leakage Current, Channel to Channel, Test Set-UP Figure 5. Maximum On Channel Bandwidth, Test Set-UP
* Includes all probe and jig capacitance. Figure 6. Off Channel Feedthrough Isolation, Test Set-UP
* Includes all probe and jig capacitance. Figure 7.Feedthrough Noise, Channel Select to Common Out, Test Set-UP
Rev. 00
IN74HC4051A
* Includes all probe and jig capacitance. Figure 8. Switching Weveforms Figure 9. Test Set-UP, Channel Select to Analog Out
* Includes all probe and jig capacitance. Figure 10. Switching Weveforms Figure 11. Test Set-UP, Analog In to Analog Out
Figure 12. Switching Weveforms
Figure 13. Test Set-UP, Enable to Analog Out
Rev. 00
IN74HC4051A
Figure 14. Power Dissipation Capacitance, Test Set-Up
* Includes all probe and jig capacitance Figure 15. Total Harmonic Distortion, Test Set-UP
EXPANDED LOGIC DIAGRAM
Rev. 00
IN74HC4051A
N SUFFIX PLASTIC DIP (MS - 001BB)
A
Dimension, mm
16 9 B
Symbol A
MIN 18.67 6.1
MAX 19.69 7.11 5.33
1
8
B C
F L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING
PLANE
G H
H J
N G D 0.25 (0.010) M T K M
J K L M N
10 3.81 8.26 0.36
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AC) Dimension, mm
A 16 9
Symbol A
MIN 9.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 10 4 1.75 0.51 1.27
H
B
P
B C
1
G
8 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
Rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HC4051ADW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X