Part Number Hot Search : 
RF206 100MZF PPC5668G MCT2E MCT2E 27C25 LVTH16 70M6T
Product Description
Full Text Search
 

To Download HER505G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HER501G THRU HER507G
FEATURES
* * * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 5.0 Ampere
DO-27
Glass passivated chip junction Low power loss, high efficiency Low leakage High speed switching High surge capacity High temperature soldering guaranteed 260/10 seconds,0.375(9.5mm) lead length
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-0 rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.042ounce, 1.19 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% HER HER SYMBOLS 501G 502G Maximum Repetitive Peak Reverse Voltage VRRM 50 100 Maximum RMS Voltage VRMS 35 70 Maximum DC Blocking Voltage VDC 50 100
Maximum Average Forward Rectified Current 0.375(9.5mm) lead length at T A =50 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 5.0A Maximum DC Reverse Current at rated TA = 25 DC Blocking Voltage at TA = 125 Maximum Full Load Reverse Current, full cycle average 0.375(9.5mm) lead length at TL =55 Maximum Reverse Recovery Time Test conditions IF =0.5A, IR =1.0A, IRR =0.25A, Typical Junction Capacitance (NOTE 2) Typical Thermal Resistance (NOTE 1) Operating Junction Temperature Range Storage Temperature Range * * *
HER 503G 200 140 200
HER 504G 300 210 300 5.0
HER 505G 400 280 400
HER 506G 600 420 600
HER 507G 800 560 800
UNIT Volts Volts Volts Amps
I(AV) IFSM VF IR IR(AV) trr CJ RJA TJ TSTG 70 70 1.0 200
150 1.3 10 500 150 100 50 20 (-55 to +150) (-55 to +150) 1.5 1.7
Amps Volts A A nS pF
/W
Notes: 1. Thermal Resistance from Junction to ambient with 0.375(9.5mm) lead length, PCB mounted. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIER
HER501G THRU HER507G
VOLTAGE RANGE CURRENT
50 to 1000 Volts 5.0 Ampere
RATING AND CHRACTERISTIC CURVES HER501G THRU HER507G
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,
6.0
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE
5.0
200
CURRENT, (A)
8.3ms Single Half Sine-Wave (JEDEC Method) T= Tjmax
4.0
(A)
3.0
100
HE
2.0
R5
1.0
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375(9.5mm) Lead Length
01G
-H E
R5
HE
1 Cycle
05G
R5 0
6 G -H
0 0 25 50 75 100 125 150 175 0 1 2 4 6 8 10
ER
20
507
G
40 60 100
AMBIENT TEMPERATURE, ( C) FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
NUMBER OF CYCLES AT 60 Hz
FIG.4-TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT,
100
INSTANTANEOUS FORWARD CURRENT,
10
50
30
00 V 60 0V
-2 0
0V
0-4
0V
(A)
(A)
1.0
80
10
TJ =100 C
0.1
1.0
TJ =25 C Pulse Width=300us 1% Duty Cycle
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
TJ =25 C
0.1 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL JUNCTION CAPACITANCE
1000
JUNCTION CAPACITANCE,(pF)
F1G.6-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
Trr
50 10 NONINDUCTIVE NONINDUCTIVE (-) 100
+0.5A
HE
R5
0 1G
-H E
R5
05G
HE R
T J =25 C f=1MHz Vsig=50mVp-p
50 6 G
(+) 25 Vdc (approx.) (-)
D.U.T.
PULSE GENERATIOR (NOTE 2) (+) OSCILLOSCOPE (NOTE 1)
0 -0.25A
-HE
R50 7G
1 NON INDUCTIVE
-1.0A
1cm
10 0.1 1.0 10 100
REVERSE VOLTAGE,(V)
NOTES : 1.Rise Time=7ns mas. Input Impedance= 1 magohm. 22pF 2.Rise time=10ns max. Source Impedance= 50 ohms
SET TIME BASE FOR 50/100ns/cm
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of HER505G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X