Part Number Hot Search : 
ON1690 2004A 16F88 MJ15024G 354388 HA1394 CMHZ4695 SAA56XX
Product Description
Full Text Search
 

To Download HD74LV1GW53ACME Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LV1GW53A
2-channel Analog Multiplexer / Demultiplexer
REJ03D0080-0200 Rev.2.00 May 19, 2006
Description
The HD74LV1GW53A has 2-channel analog multiplexer / demultiplexer in a 6 pin package. Applications include signal gating, chopping, modulation or demodulation (modem), and signal multiplexing for analog to digital and digital to analog conversion systems. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life.
Features
* The basic gate function is lined up as Renesas uni logic series. * Supplied on emboss taping for high-speed automatic mounting. * Supply voltage range : 1.65 to 5.5 V Operating temperature range : -40 to +85C * Control inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) * Control inputs have hysteretic voltage for the slow transition. * Ordering Information
Part Name HD74LV1GW53ACME Package Type CMPAK-6 pin Package Code (Previous Code) PTSP0006JA-A (CMPAK-6V) Package Abbreviation CM Taping Abbreviation (Quantity) E (3,000 pcs / Reel)
Outline and Article Indication
* HD74LV1GW53A
Index band Marking
WP
CMPAK-6
= Control code
Function Table
Control inputs L H H : High level L : Low level On channel Y0 Y1
Rev.2.00, May 19, 2006 page 1 of 6
HD74LV1GW53A
Pin Arrangement
Y1
1
6
A
GND
2
5
VCC
Y0
3
4
COM
(Top view)
Absolute Maximum Ratings
Item Supply voltage range Input voltage range *1 Output voltage range *1, 2 Input clamp current Output clamp current Continuous output current Continuous current through VCC or GND Maximum power dissipation *3 at Ta = 25C (in still air) Storage temperature Notes: Symbol VCC VI VO IIK IOK IO ICC or IGND PT Tstg Ratings -0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -20 50 25 50 200 -65 to 150 Unit V V V mA mA mA mA mW C Test Conditions
Output : H or L VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150C.
Recommended Operating Conditions
Item Supply voltage range Input voltage range Input / output voltage range Symbol VCC VI VI/O t / v Min 1.65 0 0 0 0 0 0 -40 Max 5.5 5.5 VCC 300 200 100 20 85 Unit V V V Conditions
Input transition rise or fall rate
ns / V
VCC = 1.65 to 1.95 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V
Operating free-air temperature
Ta
C
Note: Unused or floating control inputs must be held high or low.
Rev.2.00, May 19, 2006 page 2 of 6
HD74LV1GW53A
Electrical Characteristic
Ta = 25C Item Symbol VCC (V) * Min
1.65 to 1.95
Ta = -40 to 85C Unit Max -- -- -- -- -- -- -- -- -- -- -- -- 360 180 150 75 1100 500 180 100 120 30 20 15 Min
VCCx0.75
Typ -- -- -- -- -- -- -- -- -- -- -- -- 120 60 50 40 400 200 90 50 40 20 10 7
Typ -- -- -- -- -- -- -- -- 0.25 0.30 0.35 0.45 -- -- -- -- -- -- -- -- -- -- -- --
Max -- -- -- --
VCCx0.25
Test Conditions
VIH Input voltage VIL
2.3 to 2.7 3.0 to 3.6 4.5 to 5.5
1.65 to 1.95
Hysteretic voltage
VH
On-state switch resistance
RON
Peak on resistance
Difference of on- state resistance between switches
RON (P)
RON
2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 1.8 2.5 3.3 5.0 1.65 2.3 3.0 4.5 1.65 2.3 3.0 4.5 1.65 2.3 3.0 4.5
-- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
VCCx0.7 VCCx0.7 VCCx0.7 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
V
Control input only
VCCx0.3 VCCx0.3 VCCx0.3 -- -- -- -- 450 225 190 100 1400 600 225 125 160 40 30 20
V
VT+ - VT-
VIN = VCC or GND
VA = VIH, VIL IT = 2 mA
VIN = VCC to GND
VA = VIH, VIL IT = 2 mA
VIN = VCC to GND
VA = VIH, VIL IT = 2 mA
VIN = VCC, VOUT = GND or VIN = GND, VO = VCC,
Off-state switch leakage current On-state switch leakage current Input current
Is (OFF)
5.5
--
--
0.1
--
--
1.0
A
VA = VIH, VIL Is (ON) IIN 5.5 0 to 5.5 5.5 -- -- -- -- -- -- -- -- -- -- 3.5 6.0 0.1 0.1 -- -- -- -- -- -- -- -- -- -- -- -- -- 1.0 1.0 10 -- -- A A A pF pF
VIN = VCC or GND VA = VIH, VIL VIN = 5.5 V or GND VIN = VCC or GND
Quiescent ICC supply current Control input CIC capacitance Switch terminal CIN / OUT capacitance
Rev.2.00, May 19, 2006 page 3 of 6
HD74LV1GW53A
Switching Characteristics
VCC = 1.8 0.15 V
Item Propagation delay time Enable time Disable time Symbol tPLH tPHL tZH tZL tHZ tLZ Ta = 25C Min Typ Max -- 4.5 13.0 -- 11.0 23.0 -- -- -- -- 13.0 18.0 13.0 20.0 30.0 47.0 25.0 38.0
Ta = -40 to 85C
Min -- -- -- -- -- --
Max 19.0 29.0 35.0 54.0 30.0 45.0
Unit ns ns ns
Test Conditions CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF
FROM (Input) COM or Yn A A
TO (Output) Yn or COM Yn Yn
VCC = 2.5 0.2 V
Item Propagation delay time Enable time Disable time Symbol tPLH tPHL tZH tZL tHZ tLZ Ta = 25C Min Typ Max -- 2.5 10.0 -- 5.0 12.0 -- -- -- -- 7.0 9.0 9.0 13.0 18.0 28.0 18.0 28.0
Ta = -40 to 85C
Min -- -- -- -- -- --
Max 16.0 18.0 23.0 35.0 23.0 35.0
Unit ns ns ns
Test Conditions CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF
FROM (Input) COM or Yn A A
TO (Output) Yn or COM Yn Yn
VCC = 3.3 0.3 V
Item Propagation delay time Enable time Disable time Symbol tPLH tPHL tZH tZL tHZ tLZ Ta = 25C Min Typ Max -- 2.0 6.0 -- 4.0 9.0 -- -- -- -- 5.0 7.0 7.0 10.0 12.0 20.0 12.0 20.0
Ta = -40 to 85C
Min -- -- -- -- -- --
Max 10.0 12.0 15.0 25.0 15.0 25.0
Unit ns ns ns
Test Conditions CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF
FROM (Input) COM or Yn A A
TO (Output) Yn or COM Yn Yn
VCC = 5.0 0.5 V
Item Propagation delay time Enable time Disable time Symbol tPLH tPHL tZH tZL tHZ tLZ Ta = 25C Min Typ Max -- 1.5 4.0 -- 3.0 6.0 -- -- -- -- 4.0 5.0 5.0 8.0 8.0 14.0 8.0 14.0
Ta = -40 to 85C
Min -- -- -- -- -- --
Max 7.0 8.0 10.0 18.0 10.0 18.0
Unit ns ns ns
Test Conditions CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF
FROM (Input) COM or Yn A A
TO (Output) Yn or COM Yn Yn
Operating Characteristics
CL = 50 pF
Item Power dissipation capacitance Symbol CPD VCC (V) 3.3 5.0 Min -- -- Ta = 25C Typ 7.5 8.0 Max -- -- Unit pF Test Conditions f = 10 MHz
Rev.2.00, May 19, 2006 page 4 of 6
HD74LV1GW53A
Test Circuit
* RON
VCC VA =V IH or VIL VCC VIN =VCC (ON) GND VOUT R ON =
VIN-OUT 2 x 10 -3
()
+
2.0 mA
-
V
VIN-OUT
* I S (off), I S (on)
VCC VA =V IH or VIL VCC A VIN =VCC or GND (OFF) GND VOUT =GND or VCC VIN =VCC or GND A VA =V IH or VIL VCC (ON) GND VOUT OPEN VCC
* t PLH ,t PHL
VCC VA =V IH or VIL VCC VIN (ON) GND VOUT CL= 15 or 50 pF VIN 10% VOUT tr 90% 90% 50% 50% t PLH 50% tf VCC 10% t PHL GND VOH VOL Notes: 1. Input waveform : PRR 1 MHz, Zo = 50 , tr 3 ns, tf 3 ns. 2. The output are measured one at a time with one transition per measurement.
50%
Rev.2.00, May 19, 2006 page 5 of 6
HD74LV1GW53A
* t ZH ,tZL / t HZ ,t LZ
VCC
VA VCC GND
RL = 1k Yn CL=15 or 50 pF S2 RL = 1k
tf VA 90% 50% 10% t ZH 50% Yn t ZL 50%
tr 90% 50% t HZ VOH -0.3 V t LZ VOL +0.3 V VOH GND VCC VOL VCC GND
COM S1
10%
Item t ZH t ZL t HZ t LZ
S1 VCC GND VCC GND
S2 GND VCC GND VCC
Notes: 1. Input waveform : PRR 1 MHz, Zo = 50 , tr 3 ns, tf 3 ns. 2. Waveform - A is for an output with internal conditions such that the output is low except when disabled by the output control. 3. Waveform - B is for an output with internal conditions such that the output is high except when disabled by the output control. 4. The output are measured one at a time with one transition per measurement.
Package Dimensions
Package Name CMPAK-6 JEITA Package Code SC-88 RENESAS Code PTSP0006JA-A Previous Code CMPAK-6 / CMPAK-6V MASS[Typ.] 0.006g
D e
A Q c
E
HE LP L
A xM
A S A b
L1
A3 e
Reference Symbol
Dimension in Millimeters
A2
A
yS b
A1 S e1
l1 c b2 A-A Section Pattern of terminal position areas
A A1 A2 A3 b c D E e HE L L1 LP x y b2 e1 l1 Q
Min 0.8 0 0.8 0.15 0.1 1.8 1.15 2.0 0.3 0.1 0.2
Nom 0.9 0.25 0.2 0.15 2.0 1.25 0.65 2.1
Max 1.1 0.1 1.0 0.25 0.25 2.2 1.35 2.2 0.7 0.5 0.6 0.05 0.05 0.35 0.9
1.5 0.25
Rev.2.00, May 19, 2006 page 6 of 6
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2006. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .6.0


▲Up To Search▲   

 
Price & Availability of HD74LV1GW53ACME

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X