|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HD74ALVC1G86 2-input Exclusive-OR Gate REJ03D0128-0500 Rev.5.00 Jun.20.2005 Description The HD74ALVC1G86 performs the Boolean functions Y = A B or Y = AB + AB in positive logic. A common application is as a true / complement element. If one of the inputs is low, the other input will be reproduced in true form at the output. If one of the inputs is high, the signal on the other input will be reproduced inverted form at the output. Low voltage and high-speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life. Features * The basic gate function is lined up as Renesas uni logic series. * Supplied on emboss taping for high-speed automatic mounting. * Supply voltage range : 1.2 to 3.6 V Operating temperature range : -40 to +85C * All inputs VIH (Max.) = 3.6 V (@VCC = 0 V to 3.6 V) All outputs VO (Max.) = 3.6 V (@VCC = 0 V) * Output current 2 mA (@VCC = 1.2 V) 4 mA (@VCC = 1.4 V to 1.6 V) 6 mA (@VCC = 1.65 V to 1.95 V) 18 mA (@VCC = 2.3 V to 2.7 V) 24 mA (@VCC = 3.0 V to 3.6 V) * Ordering Information Part Name HD74ALVC1G86VSE Package Type VSON-5 pin Package Code (Previous Code) PUSN0005KA-A (TNP-5DV) Package Abbreviation VS Taping Abbreviation (Quantity) E (3,000 pcs/reel) Outline and Article Indication * HD74ALVC1G86 Marking A 8 VSON-5 = Control code Rev.5.00, Jun.20.2005 page 1 of 7 HD74ALVC1G86 Function Table Inputs A L L H H H: L: High level Low level B L H L H Output Y L H H L Pin Arrangement IN B 1 5 VCC IN A 2 GND 3 4 OUT Y (Top view) Absolute Maximum Ratings Item Supply voltage range Input voltage range *1 Output voltage range *1, 2 Input clamp current Output clamp current Continuous output current Continuous current through VCC or GND Maximum power dissipation 3 at Ta = 25C (in still air) * Storage temperature Notes: Symbol VCC VI VO IIK IOK IO ICC or IGND PT Tstg Ratings -0.5 to 4.6 -0.5 to 4.6 -0.5 to VCC + 0.5 -0.5 to 4.6 -50 50 50 100 200 -65 to 150 Unit V V V mA mA mA mA mW C Test Conditions Output : H or L VCC : OFF VI < 0 VO < 0 or VO > VCC VO = 0 to VCC The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 4.6 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150C. Rev.5.00, Jun.20.2005 page 2 of 7 HD74ALVC1G86 Recommended Operating Conditions Item Supply voltage range Input voltage range Output voltage range Output current Symbol VCC VI VO IOH Min 1.2 0 0 -- -- -- -- -- -- -- -- -- -- 0 0 -40 Max 3.6 3.6 VCC -2 -4 -6 -18 -24 2 4 6 18 24 20 10 85 Unit V V V mA Conditions IOL Input transition rise or fall rate Operating free-air temperature t / v Ta ns / V C VCC = 1.2 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 1.2 V VCC = 1.4 V VCC = 1.65 V VCC = 2.3 V VCC = 3.0 V VCC = 1.2 to 2.7 V VCC = 3.30.3 V Note: Unused or floating inputs must be held high or low. Electrical Characteristics Ta = -40 to 85C Item Input voltage Symbol VIH VCC (V) * 1.2 1.4 to 1.6 1.65 to 1.95 2.3 to 2.7 3.0 to 3.6 1.2 1.4 to 1.6 1.65 to 1.95 2.3 to 2.7 3.0 to 3.6 Min to Max 1.2 1.4 1.65 2.3 3.0 Min to Max 1.2 1.4 1.65 2.3 3.0 3.6 3.6 0 3.3 Min VCCx0.75 VCCx0.7 VCCx0.7 1.7 2.0 -- -- -- -- -- VCC-0.2 0.9 1.1 1.2 1.7 2.2 -- -- -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 4.5 Max -- -- -- -- -- VCCx0.25 VCCx0.3 VCCx0.3 0.7 0.8 -- -- -- -- -- -- 0.2 0.3 0.3 0.3 0.55 0.55 5 10 5 -- Unit V Test condition VIL Output voltage VOH V VOL Input current Quiescent supply current Output leakage current Input capacitance IIN ICC IOFF CIN A A A pF IOH = -100 A IOH = -2 mA IOH = -4 mA IOH = -6 mA IOH = -18 mA IOH = -24 mA IOL = 100 A IOL = 2 mA IOL = 4 mA IOL = 6 mA IOL = 18 mA IOL = 24 mA VIN = 3.6 V or GND VIN = VCC or GND, IO = 0 VI or VO = 0 to 3.6 V VIN = VCC or GND Note: For conditions shown as Min or Max, use the appropriate values under recommended operating conditions. Rev.5.00, Jun.20.2005 page 3 of 7 HD74ALVC1G86 Switching Characteristics VCC = 1.2 V Item Propagation delay time Symbol tPLH tPHL Ta = -40 to 85C Min Typ Max -- 7.5 -- Unit ns Test Conditions CL = 15 pF FROM (Input) A or B Y TO (Output) VCC = 1.5 0.1 V Item Propagation delay time Symbol tPLH tPHL Ta = -40 to 85C Min Typ Max 2.0 -- 8.0 Unit ns Test Conditions CL = 15 pF FROM (Input) A or B Y TO (Output) VCC = 1.8 0.15 V Item Propagation delay time Symbol tPLH tPHL Ta = -40 to 85C Min Typ Max 1.5 -- 6.0 Unit ns Test Conditions CL = 30 pF FROM (Input) A or B Y TO (Output) VCC = 2.5 0.2 V Item Propagation delay time Symbol tPLH tPHL Ta = -40 to 85C Min Typ Max 1.0 -- 4.0 Unit ns Test Conditions CL = 30 pF FROM (Input) A or B Y TO (Output) VCC = 3.3 0.3 V Item Propagation delay time Symbol tPLH tPHL Ta = -40 to 85C Min Typ Max 1.0 -- 3.0 Unit ns Test Conditions CL = 30 pF FROM (Input) A or B Y TO (Output) Operating Characteristics Item Power dissipation capacitance Symbol CPD VCC (V) 1.5 1.8 2.5 3.3 Min -- -- -- -- Ta = 25C Typ 10.5 10.5 10.5 11.5 Max -- -- -- -- Unit pF Test Conditions f = 10 MHz Rev.5.00, Jun.20.2005 page 4 of 7 HD74ALVC1G86 Test Circuit VCC Pulse Generator Z out = 50 Input Output CL RL Symbol RL CL V CC = 1.2 V, V = 2.50.2 V, V = 1.80.15 V CC 1.50.1 V CC 3.30.3 V 2.0 k 15 pF 1.0 k 30 pF 500 30 pF Note: CL includes probe and jig capacitance. Rev.5.00, Jun.20.2005 page 5 of 7 HD74ALVC1G86 Waveforms tr tf 90% Input V ref 10% t PLH 90% V ref 10% t PHL VIH GND VOH In phase output V ref V ref VOL t PHL t PLH VOH Out of phase output V ref V ref VOL Symbol tr / t f V IH V ref V CC = 1.2 V, 1.50.1 V, V CC = 2.50.2 V 1.80.15 V 2.0 ns VCC 50% 2.5 ns VCC 50% V CC = 3.30.3 V 2.5 ns 2.7 V 1.5 V Note: Input waveform : PRR = 10 MHz, duty cycle 50% Rev.5.00, Jun.20.2005 page 6 of 7 HD74ALVC1G86 Package Dimensions JEITA Package Code P-USON5-1.2x1.6-0.50 RENESAS Code PUSN0005KA-A Previous Code TNP-5D/TNP-5DV MASS[Typ.] 0.002g D 1.0 0.1 5 4 L1 HE E ( 0.1 ) ( 0.1 ) 1 3 c Reference Symbol Dimension in Millimeters Min 1.55 1.1 Nom 1.6 1.2 Max 1.65 1.3 0.6 D E A A1 A2 b 0.15 0.2 0.3 A b1 e Lp x 0.5 e b y ZD c c1 HE L1 1.55 1.6 0.2 1.65 0.07 0.12 0.22 Rev.5.00, Jun.20.2005 page 7 of 7 Sales Strategic Planning Div. Keep safety first in your circuit designs! Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan 1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein. RENESAS SALES OFFICES Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> 2-796-3115, Fax: <82> 2-796-2145 http://www.renesas.com Renesas Technology Malaysia Sdn. Bhd. Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510 (c) 2005. Renesas Technology Corp., All rights reserved. Printed in Japan. Colophon .3.0 |
Price & Availability of HD74ALVC1G86VSE |