Part Number Hot Search : 
CM542 7C010 LA7804 2SJ539 10012 MZP4744 BU28TA C225T
Product Description
Full Text Search
 

To Download GBU15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU15005
Elektronische Bauelemente
THRU
GBU1510
VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen-free.
GBU
3.2x3.2 CHAMFER .139(3.53) .133(3.37) 10 TYP
O
.874(22.2) .860(21.8) .160(4.1) .140(3.5)
5 TYP
O
.752(19.1) .720(18.3)
FEATURES
.083(2.1) .067(1.7)
.232(5.9) .224(5.7)
* Surge Overload Rating -220~350 Amperes Peak * I deal For Printed Circuit Board Reliable Low Cost * Plastic Technique Construction Utilizing Molded *
Plastic Material Has Underw rites Laboratory Flammability Classification 94V-0
.720(18.29) .680(17.27)
.100(2.54) .085(2.16) .080(2.03) .068(1.65) .210 .210 .190 .190 (5.33) (5.33) (4.83) (4.83) .210 .190 (5.33) (4.83)
.083(2.1) .075(1.9)
.022(0.56) .018(0.46)
* Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz, For capacitive load, derate current by 20%.
o
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 C (without heatsink)
o
SYMBOL VRRM VRMS VDC I(AV)
GBU 15005 50 30 50
GBU 1501 100 70 100
GBU 1502 200 140 200
GBU 1504 400 280 400 15 3.2 240 1.1 10.0 500 200 70 2.2 -55 to +150 -55 to +150
GBU 1506 600 420 600
GBU 1508 800 560 800
GBU 1510 1000 700 1000
UNIT V V V A
Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Maximum Forward Voltage at 5.0/7.5/12.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t<8.3ms) Typical Junction Capacitance Per Element (Note1) Typical Thermal Resistance (Note2) Operating Temperature Range Storage Temperature Range @ TJ=25 C @ TJ=125 C
o o
IFSM VF IR I2t CJ RJC TJ TSTG
A V uA A2s pF
o
C /W
o o
C
C
NOTES: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Device mounted on 100mm x 100mm x 1.6mm Cu Plate Heatsink.
ht t p:/ /www. SeCoSGmbH. com/ Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
GBU15005
Elektronische Bauelemente
THRU
GBU1510
VOLTAGE 50V ~ 1000V 15.0 AMP Glass Passivated Bridge Rectifiers
RATING AND CHARACTERTIC CURVES
FIG.1-MAXIMUM FORWARD SURGE CURRENT 400 350 300 250 200 150 100 50 0 1 10 NUMBER OF CYCLES AT 60Hz 100
GBU15
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGR FORWARD OUTPUT CURRENT AMPERES 40
PEAK FORWARD SURGE CURRENT AMPERES
30
GBU15
10
0
50 CASW TEMPERATURE
100
150
FIG.3-TYPICAL FORWARD CHARACTERISTICS 100
GBU15 GBU15 GBU25 GBU10
FIG.4-TYPICAL REVERSE CHARACTERISTICS
TJ=25 C
o
INSTANTANEOUS FORWARD CURRENT , AMPERES
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
1.0
1.0
=25
0.1
0.1
0.01 0.4 0.6
0.8
1.0
1.2
1.4
1.6
0.01 0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of GBU15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X