Part Number Hot Search : 
TC144E MC74AC1 EFM205L TDA7851 RL102 T8201590 2SA1486 C107M020
Product Description
Full Text Search
 

To Download FSTD3125MTCX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FSTD3125 -- 4-Bit Bus Switch with Level Shifting
March 2008
FSTD3125 -- 4-Bit Bus Switch with Level Shifting
Features
4 Switch Connection between Two Ports Minimal Propagation Delay through the Switch Low ICC Zero Bounce in Flow-through Mode Control Inputs Compatible with TTL Level TruTranslation Voltage Translation from 5.0V Inputs to 3.3V Outputs
Description
Fairchild switch FSTD3125 provides four high-speed CMOS TTL-compatible bus switches. The low on resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise. A diode to VCC has been integrated into the circuit to allow for level shifting between 5V inputs and 3.3V outputs. The device is organized as four one-bit switches with separate /OE inputs. When /OE is LOW, the switch is ON and port A is connected to port B. When /OE is HIGH, the switch is OPEN and a high-impedance state exists between the two ports.
Ordering Information
Part Number
FSTD3125MTC FSTD3125MTCX
Operating Temperature Range
-40 to 85C -40 to 85C
Package
14-Lead, Thin Shrink Small Outline Package (TSSOP) JEDEC MO-153, 4mm Wide 14-Lead, Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4mm Wide
Packing Method
Tube Tape and Reel
All packages are lead free per JEDEC: J-STD-020B standard.
Technology Description
The Fairchild switch family derives from and embodies Fairchild's proven switch technology used for several years in its 74LVX3L384 (FST3384) bus switch product.
/OE1 1 1A 2 /OE2 4 3
1B
2A
5
6
2B
/OE3 3A /OE4
10
9 13
8
3B
4A
12
11 4B
Figure 1. Logic Diagram
(c) 2001 Fairchild Semiconductor Corporation FSTD3125 * Rev. 1.0.2 www.fairchildsemi.com
FSTD3125 -- 4-Bit Bus Switch with Level Shifting
Pin Configuration
/OE1 1A
1
14
VCC /OE4 4A
2
13
1B
3
12
/OE2 2A
4
11
4B
5
10
/OE3 3A
2B
6
9
GND
7
8
3B
Figure 2. TSSOP Pin Assignments
Pin Descriptions
Pin #
1,4,10,13 2,5,9,12 3,6,8,11 14 7
Pin Names
/OE1, /OE2, /OE3, /OE4 1A, 2A, 3A, 4A 1B, 2B, 3B, 4B VCC GND
Description
Bus Switch Enables Bus A Bus B Supply Voltage Ground
Truth Table
Inputs
/OE LOW HIGH
Inputs/Outputs
A, B A=B High Impedance
(c) 2001 Fairchild Semiconductor Corporation FST3D125 * Rev. 1.0.2
www.fairchildsemi.com 2
FSTD3125 -- 4-Bit Bus Switch with Level Shifting
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only.
Symbol
VCC VS VIN IIK IOUT ICC / IGND TSTG Supply Voltage DC Switch Voltage DC Input Voltage
(1)
Parameter
Min.
-0.5 -0.5 -0.5
Max.
7.0 7.0 7.0 -50 128 100
Unit
V V V mA mA mA C
DC Input Diode Current, VIN<0V DC Output Sink Current DC VCC / GND Current Storage Temperature Range -65
+150
Note: 1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
VCC VIN VOUT tr , tf TA Input Voltage Output Voltage
Parameter
Power Supply Operating
Min.
4.5 0 0
Max.
5.5 5.5 5.5 5 DC +85
Unit
V V V ns/V C
Input Rise and Fall Time
Switch Control Input Switch I/O
(2)
0 0 -40
Operating Temperature, Free Air
Note: 2. Unused control inputs must be held HIGH or LOW. They may not float.
(c) 2001 Fairchild Semiconductor Corporation FST3D125 * Rev. 1.0.2
www.fairchildsemi.com 3
FSTD3125 -- 4-Bit Bus Switch with Level Shifting
DC Electrical Characteristics
Typical values are at VCC = 5.0V and TA = 25C.
Symbol
VIK VIH VOH VIL IIN IOZ
Parameter
Clamp Diode Voltage High-Level Input Voltage High-Level Low-Level Input Voltage Input Leakage Current Off-state Leakage Current Switch On Resistance
(3)
Conditions
IIN = -18mA Figure 5, Figure 6, and Figure 7 0 VIN 5.5V VIN = 5.5V 0 A, B VCC VIN = 0V, IIN = 64mA
VCC (V)
4.5 4.5 to 5.5 4.0 to 5.5 4.5 to 5.5 5.5 0 5.5 4.5 4.5 4.5
TA=-40 to +85C Min.
2.0
Units
V V V
Typ.
Max.
-1.2
0.8 1.0 10 1.0 4 4 35 7 7 50 1.5
V A A A
RON
VIN = 0V, IIN = 30mA VIN = 2.4V, IIN = 15mA /OE1 = /OE2 = GND VIN = VCC or GND, IOUT = 0 /OE1 = /OE2 = VCC VIN = VCC or GND, IOUT = 0 One Input at 3.4V, Other Inputs at VCC or GND
ICC
Quiescent Supply Current
5.5 10 5.5 2.5
A
ICC
Increase in ICC per Input
mA
Note: 3. Measured by the voltage drop between the A and B pins at the indicated current through the switch. On resistance is determined by the lower of the voltages on the A or B pins.
AC Electrical Characteristics
TA = -40 to +85C, CL = 50pF, and RU = RD = 500.
Symbol
tPHL, tPLH
Parameter
Propagation Delay, Bus-to-Bus
(4)
Conditions
VIN = Open VIN = 7V for tPZL VIN = Open for tPZH VIN = 7V for tPLZ VIN = Open for tPHZ
VCC = 4.5 - 5.5V Min. Max.
0.25
Units
ns
Figure
Figure 3 Figure 4 Figure 3 Figure 4 Figure 3 Figure 4
tPZH ,tPZL
Output Enable Time
1.0
6.1
ns
tPHZ, tPLZ
Output Disable Time
1.5
6.4
ns
Note: 4. This parameter is guaranteed by design, but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical on resistance of the switch and the 50pF load capacitance when driven by an ideal voltage source (zero output impedance).
Capacitance
TA = +25C, f = 1MHz. Capacitance is characterized, but not tested.
Symbol
CIN CI/O
Parameter
Control Pin Input Capacitance Input/Output Capacitance
Conditions
VCC = 5.0V VCC, /OE = 5.0V
4
Typ.
3 6
Units
pF pF
www.fairchildsemi.com
(c) 2001 Fairchild Semiconductor Corporation FST3D125 * Rev. 1.0.2
FSTD3125 -- 4-Bit Bus Switch with Level Shifting
AC Loadings and Waveforms
Notes: Input driven by 50 source terminated in 50. CL includes load and stray capacitance. Input PRR = 1.0MHz, tw = 500ns. Figure 3. AC Test Circuit
Figure 4. AC Waveforms
(c) 2001 Fairchild Semiconductor Corporation FSTD3125 * Rev. 1.0.2
www.fairchildsemi.com 5
FSTD3125 -- 4-Bit Bus Switch with Level Shifting
Performance Characteristics
Figure 5. Output Voltage vs. Supply Voltage, VIN = VCC, TA = 85C
Figure 6. Output Voltage vs. Supply Voltage, VIN = VCC, TA = 25C
Figure 7. Output Voltage vs. Supply Voltage, VIN = VCC, TA = 0C
(c) 2001 Fairchild Semiconductor Corporation FSTD3125 * Rev. 1.0.2
www.fairchildsemi.com 6
FSTD3125 -- 4-Bit Bus Switch with Level Shifting
Physical Dimensions
0.43 TYP
0.65
1.65
0.45
6.10
12.00TOP R0.09 min
& BOTTOM
A. CONFORMS TO JEDEC REGISTRATION MO-153, VARIATION AB, REF NOTE 6 B. DIMENSIONS ARE IN MILLIMETERS C. DIMENSIONS ARE EXCLUSIVE OF BURRS, MOLD FLASH, AND TIE BAR EXTRUSIONS D. DIMENSIONING AND TOLERANCES PER ANSI Y14.5M, 1982 E. LANDPATTERN STANDARD: SOP65P640X110-14M F. DRAWING FILE NAME: MTC14REV6
1.00
R0.09min
Figure 8. 14-Lead, Thin Shrink Small Outline Package (TSSOP) MO-153, 4mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or obtain the most recent revision. Package specifications do not expand the terms of Fairchild's worldwide terms and conditions, specifically the warranty therein, which covers Fairchild products. Always visit Fairchild Semiconductor's online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/
(c) 2001 Fairchild Semiconductor Corporation FSTD3125 * Rev. 1.0.2
www.fairchildsemi.com 7
FSTD3125 -- 4-Bit Bus Switch with Level Shifting
(c) 2001 Fairchild Semiconductor Corporation FSTD3125 * Rev. 1.0.2
www.fairchildsemi.com 8


▲Up To Search▲   

 
Price & Availability of FSTD3125MTCX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X