Part Number Hot Search : 
FM260 0100S ANTX1N66 2SC5968 7282AP 74HC533 RB202 LPS122
Product Description
Full Text Search
 

To Download FMMT493 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Medium Power Transistor FMMT493
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
+0.1 2.4-0.1
Medium power transistor.
1
+0.1 0.95-0.1 +0.1 1.9-0.1
+0.1 1.3-0.1
Features
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Peak collector current Collector current Base current Power dissipation Operating and storage temperature range Symbol VCBO VCEO VEBO ICM IC IB Ptot Tj,Tstg Rating 120 100 5 2 1 200 500 -55 to +150 Unit V V V A A mA mW
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1
SMD Type
FMMT493
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage * Emitter-base breakdown voltage Collector cutoff current Emitter cut-off current Collector cutoff current Collector-emitter saturation voltage * Base-emitter saturation voltage * Base-emitter voltage * Symbol V(BR)CBO IC=100iA V(BR)CEO IC=10mA V(BR)EBO IE=100iA ICBO IEBO ICES VCB=100V VEB=4V VCB=100V Testconditons
Transistors
Min 120 100 5
Typ
Max
Unit V V V
100 100 100 0.3 0.6 1.15 1.0 100 100 60 20 150 10 300
nA nA nA V V V
IC=500mA,IB=50mA VCE(sat) IC=1A,IB=100mA VBE(sat) IC=1A,IB=100mA VBE(ON) IC=1A,VCE=10V IC=1mA, VCE=10V*
Static Forward Current Transfer Ratio
hFE
IC=250mA, VCE=10V* IC=500mA, VCE=10V* IC=1A, VCE=10V*
Transition Frequency Collector-Base Breakdown Voltage * Pulse test: tp 300 is; d 0.02.
fT Cobo
IC=50mA,VCE=10V,f=100MHz VCB=10V,f=1MHz
MHz pF
Marking
Marking 493
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of FMMT493

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X