Part Number Hot Search : 
VA2ASG 2101A P6KE150A ENL9654 PL001 G2002 2SB1604 TMS77C82
Product Description
Full Text Search
 

To Download FMMT417 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Avalanche Transistor FMMT417
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
Features
+0.1 2.4-0.1
High speed pulse generators SOT23 NPN Silicon Planar
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Peak collector current Collector current Power dissipation Operating and storage temperature range Symbol VCBO VCEO VEBO ICM IC Ptot Tj,Tstg Rating 320 100 6 60 500 330 -55 to +150 Unit V V V A mA mW
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage * Emitter-base breakdown voltage Collector cutoff current Emitter cut-off current Collector-emitter saturation voltage * Base-emitter saturation voltage * Current in second breakdown Static Forward Current Transfer Ratio Transition frequency Collector-base capacitance * Pulse test: tp = 300 is; d 0.02. Symbol V(BR)CBO IC=1mA V(BR)CEO IC=100iA V(BR)EBO IE=10iA ICBO IEBO VCB=80V VCB=80V, Tamb=100 VEB=4V Testconditons Min 320 100 6 0.1 10 0.1 0.5 0.9 15 25 25 40 8 MHz pF Typ Max Unit V V V iA iA iA V V A A
VCE(sat) IC=10mA,IB=1mA VBE(sat) IC=10mA,IB=1mA ISB hFE fT Ccb VC=200V, CCE=620pF VC=250V, CCE=620pF IC=10mA,VCE=10V * IC=10mA,VCE=20V,f=20MHz VCB=20V, IE=0, f=1MHz
Marking
Marking 417
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of FMMT417

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X