Part Number Hot Search : 
AGM2412A NSSW045T MPC942C M62500FP STPS20 S1100 CS8151CG TF3007B
Product Description
Full Text Search
 

To Download FMMT415 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Avalanche Transistor FMMT415
SOT-23
+0.1 2.9-0.1 +0.1 0.4-0.1
Transistors
Unit: mm
Features
+0.1 2.4-0.1
High speed pulse generators SOT23 NPN Silicon Planar
+0.1 1.3-0.1
1
+0.1 0.95-0.1 +0.1 1.9-0.1
2
0.55
0.4
3
+0.05 0.1-0.01
+0.1 0.97-0.1
1.Base 2.Emitter 3.collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Peak collector current Collector current Power dissipation Operating and storage temperature range Symbol VCBO VCEO VEBO ICM IC Ptot Tj,Tstg Rating 260 100 6 60 500 330 -55 to +150 Unit V V V A mA mW
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage * Emitter-base breakdown voltage Collector cutoff current Emitter cut-off current Collector-emitter saturation voltage * Base-emitter saturation voltage * Current in second breakdown DC current gain * Transition frequency Collector-base capacitance * Pulse test: tp = 300 is; d 0.02. Symbol Testconditons Min 260 100 6 0.1 10 0.1 0.5 0.9 15 25 25 40 8 MHz pF Typ Max Unit V V V iA iA iA V V A A V(BR)CBO IC=1mA,Tamb= -55 to +150 V(BR)CEO IC=100iA V(BR)EBO IE=10iA ICBO IEBO VCB=80V VCB=80V, Tamb=100 VEB=4V
VCE(sat) IC=10mA,IB=1mA VBE(sat) IC=10mA,IB=1mA ISB hFE fT Ccb VC=200V, CCE=620pF VC=250V, CCE=620pF IC=10mA,VCE=10V IC=10mA,VCE=20V,f=20MHz VCB=20V, IE=0, f=1MHz
Marking
Marking 415
+0.1 0.38-0.1
0-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of FMMT415

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X