Part Number Hot Search : 
2SB861 MT3S0 002000 MT3S0 104Z4UA HA3002 0885274 S78L09F
Product Description
Full Text Search
 

To Download FMH-461 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES
* -55C to +125C operation * 50 dB minimum attenuation at 500 kHz * Compliant to MIL-STD-461C, CE03 * Compatible with MIL-STD-704E DC power bus
EMI INPUT FILTER 28 VOLT INPUT
FMH EMI FILTER 1.5 AMP
MODEL
FMH-461 1.5 amp
Size (max.): Non-flanged, case E3 1.460 x 1.130 x 0.330 (37.08 x 28.70 x 8.38 mm) Flanged, case G3 2.005 x 1.130 x 0.330 inches (50.93 x 28.70 x 8.38 mm) See Section B8, cases E3 and G3, for dimensions. Weight: 22 grams typical, 28 grams maximum Screening: Standard, ES, or 883 (Class H). See Section C2 for screening options, see Section A5 for ordering information.
DESCRIPTION
Interpoint specifically designed the FMH-461TM EMI filter to reduce the input line reflected ripple current of the following high frequency DC/DC converters: MHD, MHF, MHF+, MHV, MSA1, and MTR series converters. It will also reduce EMI for several of Interpoint's lower frequency converters: MHE/MLP, MHL, MTO, and MTW series. The FMH-461 filter is ideal for use in applications which must meet MIL-STD-461C levels of conducted and radiated emissions. Throughput current is 1.5 amps. At 16 VDC input (low line), the filter provides 24 watts of throughput power.
FILTER OPERATION
FMH-461 filters are rated for full power operation from -55C to +125C baseplate temperature. Operation is offered up to the absolute maximum of +135C with derating as defined in "Recommended Operating Conditions" on the following page. The maximum DC insertion loss at full load and nominal input voltage (28 VDC) represents a power loss of less than 2%.
LAYOUT REQUIREMENTS
The case of the filter must be connected to the case of the converter through a low impedance connection to minimize EMI.
MIL-STD NOISE MANAGEMENT
When used in conjunction with Interpoint converters, the FMH-461 EMI filter reduces input ripple current by 35 dB or greater at 200 kHz and by at least 50 dB at 500 kHz (see Figures 5 and 6 and electrical characteristics table). This attenuation gives the converter/filter combination performance which exceeds MIL-STD-461C's CE03 test.
1. MSA models may require an inductor in series with the MSA's positive input. 2 H is the suggested value.
B3-17
FMH EMI FILTER 1.5 AMP
ABSOLUTE MAXIMUM RATINGS
Input Voltage * 0 to 40 VDC continuous Lead Soldering Temperature (10 sec per lead) * 300C Storage Temperature Range (Case) * -65C to +150C
EMI INPUT FILTERS
RECOMMENDED OPERATING CONDITIONS
Input Voltage Range * 16 to 40 VDC continuous Case Operating Temperature (Tc) * -55C to +125C full power Derating DC Input/Output current * Derate linearly from 100% at 125C to 0% at 135C case
TYPICAL CHARACTERISTICS
Capacitance * 0.024 F max, any pin to case Isolation * 100 megohm minimum at 500 V * Any pin to case, except case pin
Electrical Characteristics: 25C Tc, nominal Vin, unless otherwise specified.
PARAMETER INPUT VOLTAGE INPUT CURRENT NOISE REJECTION DC RESISTANCE (RDC) OUTPUT VOLTAGE1 OUTPUT CURRENT INTERNAL POWER DISSIPATION CONDITIONS CONTINUOUS 200 kHz 500 kHz TC = 25C STEADY STATE RIPPLE STEADY STATE MAXIMUM CURRENT --
--
MIN 0 -- 35 50 --
FMH-461 TYP 28 -- 40 60 0.20 VOUT = VIN - IIN (RDC) --
--
MAX 40 1.5 -- -- 0.35
UNITS VDC A dB VDC A rms A W
0.3 1.5 0.8
--
0.5
Notes 1. Typical applications result in Vout within 2% of Vin.
590 Positive Input 34
H
30
H Positive Output 5.1
2
F
1
F
Input Common 3300 pF 500V 1 F 2 F 6800 pF 500 V
Output Common
FMH-461
FIGURE 1: SCHEMATIC
B3-18
EMI INPUT FILTERS
EMI FILTER +Vin +Vout Case Output Input Common Common DC/DC CONVERTER +Vin +Vout RL Case Output Input Common Common
FMH EMI FILTER 1.5 AMP
Chassis ground
Multiple units allowed up to rated output current of filter
RL
The case ground connection between the filter and the converter should be as low an impedance as possible to minimize EMI. Direct contact of baseplate to chassis ground provides the lowest impedance.
FIGURE 2: CONNECTION DIAGRAM
PIN OUT Dot on top of cover indicates pin one.
Pin 1 2 3 4 5
Designation Positive Input Positive Output Case Ground Output Common Input Common
1
BOTTOM VIEW FMH NON-FLANGED 3 AND FLANGED
4
2
5
Dotted line outlines flanged package option. See Section B8, cases E3 and G3 for dimensions.
FIGURE 3: PIN OUT
DSCC NUMBER
DSCC DRAWING (5915) 95003-01HXC 95003-01HZC
FMH-461 FILTER
MODEL NUMBERING KEY
FMH - 461 Base Model MIL-STD-461 Reference Case Option (Non-flanged case has no designator in this position) Screening (Standard screening has no designator in this position.) F / 883
SIMILAR PART FMH-461/883 FMH-461F/883
For exact specifications for a DSCC product, refer to the DSCC drawing. See Section A3, "SMD/DSCC Lists", for more information.
B3-19
FMH EMI FILTER 1.5 AMP
EMI INPUT FILTERS
90 80 A) 70 60 50 40 30 20 10 0
.015 0.1 1 FREQUENCY (MHz) 10 50
CE 03
Typical Performance Curves: 25C Tc , nominal Vin, unless otherwise specified.
LI
EMISSION LEVEL (dB
M
IT
MHF+2805S Converter Without Filter FIGURE 4
90 80 EMISSION LEVEL (dB A) 70 60 50 40 30 20 10 0
.015 0.1 1 FREQUENCY (MHz) 10 50
CE
03
LI
M
IT
MHF+2805S Converter With FMH-461 Filter FIGURE 5
20 dB OHMS = 20 LOG ZOUT
10
0
-10
-20 1K 100 K 10 K FREQUENCY (Hz) 1M
Typical Output Impedance (Z) With Input Shorted FMH-461 FIGURE 6
B3-20
26421-001-DTS Rev A DQ# 4044 All technical information is believed to be accurate, but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. FMH-461 is a trademark of Interpoint. Copyright (c) 1992 - 1999 Interpoint. All rights reserved.
CASES
Squared corner and dot on top of case indicate pin one. Materials Header Cold Rolled Steel/Nickel/Gold Cover MHF+ Series and FMH Filter Kovar/Nickel SMHF Cold Rolled Steel/Nickel Pins #52 alloy (all cases) compression glass seal Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.2) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin.
CASE G
CASE G BOTTOM VIEW Flanged package See Figures 25 - 27 for pin configuration
1.130 max (28.70)
2.005 max (50.93)
Flange Thickness: 0.047 (1.19)
FIGURE 24: CASE G MAXIMUM DIMENSIONS
BOTTOM VIEW CASE G1 Flanged cases: Designator "F" required in Case Option position of model number MHF+ Series Single and Dual, LIM5050 Module: Screening - Standard, ES, or 883 SMHF Series, SLIM5050 Module: Screening - Space Standard, H, or K
Seam Seal Projection Weld Squared corner and dot on top of case indicate pin one.
0.960 (24.38) 0.030 dia. (0.76)
1
2
3
4
5 0.128 dia (3.25)
0.560 (14.22) 8 7 6
0.160 (4.06) 0.000 0.000 0.330 max. (8.38) 0.330 max. (8.38) 0.25 (6.35) 0.000 0.25 (6.35) 0.140 (3.56) 0.000
0.205 (5.21)
0.505 (12.83)
0.705 (17.91)
0.905 (22.99)
FIGURE 25: CASE G1
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer to the numerical dimensions for accuracy.
1.105 (28.07)
1.590 (40.39)
B8-15
CASE G
CASES
BOTTOM VIEW CASE G2 Flanged case: Designator required in Case Option position of model number. MHF+ Series Triple: Screening - Standard, ES, or 883
Seam Seal
Projection Weld
Squared corner and dot on top of case indicate pin one.
0.960 (24.38) 0.030 dia. (0.76)
1
2
3
4
5 0.128 dia (3.25)
0.560 (14.22) 9 8 7 6
0.160 (4.06) 0.000 0.000 0.330 max. (8.38) 0.330 max. (8.38) 0.25 (6.35) 0.000 0.25 (6.35) 0.140 (3.56) 0.000
0.205 (5.21)
0.505 (12.83)
0.705 (17.91)
0.905 (22.99)
1.105 (28.07)
FIGURE 26: CASE G2
BOTTOM VIEW CASE G3 Flanged case: Designator required in Case Option position of model number. FMH EMI Filter: Screening - Standard, ES, or 883
Seam Seal Projection Weld
0.030 dia. (0.76) 0.960 (24.38)
Squared corner and dot on top of case indicate pin one.
1
2 0.128 dia (3.25) 3
0.560 (14.22) 5
0.160 (4.06) 0.000 0.330 max. (8.38) 0.330 max. (8.38) 0.25 (6.35) 0.25 (6.35) 0.000 0.000 0.140 (3.56) 0.000
4
0.205 (5.21)
1.205 (30.61)
1.590 (40.39) 1.590 (40.39)
FIGURE 27: CASE G3
B8-16
CASE E
CASES
Squared corner and dot on top of case indicate pin one. Materials Header Cold Rolled Steel/Nickel/Gold Cover Kovar/Nickel (SMHF Series Cold Rolled Steel/Nickel/Gold) Pins #52 alloy/Gold compression glass seal Case dimensions in inches (mm) Tolerance 0.005 (0.13) for three decimal places 0.01 (0.3) for two decimal places unless otherwise specified CAUTION Heat from reflow or wave soldering may damage the device. Solder pins individually with heat application not exceeding 300C for 10 seconds per pin.
CASE E BOTTOM VIEW See Figures 16 - 18 for pin configurations.
1.130 max (28.70)
1.460 max (37.08)
FIGURE 15: CASE E MAXIMUM DIMENSIONS
BOTTOM VIEW CASE E1 MHF+ Series Single and Dual: Screening - Standard, ES, or 883 MHF Series and LIM5050 Module: Screening - Standard or ES SMHF Series Single and Dual and SLIM5050 Module: Screening - Space Standard, H, or K HR120 Series: No screening options
Seam Seal Projection Weld Squared corner and dot on top of case indicate pin one.
0.960 (24.38) 0.030 dia. (0.76)
1
2
3
4
5
0.160 (4.06) 0.000 0.330 max (8.38) 0.000 0.25 (6.35) 0.25 (6.35) 0.330 max (8.38) 0.000 0.000
8
7
6
0.205 (5.21)
FIGURE 16: CASE E1
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer to the numerical dimensions for accuracy.
B8-10
0.505 (12.83) 0.705 (17.91) 0.905 (22.99) 1.105 (28.07)
CASES
BOTTOM VIEW CASE E2 MHF+ Series Triple: Screening - Standard, ES, or 883
Seam Seal Projection Weld Squared corner and dot on top of case indicate pin one.
0.960 (24.38) 0.030 dia. (0.76)
CASE E
1
2
3
4
5
0.160 (4.06) 0.000 0.330 max (8.38) 0.25 (6.35) 0.330 max (8.38) 0.25 (6.35) 0.000 0.000 0.000
9
8
7
6
0.205 (5.21)
FIGURE 17: CASE E2
BOTTOM VIEW CASE E3 FMH EMI Filter: Screening - Standard, ES, or 883
Seam Seal Projection Weld
0.030 dia. (0.76) 0.960 (24.38)
Squared corner and dot on case top indicate pin one.
0.505 (12.83) 0.705 (17.91) 0.905 (22.99) 1.105 (28.07) 2 3 4 1.205 (30.61)
1
0.560 (14.22) 5
0.160 (4.06) 0.000 0.25 (6.35) 0.25 (6.35) 0.330 max (8.38) 0.000 0.330 max (8.38) 0.000 0.000
FIGURE 18: CASE E3
0.205 (5.21)
B8-11
QA SCREENING 125C PRODUCTS
125C PRODUCTS
TEST (125C Products) PRE-CAP INSPECTION Method 2017, 2032 TEMPERATURE CYCLE (10 times) Method 1010, Cond. C, -65C to 150C Method 1010, Cond. B, -55C to 125C CONSTANT ACCELERATION Method 2001, 3000 g Method 2001, 500 g BURN-IN Method 1015, 160 hours at 125C 96 hours at 125C case (typical) FINAL ELECTRICAL TEST MIL-PRF-38534, Group A Subgroups 1 through 6: -55C, +25C, +125C Subgroups 1 and 4: +25C case HERMETICITY TESTING Fine Leak, Method 1014, Cond. A Gross Leak, Method 1014, Cond. C Gross Leak, Dip (1 x 10-3) FINAL VISUAL INSPECTION Method 2009 STANDARD /ES /883 (Class H)* yes yes yes
no no
no yes
yes no
no no
no yes
yes no
no no
no yes
yes no
no yes
no yes
yes no
no no yes
yes yes no
yes yes no
yes
yes
yes
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534. *883 products are built with element evaluated components and are 100% tested and guaranteed over the full military temperature range of -55C to +125C. Applies to the following products MOR Series MHD Series MFLHP Series MHV Series MFL Series MHF+ Series MHP Series MHF Series** MTR Series MGA Series MQO Series** MSA Series MGH Series MCH Series FM-704A EMI Filter FMD**/FME EMI Filter FMC EMI Filter FMH EMI Filter FMGA EMI Filter FMSA EMI Filter HUM Modules** LCM Modules** LIM Modules
**MFLHP Series, MQO Series, MHF Series, FMD EMI Filters, Hum Modules, and LCM Modules do not offer `883" screening.
C2-10


▲Up To Search▲   

 
Price & Availability of FMH-461

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X