Part Number Hot Search : 
D7809 AN701 CAT24WC R2501 LA6548NH 0RPLS 24HCC K7253M
Product Description
Full Text Search
 

To Download FFCRF1S0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS COMPONENTS
Fused Coupler, Single Window, 980 nm FFCR Series
Key Features
* Ultra low-pump loss * Minimum wastage of pump power * High EDFA output power * Wide range of regular parts readily available * Proven reliability
Applications
* EDFA pump redundancy and sharing * EDFA pump monitoring * Fiber lasers
The 980 nm fused coupler enables the accurate splitting and monitoring of pump power in erbium-doped fiber amplifiers. In addition, JDSU manufacturing technology provides uniquely low excess loss, along with low polarization and temperature dependence for all ports. These high-performance standard parts are available with a variety of tap ratios and housing and connector options, and can therefore be specified for a wide range of applications, enabling rapid design cycles and new project builds. Standard variants for 960 nm and 1060 nm may also be selected.
Compliance
* Telcordia GR-1221
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
FUSED COUPLER, SINGLE WINDOW, 980 NM FFCR SERIES
2
Dimensions Diagrams Specifications in mm unless otherwise noted
1x2 Models, L-Package
1x2 Models, S-Package
0.9
3.56 2.0 54 3.0
70
Insertion Loss
Coupling Ratio
Grade
Signal Path Insertion Loss1,2 (Min./Max.) (dB) NA/0.15 NA/0.20 NA/0.40 NA/0.50 NA/0.65 NA/0.75 NA/1.40 NA/1.50 NA/2.00 NA/2.20 NA/2.60 NA/2.80 2.60/3.40 2.50/3.60
TDL Max. (dB) 0.02 0.02 0.08 0.08 0.08 0.08 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10
Tap Path Insertion Loss1,2 (Min./Max.) (dB) 18.4/21.5 15.0/22.0 11.3/14.8 11.0/15.2 9.00/11.5 8.50/11.8 5.60/8.40 5.40/8.60 4.10/6.40 4.00/6.50 3.20/4.70 3.10/4.80 2.60/3.40 2.50/3.60
TDL Max. (dB) 0.20 0.20 0.15 0.15 0.13 0.13 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10
1% 1% 5% 5% 10% 10% 20% 20% 30% 30% 40% 40% 50% 50%
P A P A P A P A P A P A P A
1. Insertion loss over operating wavelength range (not including PDL or connector losses). 2. In 2x2 couplers with a coupling ratio of 20 percent or lower, insertion loss is not specified for launch through second input port (P4).
FUSED COUPLER, SINGLE WINDOW, 980 NM FFCR SERIES
Specifications
Parameter Operating wavelength range1 Return loss/directivity Pigtail tensile load Optical Power handling Operating temperature range Storage temperature range Environmental qualification Package dimensions S package (D x L) L package (D x L) H package (L x W x H)
960 nm 955 to 965 nm Minimum Maximum Maximum
980 nm 975 to 985 nm 55 dB 5N 4W -5 to 75C -40 to 85C Telcordia GR-1221 3.0 x 54 mm 3.6 x 70 mm 85 x 17.8 x 7.5 mm
1060 nm 1055 to 1065 nm
1. For wavelength within 5 nm of the operating wavelength range, the worst-case changes in insertion loss and WDL are shown as follows: Tap ratio = 1%, maximum insertion loss and WDL increase = 0.65 dB. Tap ratio = 5%, maximum insertion loss and WDL increase = 0.50 dB. Tap ratio = 10%, maximum insertion loss and WDL increase = 0.40 dB. Tap ratio = 50%, maximum insertion loss and WDL increase = 0.20 dB.
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at customer.service@jdsu.com.
Sample: FFCR51H1PN510
FFCR
Code 5 8 F Passband Wavelength 980 nm 1060 nm 960 nm Code 1 5 A C E H K Coupling Ratio 1% 5% 10% 20% 30% 40% 50% Code 0 1 2 Configuration 1x1 (attenuator) 1x2 2x2
N
Code 2 5 Fiber Type Lucent BFO5635-02 Corning Hi 1060 Flex Code 0 1 2 3 4 5 6 7 8 9 A B C Connectors None FC/PC FC/SPC FC/APC SC/SPC SC/APC BICONIC D4 ST FC/UPC SC/UPC LC MU
Code A P
Grade Grade A Grade P
Code 0 1 2
Pigtail Length 0.5 m 1m 2m
Code H L S
Housing O 3.0 mm cable O 900 m fiber O 250 m fiber
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
Product specifications and descriptions in this document subject to change without notice. (c) 2008 JDS Uniphase Corporation 30162509 000 0908 FFCR.DS.CC.AE September 2008 Hi 1060 Flex is a registered trademark of Corning Incorporated. LC and ST are registered trademarks of Lucent Technologies. Telcordia is a registered trademark of Telcordia Technologies Incorporated.


▲Up To Search▲   

 
Price & Availability of FFCRF1S0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X