Part Number Hot Search : 
MHW5382 MAX6033 83C51 N6105 64472 TSOP11TB R1045 TSOP11TB
Product Description
Full Text Search
 

To Download ECJUVBPJ105M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer Ceramic Capacitors(2 Array Type)
Multilayer Ceramic Capacitors (2 Array Type)
Series:
ECJU
Recommended Applications
Features
Array of 2 capacitors within 0504 case size Single part placement, saving placement time and using less PC board area Advanced multi-layer technology that results in high capacitance within a very small packge RoHS compliant
Stabilization of power supply voltages and for filtering of noise Bypass capacitor for digital signal lines
Handling Precautions
See Page 48 to 53
Packaging Specifications
See Page 45, 46, 56
Discontinued / Revised Part Numbers,
Alternative Part Numbers
See Page 54, 55
Explanation of Part Numbers
1 2 3 4 5 6 7 8 9 10 11 12
E
C
J
U
V
Packaging Style Code
B
P
J
1
0
5
M
(Example)
Product Code (ECJ:Multilayer Ceramic Chip Capacitors)
Rated Voltage Code Nominal Capacitance
Capacitance Tolerance Code
Size Code
Temperature Characteristic Code
Construction
b d 2 3 4 a 1 c 5
No 1 2 3 4 5
Name Ceramic dielectric Internal electrode Substrate electrode Terminal electrode Intermediate electrode External electrode
Schematic b d
a
c
Dimensions in mm (not to scale)
BW1 W
Size Code Size (EIA) U 0504
L 1.370.15
W 1.00.1
T 0.60
+0.06 -0.10
BW 0.360.10 0.520.06
BW1 2.00.1 0.2+0.2 -0.1
P 0.640.10 0.810.06
L BW T
0.80.1
P
Packaging Styles and Standard Packaging Quantity
Packaging Style Code V Packaging Styles 180 reel Size Thickness (mm) Paper taping (Pitch : 4 mm) 0504 T=0.6 4,000
Quantity: pcs. / reel
T=0.8
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
00 Apr. 2008
- EC25 -
Multilayer Ceramic Capacitors(2 Array Type)
Temperature Characteristics
Class 1 Temperature Temperature Characteristic Code Characteristics C Class 2 Temperature Characteristic Code B CH Temp. Coeff. (ppm/C) 0 60 Rate of Capacitance change at each Temp. (%) -25 C 85 C max. min. max. min. 0.49 -0.27 0.39 -0.39
Temperature coefficient: calculated between 20 C to 85 C
Temperature Characteristics B X7R X5R
Capacitance Change 10 % 15 % 15 %
Measurement Temperature Range -25 to 85 C -55 to 125 C -55 to 85 C
Reference Temperature 20 C 25 C 25 C
For applicable "temperature characteristics", see the lists of standard products on page 27.
Rated Voltage
Code Rated Voltage 1H DC 50 V 1E DC 25 V 1C, PC DC 16 V 1A, PA DC 10 V PJ DC 6.3 V
Nominal Capacitance
Ex. Nominal Capacitance 100 10 pF 101 100 pF 103 10,000 pF (0.01 F) 104 100,000 pF (0.1 F) 105 1,000,000 pF (1.0 F)
Capacitance tolerance
Class 1 2 CH Temperature Characteristics C=10 pF Capacitance range C>10 pF B, X7R, X5R K M 10 % 20 % Tolerance Code F Capacitance Tolerance 1 pF
Specifications and Testing Methods
Item Operating Temperature Range Dielectric Withstanding Voltage Specifications Class 1 Temp. Char. CH: -55 to 125 C Class 2 Temp. Char. B, X7R: -55 to 125 C X5R: -55 to 85 C No dielectric breakdown and /or damage Test Method ------ Test voltage: Class 1: Rated voltage 300 % Class 2: Rated voltage 250 % Duration: 1 to 5 s Charge/discharge current: 50 mA max. Measuring voltage: Rated voltage Duration: 605 s Charge/discharge current: 50 mA max. Measuring temperature: 202 C Class 1 Measuring frequency Measuring voltage 1 MHz 10 % 0.5 to 5 Vrms
10000 M or 500/C (M ) Whichever is less Note: 100/C (M ) min. for DC 10 V max. C: Nominal Cap. in F Capacitance Within the specified tolerance tan : Q Factor or Q: Temp. Char. Dissipation Factor C < 30 pF: Q >400+20 C B, X7R: 0.025 max. (tan ) 30 pF1000 Please see the technical specifications for details. C: Nominal Cap. in pF
Insulation Resistance (I.R.)
Class 2 Preconditioning: The capacitors shall be kept in temperature of 150 +0/-10 C for 1 hour and subjected to standard condition 484 hours before initial measurement. Measuring frequency Measuring voltage 1 kHz 10 % 1.00.2 Vrms
Standard condition: Temperature 15 to 35 C, Relative humidity 45 to 75 %. For further information, see the technical specifications.
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
00 Apr. 2008
- EC26 -
Multilayer Ceramic Capacitors(2 Array Type)
Standard Products for EIA "0504", Taped Version
Rated voltage Capaci- Capacitance tance (pF) Tolerance DC 50 V Part No. Dim. T (mm) Temp. Char. CH
Class 1 Temperature Characteristic Code: C (Temperature Characteristics: CH)
10 1 pF (F) ECJUVC1H100F 0.6 ECJUVC1H220K 0.6 22 47 10 % (K) ECJUVC1H470K 0.6 ECJUVC1H101K 0.6 100
Standard packaging quantity of Packaging Style Code "V" (T = 0.6 mm): 4,000 pcs./reel Avoid flow soldering.
Class 2 Temperature Characteristic Code: B (Temperature Characteristics: B, X7R, X5R)
Rated voltage Capaci- Capacitance tance (pF) Tolerance DC 50 V Part No. Dim. T (mm) B Temp. Char. X7R DC 25 V Part No. Dim. T (mm) B Temp. Char. X7R DC 16 V Part No. Dim. T (mm) Temp. Char. X5R DC 10 V Part No. Dim. T (mm) Temp. Char. X5R
ECJUVB1H471M 0.6 470 ECJUVB1H102M 0.6 1000 ECJUVB1H222M 0.6 2200 4700 20 % (M) 10000 47000 100000 1000000 Rated voltage Capaci- Capacitance tance (F) Tolerance DC 6.3 V Part No. Dim. T (mm) Temp. Char. X5R
ECJUVB1E472M 0.6 ECJUVB1E103M 0.6 ECJUVB1C473M 0.6 ECJUVBPC105M 0.8 ECJUVB1A104M 0.6 ECJUVBPA105M 0.8
ECJUVBPJ105M 0.8 1 20 % (M) ECJUVBPJ225M 0.8 2.2
Standard packaging quantity of Packaging Style Code "V" (T = 0.6 mm, T = 0.8 mm): 4,000 pcs./reel Avoid flow soldering.
Cross talk characteristics [Ex.]
Temperature Characteristics X5R, 1.0 F
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 0.1 Measurement Circuit 50 50
Cross talk (dB)
50
1
10 100 Frequency (MHz)
1000
10000 Measuring sample : Mounting to the PC board.
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately.
00 Apr. 2008
- EC27 -
50


▲Up To Search▲   

 
Price & Availability of ECJUVBPJ105M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X